Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13109AFB Datasheet(PDF) 2 Page - Motorola, Inc

Part # MC13109AFB
Description  UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13109AFB Datasheet(HTML) 2 Page - Motorola, Inc

  MC13109AFB Datasheet HTML 1Page - Motorola, Inc MC13109AFB Datasheet HTML 2Page - Motorola, Inc MC13109AFB Datasheet HTML 3Page - Motorola, Inc MC13109AFB Datasheet HTML 4Page - Motorola, Inc MC13109AFB Datasheet HTML 5Page - Motorola, Inc MC13109AFB Datasheet HTML 6Page - Motorola, Inc MC13109AFB Datasheet HTML 7Page - Motorola, Inc MC13109AFB Datasheet HTML 8Page - Motorola, Inc MC13109AFB Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
MC13109A
2
MOTOROLA RF/IF DEVICE DATA
Figure 1. MC13109AFB Test Circuit
C1
9–35pF
C2
4.3pF
XL1
10.24
MHz
C44 10
µF
C4
0.01
µF
C3 0.047
µF
R33
3.0k
R34
1.5k
C45
0.1
µF
R35
32.4k
C46
0.0047
µF
R36
22.1k
C43 0.1
µF
R31
100k
R32
100k
VCC/2
Ext_Ref
VCCE
Rx_Audio
Open
C42
5.0nF
R29
49.9k
R30
49.9k
C40
1.0
µF
VCCA
C30
1.0
µF
Ext_C_In
R27
49.9k
C38
5.0nF
R28
49.9k
C47
1.0
µF
Tx_In
L1
Mix1_In
C36
0.01
µF
C35 0.01
µF
Open
In
Out
1
2
3
C34
1.0
µF
In
Out
1
2
3
Gnd
CF2
Ext_IF
455k
In
R23
10.2
R24
10
R23
1.5k
C33 0.1
µF
C32 0.1
µF
C31 0.1
µF
C30
0.1
µF
C29
10
µF
VCC
L2
R22
12k
C28
0.1
µF
C27 0.1
µF
R21 8.2k
C26
0.01
µF
Det_Out
Audio_In_In
R20
49.9k
C25
1.0
µF
C24
510pF
R19
49.9k
Pre_Amp
R18
20k
R17
5.62k
C22
0.1
µF
C21
0.033
µF
C23
0.001
µF
DA_Fil
DA_In
VCCA
C19
10
µF
C20
0.1
µF
E_Out
Exp_IF
Ext_SA_In
C18
1.0
µF
R16
49.9k
C16
510
pF
R14
130
SA_Out
R13
3.9k
VCCD
VCC
R12
100k
C15
10pF
U1
DA
DB
VCC
LS09
Out
Gnd
U1
DA
DB
VCC
LS09
Out
Gnd
U1
DA
DB
VCC
LS09
Out
Gnd
U1
DA
DB
VCC
LS09
Out
Gnd
Clk_5.0V
Open
VCCE
R11 1.0k
Clk_5.0V
EN_5.0V
R10 1.0k
R9
1.0k
EN_5.0V
Open
Open
Data_5.0V
5.0V
1
2
14
3
7
6
7
4
5
14
8
7
10
9
14
13
12
14
11
7
MPS5179
Q1
R6
1.0k
C12 33pF
C11 47pF
C10
68pF
R7
22.1k
R5 22.1k
C9
33pF
L3 0.22
µH
C8 18pF
C7
15pF
1N5140
C6 0.022
µF
R4
100k
R2
32.4k
C5
0.1
µF
R3
32.4k
R1
1.5k
C48
1.0
µF
VCCA
C14
1.0
µF
R8
100k
Tx_VCO
Ext
50
C17
47
µF
LO2
In
LO2
Out
PLL
Vref
Rx
PD
Gnd
PLL
Tx
PD
Ecap
Tx
VCO
Data
EN
Clk
Clk
Out
CD
Out/
Hardware
Interrupt
BD
Out
DA
Out
SA
Out
SA
In
E
Out
VCC
Audio
DA
In
Pre–
Amp
Out
Rx
Audio
In
Det
Out
RSSI
Q Coil
VCC RF
Lim C2
Lim C1
Lim In
Gnd RF
Mix2 Out
Mix2 In
VB
Mix1 Out
Mix1 In2
Mix1
In1
LO1
In
LO1
Out
Vcap
Ctrl
Gnd
Audio
Tx
In
Amp
Out
C In
C
Cap
Lim
Out
Spl
Amp
In
Tx
Out
Ref
N/A
N/A
Status
Out
N/A
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
14
15
16
17
18
19
20
21
22
23
24
25
26
VB
PLL Vref
Low
Battery
Detect
VB
Spkr
Mute
Carrier
Detect
RSSI
1st LO
2nd Mix
ALC
13
12
11
10
9
8
7
6
5
4
3
2
1
TOKO
A7MES–12597Z
VCC
330
VB
Ref
Spkr
Amp
Vol
Ctrl
Expander
E
Cap
Data
Amp
VB
Pre–
Amp
2nd LO
1st
Mix
Compressor
Limiter
2nd
LO
Spl
Amp
Tx
Mute
Half Supply
Reference
1st LO
+–
+–
+–
+–
R15
49.9k
C13
0.01
µF
Rx
Mute
C41
0.47
µF
MIC_
Amp
Out
Open
LO1
12b Prog
Ref Ctr
÷1 ÷4 ÷25


Similar Part No. - MC13109AFB

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
MC13109FB MOTOROLA-MC13109FB Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
MC13109FTA MOTOROLA-MC13109FTA Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
More results

Similar Description - MC13109AFB

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
MC13110A MOTOROLA-MC13110A Datasheet
1Mb / 68P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
logo
List of Unclassifed Man...
PCT14 ETC1-PCT14 Datasheet
396Kb / 11P
   Cordless Telephone Handest Subsystem
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
   Cordless Universal Telephone Interface
logo
NXP Semiconductors
UAA2062 PHILIPS-UAA2062 Datasheet
170Kb / 40P
   Analog cordless telephone IC
2000 Aug 10
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
   Cordless Telephone Speech Network IC
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
   Cordless Telephone Speech Network IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
   SINGLE CHIP CORDLESS TELEPHONE IC
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
   COMPANDER IC FOR CORDLESS TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
   Single-chip Cordless Telephone IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com