Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13109AFB Datasheet(PDF) 5 Page - Motorola, Inc

Part # MC13109AFB
Description  UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13109AFB Datasheet(HTML) 5 Page - Motorola, Inc

  MC13109AFB Datasheet HTML 1Page - Motorola, Inc MC13109AFB Datasheet HTML 2Page - Motorola, Inc MC13109AFB Datasheet HTML 3Page - Motorola, Inc MC13109AFB Datasheet HTML 4Page - Motorola, Inc MC13109AFB Datasheet HTML 5Page - Motorola, Inc MC13109AFB Datasheet HTML 6Page - Motorola, Inc MC13109AFB Datasheet HTML 7Page - Motorola, Inc MC13109AFB Datasheet HTML 8Page - Motorola, Inc MC13109AFB Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
MC13109A
5
MOTOROLA RF/IF DEVICE DATA
ELECTRICAL CHARACTERISTICS (continued)
FM Receiver
The FM receivers can be used with either a quad coil or a
ceramic resonator. The FM receiver and 1st LO have been
designed to work for all country channels, including 25
channel U.S., without the need for any external switching
circuitry (see Figure 25.)
(Test Conditions: VCC = 2.6 V, TA = 25°C, fO = 46.61 MHz, fDEV = ± 3.0 kHz, fmod = 1.0 kHz.)
Characteristic
Condition
Input
Pin
Measure
Pin
Symbol
Min
Typ
Max
Unit
Sensitivity (Input for
12 dB SINAD)
Matched Impedance
Differential Input
Mix1
In1/2
Det Out
VSIN
0.7
µVrms
1st Mixer Voltage
Conversion Gain
Vin = 1.0 mVrms, with
CF1 as Load
Mix1
In1/2
Mix1 Out
MXgain1
10
dB
2nd Mixer Voltage
Conversion Gain
Vin = 3.0 mVrms, with
CF2 as Load
Mix2 In
Mix2 Out
MXgain2
20
dB
1st Mixer Input
Impedance
Mix1 In1
Mix1 In2
RP1
CP1
0.88
2.5
k
pF
2nd Mixer Input
Impedance
Mix2 In
RP2
CP2
3.0
2.7
k
pF
1st Mixer Output
Impedance
Mix1 Out
RP1 Out
CP1 Out
390
1.8
pF
2nd Mixer Output
Impedance
Mix2 Out
RP2 Out
CP2 Out
1.5
12
k
pF
1st and 2nd Mixer
Voltage Gain Total
Vin = 1.0 mVrms, with
CF1 and CF2 as Load
Mix1
In1/2
Mix2 Out
MXgainT
24
27
dB
IF – 3.0 dB Limiting
Sensitivity
fin = 455 kHz
Lim In
Det Out
IF Sens
55
100
µVrms
Total Harmonic Distortion
(CCITT Filter)
With RC = 8.2 kΩ/
0.01
µF Filter at Det
Out
Mix1
In1/2
Det Out
THD
1.0
3.0
%
Recovered Audio
With RC = 8.2 kΩ/
0.01
µF Filter at Det
Out
Mix1
In1/2
Det Out
AFO
80
100
154
mVrms
Demodulator Bandwidth
Lim In
Det Out
BW
20
kHz
Signal to Noise Ratio
Vin = 10 mVrms,
RC = 8.2 kΩ/0.01 µF
Mix1
In1/2
Det Out
SN
50
dB
AM Rejection Ratio
30% AM, Vin =
10 mVrms,
RC = 8.2 kΩ/0.001 µF
Mix1
In1/2
Det Out
AMR
30
40
dB
First Mixer 3rd Order
Intercept (Input
Referred)
Matched Impedance
Input
Mix1
In1/2
Mix1 Out
TOImix1
–10
dBm
Second Mixer 3rd Order
Intercept (Input
Referred)
Matched Impedance
Input
Mix2 In
Mix2 Out
TOImix2
–27
dBm
Detector Output
Impedance
Det Out
ZO
870


Similar Part No. - MC13109AFB

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
MC13109FB MOTOROLA-MC13109FB Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
MC13109FTA MOTOROLA-MC13109FTA Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
More results

Similar Description - MC13109AFB

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
MC13110A MOTOROLA-MC13110A Datasheet
1Mb / 68P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
logo
List of Unclassifed Man...
PCT14 ETC1-PCT14 Datasheet
396Kb / 11P
   Cordless Telephone Handest Subsystem
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
   Cordless Universal Telephone Interface
logo
NXP Semiconductors
UAA2062 PHILIPS-UAA2062 Datasheet
170Kb / 40P
   Analog cordless telephone IC
2000 Aug 10
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
   Cordless Telephone Speech Network IC
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
   Cordless Telephone Speech Network IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
   SINGLE CHIP CORDLESS TELEPHONE IC
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
   COMPANDER IC FOR CORDLESS TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
   Single-chip Cordless Telephone IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com