Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDTCSPT857CNLGI Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDTCSPT857CNLGI
Description  2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTCSPT857CNLGI Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDTCSPT857CNLGI Datasheet HTML 3Page - Integrated Device Technology IDTCSPT857CNLGI Datasheet HTML 4Page - Integrated Device Technology IDTCSPT857CNLGI Datasheet HTML 5Page - Integrated Device Technology IDTCSPT857CNLGI Datasheet HTML 6Page - Integrated Device Technology IDTCSPT857CNLGI Datasheet HTML 7Page - Integrated Device Technology IDTCSPT857CNLGI Datasheet HTML 8Page - Integrated Device Technology IDTCSPT857CNLGI Datasheet HTML 9Page - Integrated Device Technology IDTCSPT857CNLGI Datasheet HTML 10Page - Integrated Device Technology IDTCSPT857CNLGI Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
IDTCSPT857C
2.5V - 2.6V PLL DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE FOR PC3200
FollowingConditionsApplyUnlessOtherwiseSpecified:
Commercial: TA = 0°C to +70°C; Industrial: TA = -40°C to +85°C
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VIK
InputClampVoltage(AllInputs)
VDDQ = 2.5V, II = -18mA

– 1.2
V
VIL(dc)
StaticInputLOWVoltage
PWRDWN
– 0.3
0.7
V
VIH(dc)
Static Input HIGH Voltage
PWRDWN
1.7
VDDQ + 0.3
VIL(ac)
DynamicInputLOWVoltage
CLK, CLK, FBIN, FBIN

0.7
V
VIH(ac)
Dynamic Input HIGH Voltage
CLK, CLK, FBIN, FBIN
1.7
VDDQ
VOL
OutputLOWVoltage
AVDD/VDDQ = Min., IOL = 100
µA
0.1
V
AVDD/VDDQ = Min., IOL = 12mA
0.6
VOH
Output HIGH Voltage
AVDD/VDDQ = Min., IOH = -100
µAVDDQ – 0.1
V
AVDD/VDDQ = Min., IOH = -12mA
1.7
VIX
InputDifferentialCrossVoltage
VDDQ/2 – 0.2
VDDQ/2 + 0.2
V
VID(DC)(1)
DCInputDifferentialVoltage
0.36
VDDQ + 0.6
V
VID(AC)(1)
ACInputDifferentialVoltage
0.7
VDDQ + 0.6
V
IIN
InputCurrent
VDDQ = 2.7V, VI = 0V to 2.7V
±10
µA
IDDPD
Power-Down Current on VDDQ and AVDD
AVDD/VDDQ = Max., CLK = 0MHz or PWRDWN = L
100
200
µA
IDDQ
Dynamic Power Supply Current on VDDQ
AVDD/VDDQ = Max., CLK = 200MHz, 120
Ω/14pF
320
360
mA
AVDD/VDDQ = Max., CLK = 200MHz, 120
Ω/14pF
250
300
IADD
Dynamic Power Supply Current on AVDD
AVDD/VDDQ = Max., CLK = 200MHz
12
mA
NOTE:
1. VID is the magnitude of the difference between the input level on CLK and the input level on CLK.
TIMING REQUIREMENTS FOR PC3200
Symbol
Parameter
Min.
Max.
Unit
fCLK
OperatingClockFrequency(1,2)
60
220
MHz
ApplicationClockFrequency(1,3)
60
220
MHz
tDC
Input Clock Duty Cycle
40
60
%
tL
StabilizationTime(4)
100
µs
NOTES:
1. The PLL will track a spread spectrum clock input.
2. Operating clock frequency is the range over which the PLL will lock, but may not meet all timing specifications.
3. Application clock frequency is the range over which timing specifications apply.
4. Stabilization time is the time required for the integrated PLL circuit to obtain phase lock of its feedback signal to its reference signal after power up.
TIMING REQUIREMENTS FOR PC1600 - PC2700
Symbol
Parameter
Min.
Max.
Unit
fCLK
OperatingClockFrequency(1,2)
60
200
MHz
ApplicationClockFrequency(1,3)
60
200
MHz
tDC
Input Clock Duty Cycle
40
60
%
tL
StabilizationTime(4)
100
µs
NOTES:
1. The PLL will track a spread spectrum clock input.
2. Operating clock frequency is the range over which the PLL will lock, but may not meet all timing specifications.
3. Application clock frequency is the range over which timing specifications apply.
4. Stabilization time is the time required for the integrated PLL circuit to obtain phase lock of its feedback signal to its reference signal after power up.


Similar Part No. - IDTCSPT857CNLGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTCSPT857 IDT-IDTCSPT857 Datasheet
124Kb / 12P
   2.5V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPT857A IDT-IDTCSPT857A Datasheet
124Kb / 12P
   2.5V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPT857ABV IDT-IDTCSPT857ABV Datasheet
124Kb / 12P
   2.5V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPT857ABVI IDT-IDTCSPT857ABVI Datasheet
124Kb / 12P
   2.5V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPT857APA IDT-IDTCSPT857APA Datasheet
124Kb / 12P
   2.5V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
More results

Similar Description - IDTCSPT857CNLGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CSPT857D RENESAS-CSPT857D Datasheet
347Kb / 16P
   2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
NOVEMBER 2008
logo
Integrated Device Techn...
IDTCSPT857D IDT-IDTCSPT857D Datasheet
138Kb / 15P
   2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
logo
Renesas Technology Corp
CSPT857C RENESAS-CSPT857C Datasheet
348Kb / 16P
   2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
NOVEMBER 2008
logo
Integrated Device Techn...
IDTCSPT857A IDT-IDTCSPT857A Datasheet
124Kb / 12P
   2.5V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPU877D IDT-IDTCSPU877D Datasheet
139Kb / 13P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPU877A IDT-IDTCSPU877A Datasheet
139Kb / 13P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
logo
Renesas Technology Corp
CSPU877 RENESAS-CSPU877 Datasheet
306Kb / 14P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
OCTOBER 2006
logo
Integrated Device Techn...
IDTCSPU877A IDT-IDTCSPU877A_06 Datasheet
121Kb / 13P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
logo
Renesas Technology Corp
CSPUA877 RENESAS-CSPUA877 Datasheet
292Kb / 14P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
OCTOBER 2006
logo
Integrated Device Techn...
IDTCSPUA877A IDT-IDTCSPUA877A Datasheet
116Kb / 14P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com