Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDTCSPT857C Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDTCSPT857C
Description  2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTCSPT857C Datasheet(HTML) 3 Page - Integrated Device Technology

  IDTCSPT857C Datasheet HTML 1Page - Integrated Device Technology IDTCSPT857C Datasheet HTML 2Page - Integrated Device Technology IDTCSPT857C Datasheet HTML 3Page - Integrated Device Technology IDTCSPT857C Datasheet HTML 4Page - Integrated Device Technology IDTCSPT857C Datasheet HTML 5Page - Integrated Device Technology IDTCSPT857C Datasheet HTML 6Page - Integrated Device Technology IDTCSPT857C Datasheet HTML 7Page - Integrated Device Technology IDTCSPT857C Datasheet HTML 8Page - Integrated Device Technology IDTCSPT857C Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
IDTCSPT857C
2.5V - 2.6V PLL DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
PIN CONFIGURATIONS
56 BALL VFBGA PACKAGE LAYOUT
AB
C
E
F
G
H
J
K
D
6
5
4
3
2
1
Y7
VDDQ
PWR
DWN
FBIN
FBOUT
Y6
GND
Y7
VDDQ
GND
FBIN FBOUT
Y5
Y6
Y5
GND
Y8
Y9
Y9
Y8
Y0
Y0
Y1
Y1
Y2
Y4
Y3
Y2
VDDQ
GND
GND
GND
VDDQ
VDDQ
GND
VDDQ
GND
GND
VDDQ
VDDQ
CLK
CLK
AVDD
VDDQ
GND
AGND
Y4
Y3
NC
NC
NC
NC
NC
NC
NC
NC
VFBGA
TOP VIEW
0.65mm
TOP VIEW
A
B
C
D
E
F
G
H
J
K
A
B
C
D
E
F
G
H
J
K
1
2
3
4
5
6
1
3
2
4
5
6


Similar Part No. - IDTCSPT857C

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTCSPT857 IDT-IDTCSPT857 Datasheet
124Kb / 12P
   2.5V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPT857A IDT-IDTCSPT857A Datasheet
124Kb / 12P
   2.5V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPT857ABV IDT-IDTCSPT857ABV Datasheet
124Kb / 12P
   2.5V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPT857ABVI IDT-IDTCSPT857ABVI Datasheet
124Kb / 12P
   2.5V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPT857APA IDT-IDTCSPT857APA Datasheet
124Kb / 12P
   2.5V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
More results

Similar Description - IDTCSPT857C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CSPT857D RENESAS-CSPT857D Datasheet
347Kb / 16P
   2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
NOVEMBER 2008
logo
Integrated Device Techn...
IDTCSPT857D IDT-IDTCSPT857D Datasheet
138Kb / 15P
   2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
logo
Renesas Technology Corp
CSPT857C RENESAS-CSPT857C Datasheet
348Kb / 16P
   2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
NOVEMBER 2008
logo
Integrated Device Techn...
IDTCSPT857A IDT-IDTCSPT857A Datasheet
124Kb / 12P
   2.5V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPU877D IDT-IDTCSPU877D Datasheet
139Kb / 13P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPU877A IDT-IDTCSPU877A Datasheet
139Kb / 13P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
logo
Renesas Technology Corp
CSPU877 RENESAS-CSPU877 Datasheet
306Kb / 14P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
OCTOBER 2006
logo
Integrated Device Techn...
IDTCSPU877A IDT-IDTCSPU877A_06 Datasheet
121Kb / 13P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
logo
Renesas Technology Corp
CSPUA877 RENESAS-CSPUA877 Datasheet
292Kb / 14P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
OCTOBER 2006
logo
Integrated Device Techn...
IDTCSPUA877A IDT-IDTCSPUA877A Datasheet
116Kb / 14P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com