Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA329V-16AU Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATMEGA329V-16AU
Description  8-bit Microcontroller with In-System Programmable Flash
Download  375 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA329V-16AU Datasheet(HTML) 2 Page - ATMEL Corporation

  ATMEGA329V-16AU Datasheet HTML 1Page - ATMEL Corporation ATMEGA329V-16AU Datasheet HTML 2Page - ATMEL Corporation ATMEGA329V-16AU Datasheet HTML 3Page - ATMEL Corporation ATMEGA329V-16AU Datasheet HTML 4Page - ATMEL Corporation ATMEGA329V-16AU Datasheet HTML 5Page - ATMEL Corporation ATMEGA329V-16AU Datasheet HTML 6Page - ATMEL Corporation ATMEGA329V-16AU Datasheet HTML 7Page - ATMEL Corporation ATMEGA329V-16AU Datasheet HTML 8Page - ATMEL Corporation ATMEGA329V-16AU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 375 page
background image
2
ATmega329/3290/649/6490
2552H–AVR–11/06
Features (Continued)
Ultra-Low Power Consumption
– Active Mode:
1 MHz, 1.8V: 350 µA
32 kHz, 1.8V: 20 µA (including Oscillator)
32 kHz, 1.8V: 40 µA (including Oscillator and LCD)
– Power-down Mode:
100 nA at 1.8V
Pin Configurations
Figure 1. Pinout ATmega3290/6490
PA3 (COM3)
PA4 (SEG0)
PA5 (SEG1)
PA6 (SEG2)
PA7 (SEG3)
PG2 (SEG4)
PC7 (SEG5)
PC6 (SEG6)
DNC
PH3 (PCINT19/SEG7)
PH2 (PCINT18/SEG8)
PH1 (PCINT17/SEG9)
PH0 (PCINT16/SEG10)
DNC
DNC
DNC
DNC
PC5 (SEG11)
PC4 (SEG12)
PC3 (SEG13)
PC2 (SEG14)
PC1 (SEG15)
PC0 (SEG16)
PG1 (SEG17)
PG0 (SEG18)
INDEX CORNER
ATmega3290/6490
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
LCDCAP
(RXD/PCINT0) PE0
(TXD/PCINT1) PE1
(XCK/AIN0/PCINT2) PE2
(AIN1/PCINT3) PE3
(USCK/SCL/PCINT4) PE4
(DI/SDA/PCINT5) PE5
(DO/PCINT6) PE6
(CLKO/PCINT7) PE7
VCC
GND
DNC
(PCINT24/SEG35) PJ0
(PCINT25/SEG34) PJ1
DNC
DNC
DNC
DNC
(SS/PCINT8) PB0
(SCK/PCINT9) PB1
(MOSI/PCINT10) PB2
(MISO/PCINT11) PB3
(OC0A/PCINT12) PB4
(OC1A/PCINT13) PB5
(OC1B/PCINT14) PB6
TQFP


Similar Part No. - ATMEGA329V-16AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA329V-8AI ATMEL-ATMEGA329V-8AI Datasheet
329Kb / 28P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA329V-8AI ATMEL-ATMEGA329V-8AI Datasheet
6Mb / 392P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA329V-8AI ATMEL-ATMEGA329V-8AI Datasheet
783Kb / 29P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA329V-8AU ATMEL-ATMEGA329V-8AU Datasheet
329Kb / 28P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA329V-8AU ATMEL-ATMEGA329V-8AU Datasheet
6Mb / 392P
   8-bit Microcontroller with In-System Programmable Flash
More results

Similar Description - ATMEGA329V-16AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA329 ATMEL-ATMEGA329_07 Datasheet
6Mb / 392P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA329V_0611 ATMEL-ATMEGA329V_0611 Datasheet
3Mb / 375P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325 ATMEL-ATMEGA325_07 Datasheet
780Kb / 29P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA329_071 ATMEL-ATMEGA329_071 Datasheet
783Kb / 29P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325_0611 ATMEL-ATMEGA325_0611 Datasheet
3Mb / 353P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325 ATMEL-ATMEGA325 Datasheet
2Mb / 347P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA329 ATMEL-ATMEGA329_06 Datasheet
329Kb / 28P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325 ATMEL-ATMEGA325_06 Datasheet
322Kb / 27P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A_14 Datasheet
5Mb / 336P
   8-bit Microcontroller with 32KBytes In-System Programmable Flash
ATMEGA128 ATMEL-ATMEGA128_02 Datasheet
349Kb / 16P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467CS-AVR-02/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com