Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSA1162Y-3E Datasheet(PDF) 2 Page - Continental Device India Limited

Part # CSA1162Y-3E
Description  LOW FREQUENCY GENERAL PURPOSE AMPLIFIER TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSA1162Y-3E Datasheet(HTML) 2 Page - Continental Device India Limited

  CSA1162Y-3E Datasheet HTML 1Page - Continental Device India Limited CSA1162Y-3E Datasheet HTML 2Page - Continental Device India Limited CSA1162Y-3E Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 2 of 2
Total power dissipation at Tamb = 25°C
Ptot
max.
150 mW
Storage temperature
Tstg
–50 to +150 ° C
Junction temperature
Tj
max.
150 ° C
CHARACTERISTICS (at TA = 25°C unless otherwise specified)
Collector-emitter breakdown voltage
–IC = 1 mA; IB = 0
–V(BR)CEO min
50 V
Collector cut-off current
–VCB = 50 V; IE = 0
–ICBO
max.
100 nA
Emitter cut-off current
VEB = 5 V; IC = 0
IEBO
max.
100 nA
Saturation voltage
–IC = 100 mA; –IB = 10 mA
–VCEsat
max.
0.3 V
D.C. current gain
IC = 2 mA; –VCE = 6 V
hFE
min.
70
max.
400
Y
min.
120
max.
240
GR(G)
min.
200
max.
400
Transition frequency
VCE = 10 V; IC = 1 mA
fT
min.
80 MHz
Collector output capacitance
VCB = 10 V; IE = 0; f = 1 MHz
Cob
max.
7 pF
Noise figure
VCE = 6 V; IC = 0.1 mA
f = 1 kHz; Rg = 10 kW
NF
max.
10 dB
CSA1162


Similar Part No. - CSA1162Y-3E

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
CSA1162GR RECTRON-CSA1162GR Datasheet
27Kb / 2P
   SOT-23 - Power Transistor and Darlingtons
More results

Similar Description - CSA1162Y-3E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
EC3101C SANYO-EC3101C Datasheet
35Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
15C01SS SANYO-15C01SS_12 Datasheet
514Kb / 6P
   Low-Frequency General-Purpose Amplifier Applications
50C02CH SANYO-50C02CH Datasheet
56Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
logo
Unisonic Technologies
2SK303 UTC-2SK303_11 Datasheet
131Kb / 2P
   LOW-FREQUENCY GENERAL-PURPOSE AMPLIFIER APPLICATIONS
logo
Sanyo Semicon Device
12A02CH SANYO-12A02CH Datasheet
41Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
08C02SS SANYO-08C02SS Datasheet
30Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
12A01SS SANYO-12A01SS Datasheet
32Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
12A02MH SANYO-12A02MH Datasheet
32Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
CPH6517 SANYO-CPH6517 Datasheet
25Kb / 3P
   Low-Frequency General-Purpose Amplifier Applications
30A02SS SANYO-30A02SS Datasheet
39Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com