Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVX373M Datasheet(PDF) 8 Page - STMicroelectronics

Part # 74LVX373M
Description  LOW VOLTAGE CMOS OCTAL D-TYPE LATCH (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVX373M Datasheet(HTML) 8 Page - STMicroelectronics

Back Button 74LVX373M Datasheet HTML 2Page - STMicroelectronics 74LVX373M Datasheet HTML 3Page - STMicroelectronics 74LVX373M Datasheet HTML 4Page - STMicroelectronics 74LVX373M Datasheet HTML 5Page - STMicroelectronics 74LVX373M Datasheet HTML 6Page - STMicroelectronics 74LVX373M Datasheet HTML 7Page - STMicroelectronics 74LVX373M Datasheet HTML 8Page - STMicroelectronics 74LVX373M Datasheet HTML 9Page - STMicroelectronics 74LVX373M Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
74LVX373
8/10
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
2.65
0.104
a1
0.1
0.2
0.004
0.008
a2
2.45
0.096
b
0.35
0.49
0.014
0.019
b1
0.23
0.32
0.009
0.012
C
0.5
0.020
c1
45
° (typ.)
D
12.60
13.00
0.496
0.512
E
10.00
10.65
0.393
0.419
e
1.27
0.050
e3
11.43
0.450
F
7.40
7.60
0.291
0.300
L
0.50
1.27
0.020
0.050
M
0.75
0.029
S8
° (max.)
SO-20 MECHANICAL DATA
PO13L


Similar Part No. - 74LVX373M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX373M FAIRCHILD-74LVX373M Datasheet
80Kb / 7P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
logo
National Semiconductor ...
74LVX373M NSC-74LVX373M Datasheet
141Kb / 8P
   Low Voltage Octal Transparent Latch with TRI-STATE Outputs
logo
ON Semiconductor
74LVX373M ONSEMI-74LVX373M Datasheet
198Kb / 9P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
Revised April 2005
logo
Fairchild Semiconductor
74LVX373MTC FAIRCHILD-74LVX373MTC Datasheet
80Kb / 7P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
logo
National Semiconductor ...
74LVX373MTC NSC-74LVX373MTC Datasheet
141Kb / 8P
   Low Voltage Octal Transparent Latch with TRI-STATE Outputs
More results

Similar Description - 74LVX373M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVX373 STMICROELECTRONICS-74LVX373_04 Datasheet
300Kb / 13P
   LOW VOLTAGE CMOS OCTAL D-TYPE LATCH (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
74LVX573 STMICROELECTRONICS-74LVX573 Datasheet
210Kb / 10P
   LOW VOLTAGE CMOS OCTAL D-TYPE LATCH (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
74LVX573 STMICROELECTRONICS-74LVX573_04 Datasheet
299Kb / 13P
   LOW VOLTAGE CMOS OCTAL D-TYPE LATCH (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
74LVX374 STMICROELECTRONICS-74LVX374 Datasheet
301Kb / 13P
   LOW VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
74LVX574 STMICROELECTRONICS-74LVX574 Datasheet
301Kb / 13P
   LOW VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
74LVX541 STMICROELECTRONICS-74LVX541 Datasheet
291Kb / 12P
   LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
74LVX240 STMICROELECTRONICS-74LVX240 Datasheet
258Kb / 12P
   LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE INV.) WITH 5V TOLERANT INPUTS
74LCX240 STMICROELECTRONICS-74LCX240_04 Datasheet
241Kb / 12P
   LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE INV.) WITH 5V TOLERANT INPUTS AND OUTPUTS
74LCX240M STMICROELECTRONICS-74LCX240M Datasheet
187Kb / 9P
   LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE INV) WITH 5V TOLERANT INPUTS AND OUTPUTS
74LCX573 STMICROELECTRONICS-74LCX573 Datasheet
227Kb / 10P
   OCTAL D-TYPE LATCH NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com