Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V54C3256404VAB Datasheet(PDF) 6 Page - Mosel Vitelic, Corp

Part # V54C3256404VAB
Description  256Mbit SDRAM 3.3 VOLT, TSOP II / SOC BGA / WBGA PACKAGE 16M X 16, 32M X 8, 64M X 4
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V54C3256404VAB Datasheet(HTML) 6 Page - Mosel Vitelic, Corp

Back Button V54C3256404VAB Datasheet HTML 2Page - Mosel Vitelic, Corp V54C3256404VAB Datasheet HTML 3Page - Mosel Vitelic, Corp V54C3256404VAB Datasheet HTML 4Page - Mosel Vitelic, Corp V54C3256404VAB Datasheet HTML 5Page - Mosel Vitelic, Corp V54C3256404VAB Datasheet HTML 6Page - Mosel Vitelic, Corp V54C3256404VAB Datasheet HTML 7Page - Mosel Vitelic, Corp V54C3256404VAB Datasheet HTML 8Page - Mosel Vitelic, Corp V54C3256404VAB Datasheet HTML 9Page - Mosel Vitelic, Corp V54C3256404VAB Datasheet HTML 10Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
6
V54C3256(16/80/40)4V(T/S/B) Rev. 1.6 September 2002
MOSEL VITELIC
V54C3256(16/80/40)4V(T/S/B)
V 54 C 3 256XX 4 V B L S
Mosel Vitelic
Manufactured
SYNCHRONOUS
DRAM FAMILY
C=CMOS Family
3.3V, LVTTL INTERFACE
256Mb(8K Refresh)
4 Banks
V=LVTTL
Component Rev Level A=0.17um
Special
Feature
L=Low Power
SOC BGA
Device
Number
Speed
6 ns
7 ns
8 ns
B=0.14um
for 0.14um only
Component Package
Description
Pkg.
Pin Count
SOC BGA
S
60
DQ10
VDDQ
NC
NC
NC
NC
A12
A11
VDDQ
DQ11
A8
A6
A4
VSSQ
DQ9
DQ8
VSS
DQMH
CLK
CKE
A9
VSSQ
DQ13
DQ12
A7
A5
VSS
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
DQ14
DQ15
VSS
NC
VDDQ
NC
NC
NC
NC
A12
A11
VDDQ
DQ5
A8
A6
A4
VSSQ
DQ4
NC
VSS
DQM
CLK
CKE
A9
VSSQ
DQ6
NC
A7
A5
VSS
NC
DQ7
VSS
12
1
2
X16
X8
NC
VDDQ
NC
NC
NC
NC
A12
A11
VDDQ
NC
A8
A6
A4
VSSQ
DQ2
NC
VSS
DQM
CLK
CKE
A9
VSSQ
DQ3
NC
A7
A5
VSS
NC
NC
VSS
12
X4
VDDQ
DQ1
NC
VDD
WE#
RAS#
NC
BA1
DQ0
NC
A0
A2
VDD
NC
VSSQ
NC
NC
CAS#
NC
CS#
BA0
NC
VSSQ
NC
A10
A1
A3
VDDQ
VDD
NC
12
X4
VDDQ
DQ3
NC
VDD
WE#
RAS#
NC
BA1
DQ1
NC
A0
A2
VDD
NC
VSSQ
NC
NC
CAS#
NC
CS#
BA0
NC
VSSQ
DQ2
A10
A1
A3
VDDQ
VDD
DQ0
12
X8
VDDQ
DQ6
DQ7
VDD
WE#
RAS#
NC
BA1
DQ2
DQ3
A0
A2
VDD
DQ5
VSSQ
NC
DQML
CAS#
NC
CS#
BA0
DQ1
VSSQ
DQ4
A10
A1
A3
VDDQ
VDD
DQ0
12
X16
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
TOP VIEW
(See Ball through the Package)
(60-Ball SOC BGA)
256 Mb SDRAM Ball Assignment
PIN A1 INDEX


Similar Part No. - V54C3256404VAB

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V54C3256404VB MOSEL-V54C3256404VB Datasheet
853Kb / 52P
   256Mbit SDRAM 3.3 VOLT, TSOP II / SOC BGA / WBGA PACKAGE 16M X 16, 32M X 8, 64M X 4
V54C3256404VS MOSEL-V54C3256404VS Datasheet
853Kb / 52P
   256Mbit SDRAM 3.3 VOLT, TSOP II / SOC BGA / WBGA PACKAGE 16M X 16, 32M X 8, 64M X 4
V54C3256404VT MOSEL-V54C3256404VT Datasheet
853Kb / 52P
   256Mbit SDRAM 3.3 VOLT, TSOP II / SOC BGA / WBGA PACKAGE 16M X 16, 32M X 8, 64M X 4
More results

Similar Description - V54C3256404VAB

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V54C3256 MOSEL-V54C3256 Datasheet
853Kb / 52P
   256Mbit SDRAM 3.3 VOLT, TSOP II / SOC BGA / WBGA PACKAGE 16M X 16, 32M X 8, 64M X 4
V54C3256164VBUC MOSEL-V54C3256164VBUC Datasheet
651Kb / 45P
   LOW POWER 256Mbit SDRAM 3.3 VOLT, 54-BALL SOC BGA 54-PIN TSOPII 16M X 16
logo
List of Unclassifed Man...
V55C2256164VB ETC1-V55C2256164VB Datasheet
560Kb / 46P
   256Mbit MOBILE SDRAM 2.5 VOLT FBGA PACKAGE 16M X 16
logo
Mosel Vitelic, Corp
V55C2128164V MOSEL-V55C2128164V Datasheet
591Kb / 44P
   128Mbit LOW-POWER SDRAM 2.5 VOLT, TSOP II / BGA PACKAGE 8M X 16
logo
Integrated Silicon Solu...
IS42S86400B ISSI-IS42S86400B Datasheet
913Kb / 61P
   64M x 8, 32M x 16 512Mb SYNCHRONOUS DRAM
logo
Samsung semiconductor
K4S560432B SAMSUNG-K4S560432B Datasheet
130Kb / 11P
   256Mbit SDRAM 16M x 4bit x 4 Banks Synchronous DRAM LVTTL
K4S560432A SAMSUNG-K4S560432A Datasheet
127Kb / 10P
   256Mbit SDRAM 16M x 4bit x 4 Banks Synchronous DRAM LVTTL
logo
Mosel Vitelic, Corp
V436516R04VATG-10PC MOSEL-V436516R04VATG-10PC Datasheet
223Kb / 12P
   3.3 VOLT 16M x 64 using 8M x 16 PC100 UNBUFFERED SDRAM MODULE
V436516R04VATG-75 MOSEL-V436516R04VATG-75 Datasheet
189Kb / 12P
   3.3 VOLT 16M x 64 using 8M x 16 PC133 UNBUFFERED SDRAM MODULE
logo
Siemens Semiconductor G...
HYS6472V16200GU SIEMENS-HYS6472V16200GU Datasheet
84Kb / 17P
   3.3 V 16M x 64/72-Bit SDRAM Modules 3.3 V 32M x 64/72-Bit SDRAM Modules 3.3 V 64M x 64/72-Bit SDRAM Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com