Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NM93CS56LEN Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NM93CS56LEN
Description  256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage (2.7V to 5.5V) and Data Protect (MICROWIRE-TM Bus Interface)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NM93CS56LEN Datasheet(HTML) 2 Page - National Semiconductor (TI)

  NM93CS56LEN Datasheet HTML 1Page - National Semiconductor (TI) NM93CS56LEN Datasheet HTML 2Page - National Semiconductor (TI) NM93CS56LEN Datasheet HTML 3Page - National Semiconductor (TI) NM93CS56LEN Datasheet HTML 4Page - National Semiconductor (TI) NM93CS56LEN Datasheet HTML 5Page - National Semiconductor (TI) NM93CS56LEN Datasheet HTML 6Page - National Semiconductor (TI) NM93CS56LEN Datasheet HTML 7Page - National Semiconductor (TI) NM93CS56LEN Datasheet HTML 8Page - National Semiconductor (TI) NM93CS56LEN Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Connection Diagrams
Dual-In-Line Package (N)
8-Pin SO Package (M8) and 8-Pin TSSOP Package (MT8)
TLD10044 – 2
Top View
See NS Package Number N08E (N)
See NS Package Number M08A (M8)
See NS Package Number MTC08 (MT8)
Pin Names
CS
Chip Select
SK
Serial Data Clock
DI
Serial Data Input
DO
Serial Data Output
GND
Ground
PE
Program Enable
PRE
Protect Register Enable
VCC
Power Supply
Ordering Information
Commercial Temp Range (0 Cto a70 C)
Order Number
NM93CS06LNNM93CS46LNNM93CS56LNNM93CS66LN
NM93CS06LM8NM93CS46LM8NM93CS56LM8NM93CS66LM8
NM93CS46LMT8NM93CS56LMT8NM93CS66LMT8
Extended Temp Range (b40 Cto a85 C)
Order Number
NM93CS06LENNM93CS46LENNM93CS56LENNM93CS66LEN
NM93CS06LEM8NM93CS46LEM8NM93CS56LEM8NM93CS66LEM8
NM93CS46LEMT8NM93CS56LEMT8NM93CS66LEMT8
Automotive Temp Range (b40 Cto a125 C)
Order Number
NM93CS06LVNNM93CS46LVNNM93CS56LVNNM93CS66LVN
NM93CS06LVM8NM93CS46LVM8NM93CS56LVM8NM93CS66LVM8
NM93CS46LVMT8NM93CS56LVMT8NM93CS66LVMT8
http
www nationalcom
2


Similar Part No. - NM93CS56LEN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM93CS56 FAIRCHILD-NM93CS56 Datasheet
163Kb / 16P
   (MICROWIRE??Bus Interface) 2048-Bit Serial EEPROM with Data Protect and Sequential Read
logo
National Semiconductor ...
NM93CS56EM8 NSC-NM93CS56EM8 Datasheet
201Kb / 14P
   (MICROWIRETM Bus Interface) 256-/1024-/2048-/4096-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS56EN NSC-NM93CS56EN Datasheet
201Kb / 14P
   (MICROWIRETM Bus Interface) 256-/1024-/2048-/4096-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS56M8 NSC-NM93CS56M8 Datasheet
201Kb / 14P
   (MICROWIRETM Bus Interface) 256-/1024-/2048-/4096-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS56MM8 NSC-NM93CS56MM8 Datasheet
201Kb / 14P
   (MICROWIRETM Bus Interface) 256-/1024-/2048-/4096-Bit Serial EEPROM with Data Protect and Sequential Read
More results

Similar Description - NM93CS56LEN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NM93C06L NSC-NM93C06L Datasheet
181Kb / 12P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage (2.7V to 5.5V) (MICROWIRE Bus Interface)
NM93C06LZ NSC-NM93C06LZ Datasheet
204Kb / 12P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Zero Power and Extended Voltage (2.7V to 5.5V)
NM93CS06 NSC-NM93CS06 Datasheet
201Kb / 14P
   (MICROWIRETM Bus Interface) 256-/1024-/2048-/4096-Bit Serial EEPROM with Data Protect and Sequential Read
logo
Fairchild Semiconductor
FM93CS66 FAIRCHILD-FM93CS66 Datasheet
171Kb / 16P
   (MICROWIRE??Bus Interface) 4096-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS66 FAIRCHILD-NM93CS66 Datasheet
163Kb / 16P
   (MICROWIRE??Bus Interface) 4096-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS56 FAIRCHILD-FM93CS56 Datasheet
171Kb / 16P
   (MICROWIRE??Bus Interface) 2048-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS56 FAIRCHILD-NM93CS56 Datasheet
163Kb / 16P
   (MICROWIRE??Bus Interface) 2048-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS46 FAIRCHILD-FM93CS46 Datasheet
172Kb / 16P
   (MICROWIRE??Bus Interface) 1024-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS46 FAIRCHILD-NM93CS46 Datasheet
163Kb / 16P
   (MICROWIRE??Bus Interface) 1024-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS06 FAIRCHILD-NM93CS06 Datasheet
164Kb / 16P
   (MICROWIRE??Bus Interface) 256-Bit Serial EEPROM with Data Protect and Sequential Read
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com