Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLC100-7 Datasheet(PDF) 8 Page - C&D Technologies

Part # SLC100-7
Description  40 Amp SINGLE OUTPUT QUARTER BRICK DC / DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

SLC100-7 Datasheet(HTML) 8 Page - C&D Technologies

Back Button SLC100-7 Datasheet HTML 2Page - C&D Technologies SLC100-7 Datasheet HTML 3Page - C&D Technologies SLC100-7 Datasheet HTML 4Page - C&D Technologies SLC100-7 Datasheet HTML 5Page - C&D Technologies SLC100-7 Datasheet HTML 6Page - C&D Technologies SLC100-7 Datasheet HTML 7Page - C&D Technologies SLC100-7 Datasheet HTML 8Page - C&D Technologies SLC100-7 Datasheet HTML 9Page - C&D Technologies SLC100-7 Datasheet HTML 10Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
SLC100 1.2V Rev C 11/2004
Product: www.cdpoweronline.com
SLC100 1.2VOUT ELECTRICAL SPECIFICATIONS
Specifications are at T
A = +25°C, Airflow = 300LFM (1.5m/s) at nominal input voltage unless otherwise specified.
Trim Up
Trim Down
Trim
Vout
Rtrim
Trim
Vout
Rtrim
(%)
(Vdc)
(Kohm)
(%)
(Vdc)
(Kohm)
1
1.212
325.6
1
1.188
353.5
2
1.224
166.49
2
1.176
172.07
3
1.236
112.1
3
1.164
112.78
4
1.248
84.92
4
1.152
83.56
5
1.260
68.26
5
1.140
65.83
6
1.272
57.44
6
1.128
54.01
7
1.284
49.64
7
1.116
45.66
8
1.296
43.68
8
1.104
39.36
9
1.308
39.09
9
1.092
34.47
10
1.320
35.37
10
1.080
30.61
TRIM RESISTANCE VALUES FOR 1.2V MODULE
* Note 1: Maximum output current for SMD Models is 25A.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT
Maximum Input Current
Full Load; Vin = 36Vdc
1.70
A
Inrush Charge
Vin = 75Vdc
0.180
mC
Reflected Ripple Current
Full Load, 20Mhz Bandwidth
0.100
Apk-pk
Input Voltage Ripple Rejection
Full Load (100Hz-1KHz)
-30
dB
No Load Input Current
No Load
55
mA
Disabled Input Current
3.0
mA
Recommended Input Fuse
Fast blow external fuse
7
A
OUTPUT
Voltage Setpoint
1.182
1.2
1.218
Vdc
Voltage Range
Over all conditions of line,
1.164
1.236
Vdc
load and temperature
Line Regulation
0.05
0.10
% of Vnom
Load Regulation
0.25
0.50
% of Vnom
Output Ripple
100
120
mVpk-pk
Output Current Range
0
401
A
Output Current Limit Inception
42
46
A
Efficiency
80
%
Transient Response
50% to 75% Load Step at di/dt
=0.1 A/μS;Cext=None
Peak Deviation
120
mV
Settling Time
300
μS
External Load Capacitance
50,000
μF
Rated Power
48
W


Similar Part No. - SLC100-7

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
SLC100-7 MURATA-PS-SLC100-7 Datasheet
150Kb / 9P
   40 Amp Single Output Quarter Brick DC/DC Converter
More results

Similar Description - SLC100-7

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
SLC100 MURATA-PS-SLC100 Datasheet
150Kb / 9P
   40 Amp Single Output Quarter Brick DC/DC Converter
logo
C&D Technologies
VKQ100MS1V8 CANDD-VKQ100MS1V8 Datasheet
191Kb / 5P
   40 AMP, 1.8 VOUT, QUARTER BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
VSX40MD23C MURATA-PS-VSX40MD23C Datasheet
129Kb / 4P
   40 Watt Dual Output Quarter Brick DC/DC Converter
logo
C&D Technologies
VSX40MD23 CANDD-VSX40MD23 Datasheet
153Kb / 4P
   40 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com