Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG317 Datasheet(PDF) 2 Page - Micro Electronics

Part # SG317
Description  1.5 AMP THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

SG317 Datasheet(HTML) 2 Page - Micro Electronics

  SG317 Datasheet HTML 1Page - Micro Electronics SG317 Datasheet HTML 2Page - Micro Electronics SG317 Datasheet HTML 3Page - Micro Electronics SG317 Datasheet HTML 4Page - Micro Electronics SG317 Datasheet HTML 5Page - Micro Electronics SG317 Datasheet HTML 6Page - Micro Electronics SG317 Datasheet HTML 7Page - Micro Electronics SG317 Datasheet HTML 8Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SG117A/SG117 SERIES
2/93 Rev 1.
2 10/02
LINFINITY Microelectronics Inc.
Copyright
 1994
11861 Western Avenue
∞ Garden Grove, CA 92841
2
(714) 898-8121
∞ FAX: (714) 893-2570
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, these specifications apply over full operating ambient temperatures for SG117A/SG117 with -55°C
≤ T
A
125°C, SG217A/
SG217 with -25°C
≤ T
A ≤ 150°C, SG 317A/SG317 with 0°C ≤ TA ≤ 125°C, VIN - VOUT = 5.0V , and for IOUT = 500mA (K, R,
and IG), and I
OUT = 100mA
(T and L packages). Although power dissipation is internally limited, these specifications are applicable for power dissipations of 2W for the T and L
packages, and 20W for the K, R, and IG packages. I
MAX is 1.5A for the K, R, and IG packages and 500mA for the T and L packages. Low duty cycle
pulse testing techniques are used which maintains junction and case temperatures equal to the ambient temperature.)
Power Dissipation ........................................
Input to Output Voltage Differential .................................
Storage Temperature Range ..........................
ABSOLUTE MAXIMUM RATINGS (Note 1)
Internally Limited
40V
-65
°C to 150°C
Operating Junction Temperature
Hermetic (K, R, T, L, IG-Packages) ............................
Lead Temperature (Soldering, 10 Seconds) ..............
150
°C
300
°C
Note 1. Exceeding these ratings could cause damage to the device.
Input Voltage Range ..............................
(V
OUT + 3.5V) to 37V
Operating Junction Temperature Range
SG117A/SG117 .........................................
SG217A/SG217 .........................................
SG317A/SG317 ............................................
-55°C to 150°C
-25°C to 150°C
0°C to 125°C
Note 2. Range over which the device is functional.
Note 3. These ratings are applicable for junction temperatures of less than 150°C.
RECOMMENDED OPERATING CONDITIONS (Note 2 & 3)
Units
SG117/SG217
Min.
Typ. Max.
Min.
Typ. Max.
SG117A/SG217A
Parameter
Test Conditions
I
OUT = 10mA
T
A = 25°C
3V
≤ (V
IN - VOUT) ≤ 40V, P ≤ PMAX,
10mA
≤ I
OUT ≤ IMAX
3V
≤ (V
IN - VOUT) ≤
40V, I
L = 10mA
T
A = 25°C
T
A = TMIN to T MAX
10mA
≤ I
OUT ≤ IMAX
V
OUT ≤ 5V, TA = 25°C
V
OUT ≥ 5V, TA = 25°C
V
OUT ≤ 5V
V
OUT ≥ 5V
T
A = 25°C, 20ms pulse
V
OUT =
10V, f =120Hz
C
ADJ = 1µF, TA = 25°C
C
ADJ = 10µF
10mA
≤ I
OUT ≤ IMAX , 2.5V ≤ (VIN - VOUT) ≤ 40V
1.238
1.225
66
1.250
1.250
0.005
0.01
5
0.1
20
0.3
0.002
65
80
50
0.2
1.262
1.270
0.01
0.02
15
0.3
50
1
0.02
100
5
1.20
66
1.25
0.01
0.02
5
0.1
20
0.3
0.03
65
80
50
0.2
1.30
0.02
0.05
15
0.3
50
1
0.07
100
5
V
V
%/V
%/V
mV
%
mV
%
%/W
dB
dB
µA
µA
K Package:
Thermal Resistance-Junction to Case,
θ
JC .................
3.0°C/W
Thermal Resistance-Junction to Ambient,
θ
JA .............. 35°C/W
R Package:
Thermal Resistance-Junction to Case,
θ
JC .................
5.0°C/W
Thermal Resistance-Junction to Ambient,
θ
JA .............
40°C/W
T Package:
Thermal Resistance-Junction to Case,
θ
JC ..................
15°C/W
Thermal Resistance-Junction to Ambient,
θ
JA ...........
120°C/W
IG Package:
Thermal Resistance-Junction to Case,
θ
JC .................
3.5°C/W
Thermal Resistance-Junction to Ambient,
θ
JA .............
42°C/W
L Package:
Thermal Resistance-Junction to Case,
θ
JC ..................
35°C/W
Thermal Resistance-Junction to Ambient,
θ
JA ...........
120°C/W
THERMAL DATA
Note A. Junction Temperature Calculation: T
J
= T
A
+ (P
D
x
θ
JA
).
Note B. The above numbers for
θ
JC are maximums for the limiting
thermal resistance of the package in a standard mount-
ing configuration. The
θ
JA numbers are meant to be
guidelines for the thermal performance of the device/pc-
board system. All of the above assume no ambient
airflow.
Reference Voltage
Line Regulation (Note 4)
Load Regulation (Note 4)
Thermal Regulation (Note 5)
Ripple Rejection
Adjust Pin Current
Adjust Pin Current Change


Similar Part No. - SG317

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG317 MICROSEMI-SG317 Datasheet
214Kb / 8P
   1.5 AMP THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
SG317 MICROSEMI-SG317 Datasheet
359Kb / 9P
   1.5A Three Terminal Adj. Voltage Regulator
SG317 MICROSEMI-SG317 Datasheet
365Kb / 9P
   TM 1.5A Three Terminal Adj. Voltage Regulator
logo
AMETHERM Circuit Protec...
SG317 AMETHERM-SG317 Datasheet
362Kb / 1P
   SURGE-GARD INRUSH CURRENT LIMITER
logo
Microsemi Corporation
SG317A MICROSEMI-SG317A Datasheet
214Kb / 8P
   1.5 AMP THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
More results

Similar Description - SG317

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG117A MICROSEMI-SG117A Datasheet
214Kb / 8P
   1.5 AMP THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
SGR117A MICROSEMI-SGR117A Datasheet
48Kb / 3P
   RAD HARD 1.5 AMP THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
logo
Seme LAB
IP137A SEME-LAB-IP137A_03 Datasheet
48Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137A SEME-LAB-IP137A Datasheet
43Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
ON Semiconductor
LM337 ONSEMI-LM337 Datasheet
172Kb / 8P
   THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR
1996 Rev 1
logo
Texas Instruments
LM117HV TI1-LM117HV_16 Datasheet
2Mb / 28P
[Old version datasheet]   High Voltage Three-Terminal Adjustable Regulator
logo
National Semiconductor ...
MDLM117-H NSC-MDLM117-H Datasheet
58Kb / 7P
   POSITIVE THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
OM7612ST ETC-OM7612ST Datasheet
35Kb / 4P
   1.5 AMP HIGH VOLTAGE NEGATIVE ADJUSTABLE REGULATOR
OM7620ST ETC1-OM7620ST Datasheet
37Kb / 4P
   1.5 AMP HIGH VOLTAGE POSITIVE ADJUSTABLE REGULATOR
OM7603ST ETC2-OM7603ST Datasheet
38Kb / 4P
   Three Terminal, Adjustable Voltage, 1.5 Amp Precision Negative Regulator In Hermetic JEDEC TO-257AA Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com