Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCK210BD Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCK210BD
Description  Low voltage dual 1-5 differential ECL/PECL clock driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK210BD Datasheet(HTML) 3 Page - NXP Semiconductors

  PCK210BD Datasheet HTML 1Page - NXP Semiconductors PCK210BD Datasheet HTML 2Page - NXP Semiconductors PCK210BD Datasheet HTML 3Page - NXP Semiconductors PCK210BD Datasheet HTML 4Page - NXP Semiconductors PCK210BD Datasheet HTML 5Page - NXP Semiconductors PCK210BD Datasheet HTML 6Page - NXP Semiconductors PCK210BD Datasheet HTML 7Page - NXP Semiconductors PCK210BD Datasheet HTML 8Page - NXP Semiconductors PCK210BD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product data
PCK210
Low voltage dual 1:5 differential
ECL/PECL clock driver
2004 Apr 23
3
Pin description
SYMBOL
PIN
DESCRIPTION
VCC
1
Supply voltage
n.c.
2
not connected
CLKA, CLKA
3, 4
Differential input pair
VBB
5
VBB output
CLKB, CLKB
6, 7
Differential input pair
VEE
8
Ground
VCCO
9, 16, 25, 32
Output drive power supply
voltage
QA0–QA4,
QB0–QB4
31, 29, 27, 24, 22,
20, 18, 15, 13, 11
Differential outputs
QA0–QA4,
QB0–QB4
30, 28, 26, 23, 21,
19, 17, 14, 12, 10
Differential outputs
LOGIC SYMBOL
SW00910
CLKA
CLKA
VBB
QA0
QA0
QA1
QA1
QA2
QA2
QA3
QA3
QA4
QA4
CLKB
CLKB
QB0
QB0
QB1
QB1
QB2
QB2
QB3
QB3
QB4
QB4
Figure 3. Logic symbol


Similar Part No. - PCK210BD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2000 PHILIPS-PCK2000 Datasheet
90Kb / 14P
   CK97 66/100MHz System Clock Generator
1998 Sep 29
PCK2000DL PHILIPS-PCK2000DL Datasheet
90Kb / 14P
   CK97 66/100MHz System Clock Generator
1998 Sep 29
PCK2000M PHILIPS-PCK2000M Datasheet
81Kb / 12P
   CK97 66/100MHz Mobile System Clock Generator
1998 Sep 29
PCK2000MDB PHILIPS-PCK2000MDB Datasheet
81Kb / 12P
   CK97 66/100MHz Mobile System Clock Generator
1998 Sep 29
PCK2001 PHILIPS-PCK2001 Datasheet
80Kb / 13P
   14.318-150 MHz I2C 1:18 Clock Buffer
1999 Jul 06
More results

Similar Description - PCK210BD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC100LVE111 MOTOROLA-MC100LVE111 Datasheet
88Kb / 5P
   LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/PECL CLOCK DRIVER
logo
Semtech Corporation
SK10LVE111 SEMTECH-SK10LVE111 Datasheet
150Kb / 6P
   Low Voltage 1:9 Differential ECL/ PECL Clock Driver
logo
ON Semiconductor
MC100LVE111 ONSEMI-MC100LVE111 Datasheet
64Kb / 8P
   LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/PECL CLOCK DRIVER
April, 2002 ??Rev. 5
logo
Arizona Microtek, Inc
AZ100LVE210 AZM-AZ100LVE210 Datasheet
71Kb / 5P
   ECL/PECL 1:4, 1:5 Differential Clock Driver
logo
Semtech Corporation
SK100EP111 SEMTECH-SK100EP111 Datasheet
100Kb / 4P
   Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
SK10EP111 SEMTECH-SK10EP111 Datasheet
100Kb / 4P
   Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
logo
ON Semiconductor
MC100LVE222 ONSEMI-MC100LVE222 Datasheet
174Kb / 8P
   Low Voltage 1:15 Differential 첨1첨2 ECL/PECL Clock Driver
February, 2000 ??Rev. 2
MC100LVEP210 ONSEMI-MC100LVEP210_06 Datasheet
159Kb / 9P
   2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver
June, 2006 ??Rev. 12
MC100LVEP210 ONSEMI-MC100LVEP210_14 Datasheet
109Kb / 9P
   2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver
May, 2014 ??Rev. 15
logo
Arizona Microtek, Inc
AZ10E111 AZM-AZ10E111 Datasheet
91Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com