Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5930B Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 1N5930B
Description  ZENER DIODES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

1N5930B Datasheet(HTML) 1 Page - Central Semiconductor Corp

  1N5930B Datasheet HTML 1Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Zener Diodes
(Continued)
114
www.centralsemi.com
For complete specifications, please consult factory.
*Not recommended for new designs.
POWER
1.5 WATT
2.0 WATT
2.5 WATT
CASE
DO-41
AX-5W
ZENER
HIGH
INDUSTRY
GENERAL
VOLTAGE
PERFORMANCE
STANDARD
PURPOSE
3.3
1N5913B
1N5008A
3.6
1N5914B
1N5009A*
3.9
1N5915B
1N5010A
4.3
1N5916B
1N5011A
4.7
1N5917B
1N5012A
5.1
1N5918B
1N5013A
5.6
1N5919B
1N5014A
6.2
1N4460
1N5920B
1N5015A
6.8
1N4461
1N5921B
1N5016A
7.5
1N4462
1N5922B
1N5017A
8.2
1N4463
1N5923B
1N5018A
9.1
1N4464
1N5924B
1N5019A
10
1N4465
1N5925B
1N5020A
11
1N4466
1N5926B
1N5021A
12
1N4467
1N5927B
1N5022A
13
1N4468
1N5928B
1N5023A
14
1N5024A
15
1N4469
1N5929B
1N5025A
16
1N4470
1N5930B
1N5026A
17
1N5027A
18
1N4471
1N5931B
1N5028A
19
1N5029A
20
1N4472
1N5932B
1N5030A
22
1N4473
1N5933B
1N5031A
24
1N4474
1N5934B
1N5032A
25
1N5033A*
27
1N4475
1N5935B
1N5034A
30
1N4476
1N5936B
1N5035A


Similar Part No. - 1N5930B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N5930B PANJIT-1N5930B Datasheet
81Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 1.5 Watts)
logo
TAITRON Components Inco...
1N5930B TAITRON-1N5930B Datasheet
171Kb / 4P
   1.5W Zener Diodes
logo
Anova Technologies CO.,...
1N5930B ANOVA-1N5930B Datasheet
240Kb / 3P
   Axial Lead Zener Diodes
logo
Transys Electronics
1N5930B TRSYS-1N5930B Datasheet
204Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
SEMTECH ELECTRONICS LTD...
1N5930B SEMTECH_ELEC-1N5930B Datasheet
225Kb / 3P
   3 W SILICON ZENER DIODES
More results

Similar Description - 1N5930B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com