Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M62437FP Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M62437FP
Description  SOUND CONTROLLER WITH SRS FOCUS & SRS SURROUND
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62437FP Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M62437FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62437FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62437FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62437FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62437FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62437FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M62437FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M62437FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M62437FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MITSUBISHI
ELECTRIC
(4/12)
Icc
mA
Circuit Current
Min
typ
Max
1.9
Vrms
1.6
VOMt
RL =10K
Ω,THD=1%
Gvt
CT
Vi=100mVrms
SRS, Focus
OFF
Input; pin2,41 /Output; pin18, 24
0
dB
dB
-90
-75
2.0
-2.0
45
µVrms
Vno2
Rg=0(2,41pin),
SRS
ON, FOCUS
ON(All VOL.=nax)
DIN-AUDIO filter
18
VIM1
Vrms
Input; pin2,41 /Output; pin18, 24
SRS
ON
FOCUS
ON(All VOL.=max)
THD=1%
0.3
Vno3
Rg=0(2,41pin)
SRS
ON ,FOCUS
OFF
DIN-AUDIO filter
90
Vno1
Rg=0(2,41pin)
SRS
OFF ,FOCUS
OFF
DIN-AUDIO filter
5.5
VIM2
0.11
Gv1
Vi=100mVrms
SRS
ON
FOCUS
ON(All VOL.=max)
(2pin,41pin)-(18, 24Pin)
18
f=1KHz
f=20KHz
f=1KHz
f=20KHz
Gv2
28
Ta=25°C,Vcc=8.0V, f=1kHz
VOL.1,2=1K
Ω(VOL),VOL.3,4=10KΩ(VOL)
VOL.5=1K
Ω(VOL)
Input; pin2,41 /Output; pin18, 24
SRS
ON,FOCUS
OFF
THD=1%
f=150Hz
VIM3
Gv3
Vi=100mVrms
Input; pin2,41 /Output; pin18, 24
SRS
ON,FOCUS
OFF
f=150Hz
10
0.6
42pin Icc
No Signal
AIdd
ÉAÉiÉçÉOâÒòHìdó¨
ELECTRICAL CHARACTERISTICS
(Ta=25°C,Vcc=8.0V, f=1kHz)
(1) Power Supply Characteristics
Min
typ
Max
Symbol
Parameter
Conditions
Unit
Limit
(2) Input / Output Characteristics
Input Side:f=1KHz,Vi=0.5Vrms
Monitor Side:Rg=0, IHF-A filter
Focus:OFF, SRS:OFF
RL=10K
Input; pin2,41
Output; pin18, 24
Maximum
Output Voltage
Pass Gain
Output Noise
Voltage
Channel
Separation
Maximum
Input Voltage
Symbol
Parameter
Conditions
Unit
Limit
25
-
-
-
-
-
-
-
-
0.4
0.2
0.06
15
50
150
7
13
15
21
25
31


Similar Part No. - M62437FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62437FP RENESAS-M62437FP Datasheet
166Kb / 12P
   Sound Controller With SRS Focus & SRS Surround
More results

Similar Description - M62437FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62436FP MITSUBISHI-M62436FP Datasheet
136Kb / 10P
   SOUND CONTROLLER WITH SRS FOCUS & SRS SURROUND
logo
Renesas Technology Corp
M62437FP RENESAS-M62437FP Datasheet
166Kb / 12P
   Sound Controller With SRS Focus & SRS Surround
M62436FP RENESAS-M62436FP Datasheet
155Kb / 12P
   SRS Sound Controller with SRS FOCUS, SRS Surround Sound On-Chip Sound Controller
logo
New Japan Radio
NJM2193 NJRC-NJM2193 Datasheet
67Kb / 8P
   FOCUS & SRS AUDIO PROCESSOR
NJM2178 NJRC-NJM2178 Datasheet
288Kb / 10P
   SRS 3D SURROUND AUDIO PROCESSOR
logo
STMicroelectronics
TDA7464 STMICROELECTRONICS-TDA7464 Datasheet
174Kb / 21P
   DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SRS SURROUND SOUND AND VOICE CANCELLER
logo
New Japan Radio
NJM2179 NJRC-NJM2179 Datasheet
219Kb / 8P
   SRS 3D SURROUND AUDIO PROCESSOR?
NJM2199 NJRC-NJM2199 Datasheet
63Kb / 10P
   SRS 3D SURROUND AUDIO PROCESSOR
logo
Mitsubishi Electric Sem...
M62455P MITSUBISHI-M62455P Datasheet
198Kb / 12P
   SRS 3D SOUND PROCESSOR
M62438FP MITSUBISHI-M62438FP Datasheet
190Kb / 12P
   SRS 3D SOUND PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com