Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N1893 Datasheet(PDF) 2 Page - Microsemi Corporation

Part No. 2N1893
Description  NPN LOW POWER SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROSEMI [Microsemi Corporation]
Homepage  http://www.microsemi.com
Logo 

   
 2 page
background image
2N720A; 2N1893; 2N1893S JAN SERIES
ELECTRICAL CHARACTERISTICS (con’t)
Characteristics
Symbol
Min.
Max.
Unit
ON CHARACTERISTICS
(3)
Forward-Current Transfer Ratio
IC = 0.1 mAdc, VCE = 10 Vdc
IC = 10 mAdc, VCE = 10 Vdc
IC = 150 mAdc, VCE = 10 Vdc
hFE
20
35
40
120
Collector-Emitter Saturation Voltage
IC = 150 mAdc, IB = 15 mAdc
VCE(sat)
5.0
Vdc
Base-Emitter Voltage
IC = 150 mAdc, IB = 15 mAdc
VBE(sat)
1.3
Vdc
DYNAMIC CHARACTERISTICS
Magnitude of Common Emitter Small-Signal Short-Circuit
Forward Current Transfer Ratio
IC = 50 mAdc, VCE = 10 Vdc, f = 20 MHz
h
fe
3.0
10
Small-Signal Short-Circuit Forward Current Transfer Ratio
VCE =5.0 Vdc, IC = 1.0 mAdc
VCE =10 Vdc, IC = 5.0 mAdc, f = 1.0 kHz
hfe
35
45
100
Small-Signal Short-Circuit Input Impedance
VCB = 10 Vdc, IC = 5.0 mAdc
hib
4.0
8.0
Small-Signal Short-Circuit Output Admittance
VCB = 10 Vdc, IC = 5.0 mAdc
hob
0.5
µΩ
Output Capacitance
VCB = 10 Vdc, IE = 0, 100 kHz ≤ f ≤ 1.0 MHz
Cobo
2
15
P
F
SWITCHING CHARACTERISTICS
Turn-On Time + Turn-Off Time
(See Figure 3 of MIL-PRF-19500/182)
ton + toff
30
ηs
(3) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%.
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 2 of 2




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MRF553RF LOW POWER TRANSISTOR NPN SILICON 1 2 3 4 5 MoreMotorola, Inc
MRF555RF LOW POWER TRANSISTOR NPN SILICON 1 2 3 4 5 MoreMotorola, Inc
ZXTDBM832MPPS-TM Miniature Package Power Solutions DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR 1 2 3 4 5 MoreZetex Semiconductors
MRF557RF LOW POWER TRANSISTOR NPN SILICON 1 2 3 4 5 MoreMotorola, Inc
MRF8372RF LOW POWER TRANSISTOR NPN SILICON 1 2 3 4 5 MoreMotorola, Inc
JAN2N3019SLOW POWER NPN SILICON TRANSISTOR 1 2 Microsemi Corporation
UPA1434NPN SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE INDUSTRIAL USE 1 2 3 4 5 MoreNEC
MRF837NPN SILICON RF LOW POWER TRANSISTOR 1 Advanced Semiconductor
UPA1454NPN SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE INDUSTRIAL USE 1 2 3 4 5 MoreNEC
2N930NPN LOW POWER SILICON TRANSISTOR 1 2 Microsemi Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl