Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUB65P06 Datasheet(PDF) 2 Page - TEMIC Semiconductors

Part # SUB65P06
Description  P-Channel Enhancement-Mode Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

SUB65P06 Datasheet(HTML) 2 Page - TEMIC Semiconductors

  SUB65P06 Datasheet HTML 1Page - TEMIC Semiconductors SUB65P06 Datasheet HTML 2Page - TEMIC Semiconductors SUB65P06 Datasheet HTML 3Page - TEMIC Semiconductors SUB65P06 Datasheet HTML 4Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SUP/SUB65P06-20
2
Siliconix
P-39628—Rev. A, 28-Dec-94
Specifications (TJ = 25
_C Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = –250 mA
–60
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = –250 mA
–2.0
–3.0
–4.0
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
VDS = –60 V, VGS = 0 V
–1
A
Zero Gate Voltage Drain Current
IDSS
VDS = –60 V, VGS = 0 V, TJ = 125_C
–50
mA
VDS = –60 V, VGS = 0 V, TJ = 175_C
–150
On-State Drain Currentb
ID(on)
VDS = –5 V, VGS = –10 V
–120
A
b
VGS = –10 V, ID = –30 A
0.017
0.020
W
Drain-Source On-State Resistanceb
rDS(on)
VGS = –10 V, ID = –30 A, TJ = 125_C
0.033
W
VGS = –10 V, ID = –30 A, TJ = 175_C
0.042
Forward Transconductanceb
gfs
VDS = –15 V, ID = –30 A
25
S
Dynamica
Input Capacitance
Ciss
4500
Output Capacitance
Coss
VGS = 0 V, VDS = –25 V, f = 1 MHz
870
pF
Reversen Transfer Capacitance
Crss
350
Total Gate Chargec
Qg
85
120
Gate-Source Chargec
Qgs
VDS = –30 V, VGS = –10 V, ID = –65 A
24
nC
Gate-Drain Chargec
Qgd
22
Turn-On Delay Timec
td(on)
15
40
Rise Timec
tr
VDD = –30 V, RL = 0.47 W
40
80
ns
Turn-Off Delay Timec
td(off)
DD
,
L
ID ] –65 A, VGEN = –10 V, RG = 2.5 W
65
120
ns
Fall Timec
tf
30
60
Source-Drain Diode Ratings and Characteristics (TC = 25_C)a
Continuous Current
Is
–65
A
Pulsed Current
ISM
–200
A
Forward Voltageb
VSD
IF = –65 A, VGS = 0 V
–1.1
–1.4
V
Reverse Recovery Time
trr
70
120
ns
Peak Reverse Recovery Current
IRM(REC)
IF = –65 A, di/dt = 100 A/ms
7
9
A
Reverse Recovery Charge
Qrr
0.245
0.54
mC
Notes:
a.
Guaranteed by design, not subject to production testing.
b.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
c.
Independent of operating temperature.


Similar Part No. - SUB65P06

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUB65P06-20 VISHAY-SUB65P06-20 Datasheet
55Kb / 4P
   P-Channel 60-V (D-S), 175C MOSFET
Rev. C, 10-Dec-01
logo
Inchange Semiconductor ...
SUB65P06-20 ISC-SUB65P06-20 Datasheet
373Kb / 2P
   isc P-Channel MOSFET Transistor
More results

Similar Description - SUB65P06

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VP0300B VISHAY-VP0300B Datasheet
250Kb / 4P
   P-Channel Enhancement-Mode MOSFET Transistors
Rev.C, 21-Jun-99
logo
New Jersey Semi-Conduct...
VP0808B NJSEMI-VP0808B Datasheet
93Kb / 2P
   P-Channel Enhancement-Mode MOSFET Transistors
logo
List of Unclassifed Man...
VP0808B ETC2-VP0808B Datasheet
91Kb / 4P
   P-Channel Enhancement-Mode MOSFET Transistors
logo
Supertex, Inc
VP0808L-G SUTEX-VP0808L-G Datasheet
575Kb / 3P
   P-Channel Enhancement-Mode P-Channel Enhancement-Mode
logo
New Jersey Semi-Conduct...
RFM5P12 NJSEMI-RFM5P12 Datasheet
88Kb / 2P
   P-Channel Enhancement-Mode Power Field-Effect Transistors
logo
List of Unclassifed Man...
RFM6P08 ETC-RFM6P08 Datasheet
445Kb / 8P
   P CHANNEL ENHANCEMENT MODE POWER FIELD EFFECT TRANSISTORS
logo
GE Solid State
RFM10P12 GESS-RFM10P12 Datasheet
242Kb / 4P
   P-CHANNEL ENHANCEMENT - MODE POWER FIELD-EFFECT TRANSISTORS
logo
New Jersey Semi-Conduct...
RFP5P12 NJSEMI-RFP5P12 Datasheet
88Kb / 2P
   P-Channel Enhancement-Mode Power Field-Effect Transistors
logo
Mospec Semiconductor
RFM5P12 MOSPEC-RFM5P12 Datasheet
238Kb / 4P
   P - CHANNEL ENHANCEMENT - MODE POWER FIELD - EFFECT TRANSISTORS
logo
NXP Semiconductors
BSP304 PHILIPS-BSP304 Datasheet
75Kb / 9P
   P-channel enhancement mode vertical D-MOS transistors
1995 Apr 07
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com