Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

222212016472 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 222212016472
Description  Aluminum Capacitors Axial High Temperature, High Ripple Current
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

222212016472 Datasheet(HTML) 3 Page - Vishay Siliconix

  222212016472 Datasheet HTML 1Page - Vishay Siliconix 222212016472 Datasheet HTML 2Page - Vishay Siliconix 222212016472 Datasheet HTML 3Page - Vishay Siliconix 222212016472 Datasheet HTML 4Page - Vishay Siliconix 222212016472 Datasheet HTML 5Page - Vishay Siliconix 222212016472 Datasheet HTML 6Page - Vishay Siliconix 222212016472 Datasheet HTML 7Page - Vishay Siliconix 222212016472 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
120 ATC
Aluminum Capacitors
Axial High Temperature, High Ripple Current
Vishay BCcomponents
Document Number: 28336
For technical questions contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 28-Oct-05
143
Table 1
Note
1. Lead diameter
∅d = 1.0 mm, available on request.
2. Detailed tape dimensions see section ‘PACKAGING’.
AXIAL; DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL
CASE SIZE
D × L
(mm)
AXIAL: FORM AA AND BR
MASS
(G)
PACKAGING QUANTITIES
d(1)
I
D
max
LMAX
FMIN
FORM
AA
FORM
BR
10
× 30
0.8
55
±1
10.5
30.5
35
≈4.8
340
500
12.5
× 30
0.8
55
±1
13.0
30.5
35
≈7.4
260
400
15
× 30
0.8
55
±1
15.5
30.5
35
≈11.7
300
250
18
× 30
0.8
55
±1
18.5
30.5
35
≈12.9
200
18
× 38
0.8
34
±1
18.5
39.0
44
≈19.0
125
21
× 38
0.8
34
±1
21.5
39.0
44
≈24.0
100
D3
d2
120
°
(3
×)
D
L
∅D2
∅d1
90
° ±2°
(3
×)
mounting holes
1.3 +
0.1
0
(3
×)
3.6 +
0.2
−0.4
1 +
1.0
−0.5
1.05 +
0.03
−0.1
(3
×)
1.3
0
−0.05
(3
×)
Fig.4 Mounting hole diagram and outline; Form MR; with mounting ring and pins.
Form MR: case
∅D × L= 15 × 30 to 21 × 38 mm.
Case not insulated (insulation on request).
Especially for applications with severe shocks and vibrations.
Table 2
MOUNTING RING; DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL
CASE SIZE
D × L
CASE
CODE
MOUNTING RING: FORM MR
MASS
(g)
PACKAGING
QUANTITIES
d1
d2
D
MAX
D2
MAX
D3
LMAX
15
× 30
02
0.8
1.0 +0.4
15.5
17.5
16.5
±0.2
33
≈8.6
200
18
× 30
03
0.8
1.0 +0.4
18.5
19.5
18.5
±0.2
33
≈11.5
240
18
× 38
04
0.8
1.0 +0.4
18.5
19.5
18.5
±0.2
42
≈14.0
100
21
× 38
05
0.8
1.0 +0.4
21.5
22.5
21.5
±0.2
42
≈19.2
100


Similar Part No. - 222212016472

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
222212018221 FREESCALE-222212018221 Datasheet
813Kb / 16P
   RF Power Field Effect Transistor
logo
NXP Semiconductors
222212018470 NXP-222212018470 Datasheet
1Mb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 3, 12/2008
More results

Similar Description - 222212016472

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
120ATC VISHAY-120ATC_12 Datasheet
204Kb / 7P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 13-Dec-12
120ATC VISHAY-120ATC_08 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
126ALX VISHAY-126ALX_V01 Datasheet
203Kb / 9P
   Aluminum Electrolytic Capacitors Axial High Temperature, High Ripple Current
01-Jan-2023
120ATC VISHAY-120ATC_V01 Datasheet
196Kb / 7P
   Aluminum Electrolytic Capacitors Axial High Temperature, High Ripple Current
01-Jan-2023
120ATC VISHAY-120ATC_17 Datasheet
214Kb / 7P
   Aluminum Electrolytic Capacitors Axial High Temperature, High Ripple Current
Revision: 09-Jan-17
126ALX VISHAY-126ALX Datasheet
219Kb / 9P
   Aluminum Electrolytic Capacitors Axial High Temperature, High Ripple Current
118AHT VISHAY-118AHT Datasheet
150Kb / 11P
   Aluminum Capacitors Axial High Temperature
Revision: 30-May-08
118AHT VISHAY-118AHT_17 Datasheet
245Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature
Revision: 20-Apr-17
118AHT VISHAY-118AHT_V01 Datasheet
223Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature
01-Jan-2023
logo
List of Unclassifed Man...
SERIE118AHT ETC-SERIE118AHT Datasheet
1,008Kb / 19P
   Aluminum electrolytic capacitors Axial High Temperature
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com