Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLD2083CZ Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SLD2083CZ
Description  10 Watt high performance LDMOS transistor designed for operation to 2700MHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SLD2083CZ Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SLD2083CZ Datasheet HTML 1Page - List of Unclassifed Manufacturers SLD2083CZ Datasheet HTML 2Page - List of Unclassifed Manufacturers SLD2083CZ Datasheet HTML 3Page - List of Unclassifed Manufacturers SLD2083CZ Datasheet HTML 4Page - List of Unclassifed Manufacturers SLD2083CZ Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The information provided herein is believed to be reliable at press time. Sirenza Microdevices assumes no responsibility for inaccuracies or ommisions.
Sirenza Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without
notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Sirenza Microdevices does not authorize or warrant any Sirenza Microdevices product
for use in life-support devices and/or systems.
Copyright 2005 Sirenza Microdevices, Inc. All worldwide rights reserved.
303 S. Technology Court, Broomfield, CO 80021
Phone: (800) SMI-MMIC
http://www.sirenza.com
1
EDS-103754 Rev D
Preliminary
The SLD2083CZ is a 10 Watt high performance
LDMOS transistor designed for operation to
2700MHz. It is an excellent solution for applica-
tions requiring high linearity and efficiency at a
low cost. The SLD2083CZ is typically used in
the design of driver stages for power amplifiers,
repeaters, and RFID applications. The power
transistor is fabricated using Sirenza’s high per-
formance XeMOS IITM process.
RF Specifications
Parameter
Description: Test Conditions in Sirenza Evaluation
Board VDS = 28.0V, IDQ = 125mA, TFlange = 25ºC
Unit
Min
Typ
Max
Frequency
Frequency of Operation
MHz
-
-
2700
Gain
10 Watt CW, 902MHz-928MHz
dB
17
18
-
Efficiency
Drain Efficiency at 10 Watt CW, 915MHz
%
40
47
-
IRL
Input Return Loss, 10 Watt Output Power, 915MHz
dB
-
-15
-10
Linearity
3rd Order IMD at 10 Watt PEP (Two Tone), 915MHz
dBc
-
-28
-26
1dB Compression (P1dB), 915MHz
Watt
10
11
-
ACPR=-55dB, IS-95
Watt
1.8
1.6
-
ACPR=-45dB, IS-95
Watt
3.2
3.6
-
Functional Schematic Diagram
SLD2083CZ
10 Watt Discrete LDMOS Device
Ceramic Package
Product Features
Applications
10 Watt Output P
1dB
Single Polarity Supply Voltage
High Gain: 18 dB Typical
High Efficiency
Advanced, XeMOS II LDMOS
Integrated ESD Protection, Class 1A
Base Station PA driver
Repeater
RFID
Product Description
Case Flange = Ground
ESD
Protection
Pb
RoHS Compliant
&
Package
Green


Similar Part No. - SLD2083CZ

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD231VL SONY-SLD231VL Datasheet
70Kb / 3P
   Index-Guided High Power AlGaAs Laser Diode
SLD233VL SONY-SLD233VL Datasheet
47Kb / 3P
   Index-Guided High Power AlGaAs Laser Diode
SLD234VL SONY-SLD234VL Datasheet
51Kb / 3P
   Index-Guided High Power AlGaAs Laser Diode
logo
List of Unclassifed Man...
SLD234VL ETC2-SLD234VL Datasheet
31Kb / 2P
   High Power Laser Diode that Achieves High-Speed CD-R Recording
logo
Sony Corporation
SLD235VL SONY-SLD235VL Datasheet
45Kb / 4P
   Index-Guided High Power AlGaAs Laser Diode
More results

Similar Description - SLD2083CZ

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SZ5-MA-W0-00 SEOUL-SZ5-MA-W0-00 Datasheet
947Kb / 23P
   Designed for high current operation
logo
Guangdong Youtai Semico...
SN74AUP1G126 UMW-SN74AUP1G126 Datasheet
587Kb / 10P
   Designed for 0.8V to 3.6V VCC Operation
SN74LVC1G125 UMW-SN74LVC1G125 Datasheet
695Kb / 10P
   Designed for 1.65V to 5.5V VCC Operation
SN74LVC1G126 UMW-SN74LVC1G126 Datasheet
940Kb / 10P
   Designed for 1.65V to 5.5V VCC Operation
SN74LVC2G04 UMW-SN74LVC2G04 Datasheet
721Kb / 8P
   Designed for 1.65V to 5.5V VCC Operation
SN74LVC2G14 UMW-SN74LVC2G14_V01 Datasheet
795Kb / 9P
   Designed for 1.65V to 5.5V VCC Operation
SN74LVC2G04 UMW-SN74LVC2G04_V01 Datasheet
824Kb / 9P
   Designed for 1.65V to 5.5V V CC Operation
logo
International Rectifier
IRS2301STRPBF IRF-IRS2301STRPBF Datasheet
396Kb / 15P
   Floating channel designed for bootstrap operation
AUIRS2123 IRF-AUIRS2123_15 Datasheet
563Kb / 20P
   Floating channel designed for bootstrap operation
logo
Shenzhen Huazhimei Semi...
HM2103A HMSEMI-HM2103A Datasheet
3Mb / 9P
   Floating channel designed for bootstrap operation
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com