Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9172ETA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9172ETA
Description  SINGLE / DUAL LVDS LINE RECEIVERS WITH IN - PATH FAIL - SAFE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9172ETA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9172ETA Datasheet HTML 1Page - Maxim Integrated Products MAX9172ETA Datasheet HTML 2Page - Maxim Integrated Products MAX9172ETA Datasheet HTML 3Page - Maxim Integrated Products MAX9172ETA Datasheet HTML 4Page - Maxim Integrated Products MAX9172ETA Datasheet HTML 5Page - Maxim Integrated Products MAX9172ETA Datasheet HTML 6Page - Maxim Integrated Products MAX9172ETA Datasheet HTML 7Page - Maxim Integrated Products MAX9172ETA Datasheet HTML 8Page - Maxim Integrated Products MAX9172ETA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Single/Dual LVDS Line Receivers with
“In-Path” Fail-Safe
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 3.0V to 3.6V, differential input voltage |VID| = 0.1V to 1.2V, receiver input voltage = 0 to VCC, common-mode voltage VCM =
|VID/2| to (VCC - |VID/2|), TA = -40°C to +85°C, unless otherwise noted. Typical values are at VCC = 3.3V, |VID| = 0.2V, VCM = 1.2V,
TA = +25°C.) (Notes 1, 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ...........................................................-0.3V to +4.0V
IN_+, IN_- to GND .................................................-0.3V to +4.0V
OUT_ to GND ............................................-0.3V to (VCC + 0.3V)
Continuous Power Dissipation (TA = +70°C)
8-Pin SOT23 (derate 8.9mW/°C above +70°C) ...........714mW
8-Pin SO (derate 5.9mW/°C above +70°C) .................471mW
8-Pin QFN (derate 24.4mW/°C above +70°C) ..........1951mW
Operating Temperature Range ..........................-40°C to +85°C
Junction Temperature .....................................................+150°C
Storage Temperature Range ............................-65°C to +150°C
ESD Protection
Human Body Model (IN_+, IN_-) ...................................±13kV
Lead Temperature (soldering, 10s) ................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LVDS INPUTS (IN_+, IN_-)
Differential Input High Threshold
VTH
Figure 1
-40
0
mV
Differential Input Low Threshold
VTL
Figure 1
-100
-40
mV
Input Current (Noninverting Input)
IIN+
Figure 1
+0.5
-2.1
-5.0
µA
Power-Off Input Current
(Noninverting Input)
IIN+OFF
VIN+ = 0 to 3.6V, VIN- = 0 to 3.6V, VCC = 0
or open (Figure 1)
-0.5
0
+0.5
µA
Input Current (Inverting Input)
IIN-
Figure 1
-0.5
+4.4
+10.0
µA
Power-Off Input Current
(Inverting Input)
IIN-OFF
VIN+ = 0 to 3.6V, VIN- = 0 to 3.6V, VCC = 0
or open (Figure 1)
-0.5
0
+0.5
µA
LVCMOS/LVTTL OUTPUTS (OUT_)
Open, undriven short, or
undriven parallel termination
2.7
3.2
Output High Voltage
VOH
IOH = -4.0mA
VID = 0V
2.7
3.2
V
Output Low Voltage
VOL
IOL = 4.0mA, VID = -100mV
0.1
0.4
V
Output Short-Circuit Current
IOS
VOUT_ = 0 (Note 3)
-45
-77
-120
mA
POWER SUPPLY
MAX9171
3.6
6
Supply Current
ICC
Inputs open
MAX9172
7.0
9
mA


Similar Part No. - MAX9172ETA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9172ETA MAXIM-MAX9172ETA Datasheet
291Kb / 12P
   Single/Dual LVDS Line Receivers with ?쏧n-Path??Fail-Safe
Rev 2; 6/07
More results

Similar Description - MAX9172ETA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9171 MAXIM-MAX9171_07 Datasheet
291Kb / 12P
   Single/Dual LVDS Line Receivers with ?쏧n-Path??Fail-Safe
Rev 2; 6/07
MAX9173 MAXIM-MAX9173 Datasheet
277Kb / 14P
   Quad LVDS Line Receiver with Flow-Through Pinout and ?쏧n-Path??Fail-Safe
Rev 0; 10/02
MAX9111 MAXIM-MAX9111 Datasheet
183Kb / 12P
   Single/Dual LVDS Line Receivers with Ultra-Low Pulse Skew in SOT23
Rev 0; 7/00
MAX9111 MAXIM-MAX9111_V01 Datasheet
1Mb / 12P
   Single/Dual LVDS Line Receivers with Ultra-Low Pulse Skew in SOT23
19-1803; Rev 7; 6/19
MAX9111 MAXIM-MAX9111_09 Datasheet
116Kb / 10P
   Single/Dual LVDS Line Receivers with Ultra-Low Pulse Skew in SOT23
Rev 3; 3/09
logo
ams AG
AS1153 AMSCO-AS1153 Datasheet
291Kb / 15P
   Single/Dual LVDS Receivers
logo
Texas Instruments
DS78LS120QML TI1-DS78LS120QML Datasheet
520Kb / 12P
[Old version datasheet]   Dual Differential Line Receiver (Noise Filtering and Fail-Safe)
logo
National Semiconductor ...
DS78LS120 NSC-DS78LS120 Datasheet
610Kb / 9P
   Dual Differential Line Receiver (Noise Filtering and Fail-Safe)
logo
Maxim Integrated Produc...
MAX9125 MAXIM-MAX9125 Datasheet
226Kb / 12P
   Quad LVDS Line Receivers with Integrated Termination
Rev 0; 5/01
logo
Micrel Semiconductor
SY58605U MICREL-SY58605U Datasheet
633Kb / 12P
   3.2Gbps Precision, LVDS Buffer with Internal Termination and Fail Safe Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com