Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WM2130CDT Datasheet(PDF) 3 Page - Wolfson Microelectronics plc

Part # WM2130CDT
Description  10 - BIT 30MSPS ANALOGUE- TO - DIGITAL CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2130CDT Datasheet(HTML) 3 Page - Wolfson Microelectronics plc

  WM2130CDT Datasheet HTML 1Page - Wolfson Microelectronics plc WM2130CDT Datasheet HTML 2Page - Wolfson Microelectronics plc WM2130CDT Datasheet HTML 3Page - Wolfson Microelectronics plc WM2130CDT Datasheet HTML 4Page - Wolfson Microelectronics plc WM2130CDT Datasheet HTML 5Page - Wolfson Microelectronics plc WM2130CDT Datasheet HTML 6Page - Wolfson Microelectronics plc WM2130CDT Datasheet HTML 7Page - Wolfson Microelectronics plc WM2130CDT Datasheet HTML 8Page - Wolfson Microelectronics plc WM2130CDT Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Production Data
WM2130
WOLFSON MICROELECTRONICS LTD
PD Rev 1.2 April 2001
3
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously operating at
or beyond these limits. Device functional operating limits and guaranteed performance specifications are given under Electrical
Characteristics at the test conditions specified.
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically susceptible
to damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage
of this device.
As per specifications IPC/JEDEC J-STD-020A and JEDEC A113-B, this product requires specific storage conditions prior to
surface mount assembly. It has been classified as having a Moisture Sensitivity Level of 2 and as such will be supplied in
vacuum-sealed moisture barrier bags.
CONDITION
MIN
MAX
Digital supply voltage, DVDD to DGND
-0.3V
+6.5V
Analogue supply voltage, AVDD to AGND
-0.3V
+6.5V
Supply voltage difference, AVDD to DVDD
-6.5V
+6.5V
Ground difference, AGND to DGND
-0.3V
+0.3V
Digital inputs voltage range (DO[9:0], STBY, OEB, M876B)
DGND - 0.3V
DVDD + 0.3V
Voltage range analogue inputs (REFTS, REFBS, REFTF, REFBF, AIN,
VREF, REFSENSE, CLK, MODE)
AGND - 0.3V
AVDD + 0.3V
Storage temperature
-65
°C
+150
°C
Soldering lead temperature, 1.6mm (1/16 inch) from package body for
10 seconds
+300
°C
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
NOM
MAX
UNIT
Digital supply range
DVDD
3.0
3.3
5.5
V
Analogue supply range
AVDD
3.0
3.3
5.5
V
Clock frequency
fCLK
530
MHz
Clock duty cycle
45
50
55
%
WM2130C
0
°C
Operating Free Air Minimum
Temperature
TMIN
WM2130I
-40
°C
WM2130C
70
°C
Operating Free Air Maximum
Temperature
TMAX
WM2130I
85
°C


Similar Part No. - WM2130CDT

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2148 WOLFSON-WM2148 Datasheet
255Kb / 14P
   14-bit 8MSPS Analogue-To-Digital Converter
WM2148CFT/V WOLFSON-WM2148CFT/V Datasheet
255Kb / 14P
   14-bit 8MSPS Analogue-To-Digital Converter
WM2148IFT/V WOLFSON-WM2148IFT/V Datasheet
255Kb / 14P
   14-bit 8MSPS Analogue-To-Digital Converter
WM2152 WOLFSON-WM2152 Datasheet
113Kb / 7P
   12-bit, 30MSOS ADC
WM2152CDT WOLFSON-WM2152CDT Datasheet
113Kb / 7P
   12-bit, 30MSOS ADC
More results

Similar Description - WM2130CDT

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM5615 WOLFSON-WM5615 Datasheet
117Kb / 12P
   10-Bit Digital-to-Analogue Converter
logo
List of Unclassifed Man...
IC3410 ETC1-IC3410 Datasheet
196Kb / 6P
   10-bit digital to analogue converter IC 3410
logo
Wolfson Microelectronic...
WM2148 WOLFSON-WM2148 Datasheet
255Kb / 14P
   14-bit 8MSPS Analogue-To-Digital Converter
logo
Texas Instruments
THS1030 TI1-THS1030_13 Datasheet
1Mb / 39P
[Old version datasheet]   3-V TO 5.5-V, 10-BIT, 30MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
ADC101C021 TI1-ADC101C021_15 Datasheet
1Mb / 44P
[Old version datasheet]   10-Bit Analog-to-Digital Converter
logo
Cynergy3 Co
SC-FREQCON CYNERGY3-SC-FREQCON Datasheet
163Kb / 1P
   Frequency To Analogue Converter
logo
Intersil Corporation
HA-5701 INTERSIL-HA-5701 Datasheet
202Kb / 12P
   6-Bit, 30MSPS, Flash A/D Converter
logo
List of Unclassifed Man...
KAD2710C ETC2-KAD2710C Datasheet
414Kb / 17P
   10-Bit, 275MSPS Analog-to-Digital Converter
logo
Texas Instruments
DAC900 TI1-DAC900 Datasheet
798Kb / 24P
[Old version datasheet]   10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
List of Unclassifed Man...
KAD2710L ETC2-KAD2710L Datasheet
417Kb / 17P
   10-Bit, 275MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com