Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9171 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX9171
Description  SINGLE / DUAL LVDS LINE RECEIVERS WITH IN - PATH FAIL - SAFE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9171 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX9171 Datasheet HTML 3Page - Maxim Integrated Products MAX9171 Datasheet HTML 4Page - Maxim Integrated Products MAX9171 Datasheet HTML 5Page - Maxim Integrated Products MAX9171 Datasheet HTML 6Page - Maxim Integrated Products MAX9171 Datasheet HTML 7Page - Maxim Integrated Products MAX9171 Datasheet HTML 8Page - Maxim Integrated Products MAX9171 Datasheet HTML 9Page - Maxim Integrated Products MAX9171 Datasheet HTML 10Page - Maxim Integrated Products MAX9171 Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
In-Path vs. Parallel Fail-Safe
The MAX9171/MAX9172 have in-path fail-safe that is
compatible with in-path fail-safe receivers, such as the
DS90LV018A and DS90LV028A. Refer to the MAX9111/
MAX9113 data sheet for pin-compatible receivers with
parallel fail-safe and lower jitter. Refer to the MAX9130
data sheet for a single LVDS receiver with parallel fail-
safe in an SC70 package.
The MAX9171/MAX9172 with in-path fail-safe are
designed with a +40mV input offset voltage, a 2.5µA
current source between VCC and the noninverting
input, and a 5µA current sink between the inverting
input and ground (Figure 1). If the differential input is
open, the 2.5µA current source pulls the input to VCC -
0.7V and the 5µA source sink pulls the inverting input to
ground, which drives the receiver output high. If the dif-
ferential input is shorted or terminated with a typical
value termination resistor, the +40mV offset drives the
receiver output high. If the input is terminated and float-
ing, the receiver output is driven high by the +40mV off-
set, and the 2:1 current sink to current source ratio
(5µA:2.5µA) pulls the inputs to ground. This can be an
advantage when switching between drivers on a multi-
point bus because the change in common-mode volt-
age from ground to the typical driver offset voltage of
1.2V is not as much as the change from VCC to 1.2V
(parallel fail-safe pulls the bus to VCC). Figure 2 shows
the propagation delay and transition test time circuit
and Figure 3 shows the propagation delay and transi-
tion test time waveforms.
Single/Dual LVDS Line Receivers with
“In-Path” Fail-Safe
_______________________________________________________________________________________
7
OUT_
VCC
IN_+
IN_-
5
µA
2.5
µA
40mV
Figure 1. Input with In-Path Fail-Safe Network Equivalent Circuit
50
50
IN_-
OUT_
IN_+
15pF
PULSE
GENERATOR
Figure 2. Propagation Delay and Transition Test Time Circuit
IN_+
IN_-
tPLHD
20%
80%
OUT_
VOH
VOL
1.5V
1.5V
20%
80%
1.2V (0V DIFFERENTIAL)
VID = 0.2V
1.3V
1.1V
tPHLD
tTHL
tTLH
Figure 3. Propagation Delay and Transition Time Waveforms


Similar Part No. - MAX9171

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9171 MAXIM-MAX9171 Datasheet
291Kb / 12P
   Single/Dual LVDS Line Receivers with ?쏧n-Path??Fail-Safe
Rev 2; 6/07
MAX9171EKA-T MAXIM-MAX9171EKA-T Datasheet
291Kb / 12P
   Single/Dual LVDS Line Receivers with ?쏧n-Path??Fail-Safe
Rev 2; 6/07
MAX9171ESA MAXIM-MAX9171ESA Datasheet
291Kb / 12P
   Single/Dual LVDS Line Receivers with ?쏧n-Path??Fail-Safe
Rev 2; 6/07
MAX9171ETA MAXIM-MAX9171ETA Datasheet
291Kb / 12P
   Single/Dual LVDS Line Receivers with ?쏧n-Path??Fail-Safe
Rev 2; 6/07
MAX9171 MAXIM-MAX9171_07 Datasheet
291Kb / 12P
   Single/Dual LVDS Line Receivers with ?쏧n-Path??Fail-Safe
Rev 2; 6/07
More results

Similar Description - MAX9171

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9171 MAXIM-MAX9171_07 Datasheet
291Kb / 12P
   Single/Dual LVDS Line Receivers with ?쏧n-Path??Fail-Safe
Rev 2; 6/07
MAX9173 MAXIM-MAX9173 Datasheet
277Kb / 14P
   Quad LVDS Line Receiver with Flow-Through Pinout and ?쏧n-Path??Fail-Safe
Rev 0; 10/02
MAX9111 MAXIM-MAX9111 Datasheet
183Kb / 12P
   Single/Dual LVDS Line Receivers with Ultra-Low Pulse Skew in SOT23
Rev 0; 7/00
MAX9111 MAXIM-MAX9111_V01 Datasheet
1Mb / 12P
   Single/Dual LVDS Line Receivers with Ultra-Low Pulse Skew in SOT23
19-1803; Rev 7; 6/19
MAX9111 MAXIM-MAX9111_09 Datasheet
116Kb / 10P
   Single/Dual LVDS Line Receivers with Ultra-Low Pulse Skew in SOT23
Rev 3; 3/09
logo
ams AG
AS1153 AMSCO-AS1153 Datasheet
291Kb / 15P
   Single/Dual LVDS Receivers
logo
Texas Instruments
DS78LS120QML TI1-DS78LS120QML Datasheet
520Kb / 12P
[Old version datasheet]   Dual Differential Line Receiver (Noise Filtering and Fail-Safe)
logo
National Semiconductor ...
DS78LS120 NSC-DS78LS120 Datasheet
610Kb / 9P
   Dual Differential Line Receiver (Noise Filtering and Fail-Safe)
logo
Maxim Integrated Produc...
MAX9125 MAXIM-MAX9125 Datasheet
226Kb / 12P
   Quad LVDS Line Receivers with Integrated Termination
Rev 0; 5/01
logo
Micrel Semiconductor
SY58605U MICREL-SY58605U Datasheet
633Kb / 12P
   3.2Gbps Precision, LVDS Buffer with Internal Termination and Fail Safe Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com