Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GMKP3000-81A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # GMKP3000-81A
Description  POWER ELECTRONIC, DC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GMKP3000-81A Datasheet(HTML) 2 Page - Vishay Siliconix

  GMKP3000-81A Datasheet HTML 1Page - Vishay Siliconix GMKP3000-81A Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.vishay.com
55
GMKP
Vishay ESTA
Document Number: 13103
Revision 14-Jan-02
DC CAPACITORS
SERIES GMKP 1000V - 3000V
Rated voltage 1000VDC
Urms = 470 V
MODEL
C
I
du / dt
L
DIMENSIONS
WEIGHT
FIGURE*
µFA
V /
µsnH
∅ d x h (mm)
kg
GMKP 1000 - 2 IA
2.0
12.0
500
< 150
30 x 52
0.04
1
GMKP 1000 - 4 IA
4.0
12.0
500
< 150
30 x 52
0.05
1
GMKP 1000 - 8 IA
8.0
12.0
500
< 150
40 x 72
0.09
1
GMKP 1000 - 10 IA
10.0
15.0
500
< 150
50 x 72
0.09
1
GMKP 1000 - 16 IA
16.0
15.0
500
< 150
50 x 72
0.14
4
GMKP 1000 - 20 IA
20.0
15.0
300
< 150
50 x 97
0.18
4
GMKP 1000 - 32 IA
32.0
18.0
200
< 150
50 x 127
0.25
4
GMKP 1000 - 40 IA
40.0
18.0
200
< 150
50 x 127
0.25
4
GMKP 1000 - 64 IA
64.0
20.0
200
< 150
64 x 140
0.45
4
GMKP 1000 - 80 IA
80.0
20.0
200
< 200
64 x 190
0.61
6 I
GMKP 1000 - 100 IA
100.0
20.0
150
< 200
84 x 140
0.78
4
GMKP 1000 - 200 IA
200.0
35.0
70
< 220
84 x 240
1.34
5
GMKP 1000 - 400 IA
400.0
35.0
50
< 250
84 x 340
1.88
5
MODEL
C
I
du / dt
L
DIMENSIONS
WEIGHT
FIGURE*
µFA
V /
µsnH
∅ d x h (mm)
kg
GMKP 1800 - 4 IA
4.0
12.0
500
< 150
50 x 72
0.14
4
GMKP 1800 - 8 IA
8.0
12.0
500
< 150
50 x 127
0.25
4
GMKP 1800 - 10 IA
10.0
15.0
500
< 150
50 x 127
0.25
4
GMKP 1800 - 16 IA
16.0
15.0
500
< 150
60 x 127
0.36
4
GMKP 1800 - 20 IA
20.0
18.0
300
< 150
64 x 140
0.41
4
GMKP 1800 - 32 IB
32.0
20.0
200
< 200
84 x 140
0.78
6 I
GMKP 1800 - 40 IB
40.0
25.0
200
< 120
84 x 190
1.05
6 I
Rated voltage 1800VDC
Rated voltage 3000VDC
MODEL
C
I
du / dt
L
DIMENSIONS
WEIGHT
FIGURE*
µFA
V /
µsnH
∅ d x h (mm)
kg
GMKP 3000 - 2 IA
2.0
15.0
500
< 150
50 x 97
0.18
4
GMKP 3000 - 4 IA
4.0
15.0
500
< 150
50 x 127
0.25
4
GMKP 3000 - 8 IA
8.0
15.0
500
< 150
64 x 140
0.41
4
GMKP 3000 - 8 IB
8.0
15.0
500
< 150
64 x 140
0.41
6
GMKP 3000 - 10 IA
10.0
18.0
400
< 200
64 x 190
0.61
4
GMKP 3000 - 16 IB
16.0
25.0
300
< 200
64 x 240
1.05
6 II
GMKP 3000 - 20 IB
20.0
35.0
300
< 200
84 x 190
1.05
6 II
GMKP 3000 - 28 IB
28.0
35.0
200
< 250
84 x 240
1.33
6 II
Urms = 640 V
Other values available upon request. Standard capacitors types usually, available ex stock. Non-standard and custom styles
to be manufactured in accordance with specific orders. Minimum order quantities are applicable depending on the various
capacitor types. Vishay reserve the right to change any dimensions without notice.
*See dimensional drawings document number : 13105
Power Electronic, DC Capacitors


Similar Part No. - GMKP3000-81A

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
GMK063BJ104KP-F TAIYO-YUDEN-GMK063BJ104KP-F Datasheet
143Kb / 1P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
GMK063BJ104MP-F TAIYO-YUDEN-GMK063BJ104MP-F Datasheet
143Kb / 1P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
GMK105ABJ105KV-F TAIYO-YUDEN-GMK105ABJ105KV-F Datasheet
289Kb / 2P
   High Value Multilayer Ceramic Capacitors
GMK105ABJ105MV-F TAIYO-YUDEN-GMK105ABJ105MV-F Datasheet
289Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
GMK105BJ104KV-F TAIYO-YUDEN-GMK105BJ104KV-F Datasheet
286Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
More results

Similar Description - GMKP3000-81A

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B25620B1367K203 TDK-B25620B1367K203 Datasheet
652Kb / 23P
   Power Electronic Capacitors
B25667C5147A175 TDK-B25667C5147A175 Datasheet
175Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5177A175 TDK-B25667C5177A175 Datasheet
182Kb / 10P
   Film Capacitors - Power Electronic Capacitors
B25667C2557A175 TDK-B25667C2557A175 Datasheet
174Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4467A375 TDK-B25667C4467A375 Datasheet
167Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4866A375 TDK-B25667C4866A375 Datasheet
170Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5117A175 TDK-B25667C5117A175 Datasheet
175Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5127A375 TDK-B25667C5127A375 Datasheet
167Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4347A375 TDK-B25667C4347A375 Datasheet
166Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25631S0227K600 TDK-B25631S0227K600 Datasheet
248Kb / 9P
   Film Capacitors - Power Electronic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com