Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74AC193D Datasheet(PDF) 3 Page - Integral Corp.

Part # IN74AC193D
Description  PRESETTABLE 4 - BIT BINARY UP / DOWN COUNTER HIGH - SPEED SILICON - GATE CMOS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74AC193D Datasheet(HTML) 3 Page - Integral Corp.

  IN74AC193D Datasheet HTML 1Page - Integral Corp. IN74AC193D Datasheet HTML 2Page - Integral Corp. IN74AC193D Datasheet HTML 3Page - Integral Corp. IN74AC193D Datasheet HTML 4Page - Integral Corp. IN74AC193D Datasheet HTML 5Page - Integral Corp. IN74AC193D Datasheet HTML 6Page - Integral Corp. IN74AC193D Datasheet HTML 7Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IN74AC193
290
DC ELECTRICAL CHARACTERISTICS(Voltages Referenced to GND)
VCC
Guaranteed Limits
Symbol
Parameter
Test Conditions
V
25
°C-40°C to
85
°C
Unit
VIH
Minimum High-Level
Input Voltage
VOUT=0.1 V or VCC-0.1 V
3.0
4.5
5.5
2.1
3.15
3.85
2.1
3.15
3.85
V
VIL
Maximum Low -Level
Input Voltage
VOUT=0.1 V or VCC-0.1 V
3.0
4.5
5.5
0.9
1.35
1.65
0.9
1.35
1.65
V
VOH
Minimum High-Level
Output Voltage
IOUT ≤ -50 µA
3.0
4.5
5.5
2.9
4.4
5.4
2.9
4.4
5.4
V
*V
IN=VIH or VIL
IOH=-12 mA
IOH=-24 mA
IOH=-24 mA
3.0
4.5
5.5
2.56
3.86
4.86
2.46
3.76
4.76
VOL
Maximum Low-Level
Output Voltage
IOUT ≤ 50 µA
3.0
4.5
5.5
0.1
0.1
0.1
0.1
0.1
0.1
V
*V
IN=VIH or VIL
IOL=12 mA
IOL=24 mA
IOL=24 mA
3.0
4.5
5.5
0.36
0.36
0.36
0.44
0.44
0.44
IIN
Maximum Input Leakage
Current
VIN=VCC or GND
5.5
±0.1
±1.0
µA
IOLD
+Minimum Dynamic
Output Current
VOLD=1.65 V Max
5.5
75
mA
IOHD
+Minimum Dynamic
Output Current
VOHD=3.85 V Min
5.5
-75
mA
ICC
Maximum Quiescent
Supply Current
(per Package)
VIN=VCC or GND
5.5
8.0
80
µA
* All outputs loaded; thresholds on input associated with output under test.
+Maximum test duration 2.0 ms, one output loaded at a time.
Note: IIN and ICC @ 3.0 V are guaranteed to be less than or equal to the respective limit @ 5.5 V VCC
FUNCTION TABLE
Inputs
Mode
MR
PL
CPU
CPD
HX
X
X
Reset(Asyn.)
L
L
X
X
Preset(Asyn.)
L
H
H
No Count
L
H
H
Count Up
L
H
H
Count Down
L
H
H
No Count
X = don’t care
The IN74AC193 is an UP/DOWN MODULO-
16 Binary Counter.
Logic equations
For Terminal Count:
TCU = Q0 • Q1 • Q2 • Q3 • CPU
TCD = Q0 • Q1 • Q2 • Q3 • CPD


Similar Part No. - IN74AC193D

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74AC193D IKSEMICON-IN74AC193D Datasheet
382Kb / 8P
   Presettable 4-Bit Binary UP/DOWN Counter High-Speed Silicon-Gate CMOS
More results

Similar Description - IN74AC193D

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74AC193 IKSEMICON-IN74AC193 Datasheet
382Kb / 8P
   Presettable 4-Bit Binary UP/DOWN Counter High-Speed Silicon-Gate CMOS
IN74ACT193 IKSEMICON-IN74ACT193 Datasheet
496Kb / 8P
   Presettable 4-Bit Binary UP/DOWN Counter High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74ACT193 INTEGRAL-IN74ACT193 Datasheet
364Kb / 7P
   PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT193 KODENSHI-KK74ACT193 Datasheet
508Kb / 8P
   Presettable 4-Bit Binary UP/DOWN Counter High-Speed Silicon-Gate CMOS
KK74AC193 KODENSHI-KK74AC193 Datasheet
521Kb / 8P
   Presettable 4-Bit Binary UP/DOWN Counter High-Speed Silicon-Gate CMOS
KK74HC193A KODENSHI-KK74HC193A Datasheet
502Kb / 8P
   Presettable 4-Bit Binary UP/DOWN Counter High-Performance Silicon-Gate CMOS
logo
Integral Corp.
IN74HC193 INTEGRAL-IN74HC193 Datasheet
229Kb / 7P
   Presettable 4-Bit Binary UP/DOWN Counter High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC193A IKSEMICON-IN74HC193A Datasheet
493Kb / 8P
   Presettable 4-Bit Binary UP/DOWN Counter High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HC193 SLS-SL74HC193 Datasheet
68Kb / 7P
   Presettable 4-Bit Binary UP/DOWN Counter
logo
Motorola, Inc
SN54LS192 MOTOROLA-SN54LS192 Datasheet
276Kb / 9P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com