Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83176R-735 Datasheet(PDF) 3 Page - Winbond

Part # W83176R-735
Description  3 DIMM DDR ZERO DELAY BUFFER FOR SIS CHIPSET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83176R-735 Datasheet(HTML) 3 Page - Winbond

  W83176R-735 Datasheet HTML 1Page - Winbond W83176R-735 Datasheet HTML 2Page - Winbond W83176R-735 Datasheet HTML 3Page - Winbond W83176R-735 Datasheet HTML 4Page - Winbond W83176R-735 Datasheet HTML 5Page - Winbond W83176R-735 Datasheet HTML 6Page - Winbond W83176R-735 Datasheet HTML 7Page - Winbond W83176R-735 Datasheet HTML 8Page - Winbond W83176R-735 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
W83176R-735
Publication Release Date: April 13, 2005
- 1 -
Revision 1.1
1. GENERAL DESCRIPTION
The W83176R-735 is a 2.5V Zero-delay D.D.R. Clock buffer designed for SiS system. W83176R-735
can support 3 D.D.R. DRAM DIMMs.
The W83176R-735 provides I2C serial bus interface to program the registers to enable or disable each
clock outputs. The W83176R-735 accepts a reference clock as its input and runs on 2.5V supply.
2. FEATURES
• Zero-delay clock outputs
• Feedback pins for synchronous
• Supports up to 3 D.D.R. DIMMs
• One pairs of additional outputs for feedback
Low Skew outputs (<100 pS)
Supports 400 MHz D.D.R. SDRAM
• I2C 2-Wire serial interface and supports Byte or Block Date RW
• Packaged in 48-pin SSOP
3. PIN CONFIGURATION
GN D 1
48 GN D
CLK C 0 2
47 CLKC5
C LKT0 3
46 CLKT5
VD D 4
45 VD D
C LKT1 5
44 CLKT6
CLK C 1 6
43 CLKC6
GN D 7
42 GN D
GN D 8
41 GN D
CLK C 2 9
40 CLKC7
C LK T210
39C LK T7
VD D 11
38 V D D
* S C LK 12
37 S D A TA *
C LK _IN T 13
36 N /C
N/C 14
35 FB_IN T
VD D 15
34 V D D
A V D D 16
33 FB _O U TT
A G N D 17
32 N C
GN D 18
31 G N D
C LK C 319
30C LK C 8
C LK T320
29C LK T8
VD D 21
28 V D D
C LK T422
27C LK T9
C LK C 423
26C LK C 9
GN D 24
25 G N D
*: Internal pull-up resistor 120K to VDD


Similar Part No. - W83176R-735

ManufacturerPart #DatasheetDescription
logo
Winbond
W83176R-735 WINBOND-W83176R-735 Datasheet
245Kb / 13P
   DIMM DDR ZERO DELAY BUFFER
W83176R-735 WINBOND-W83176R-735_06 Datasheet
245Kb / 13P
   DIMM DDR ZERO DELAY BUFFER
More results

Similar Description - W83176R-735

ManufacturerPart #DatasheetDescription
logo
Winbond
W83176R-732 WINBOND-W83176R-732_06 Datasheet
402Kb / 12P
   2 DIMM DDR ZERO DELAY buffer for Sis chipset
W83176R-732 WINBOND-W83176R-732 Datasheet
251Kb / 11P
   WINBOND 2DIMM DDR ZERO DELAY BUFFER FOR SIS CHIPSET
W83176R-735 WINBOND-W83176R-735_06 Datasheet
245Kb / 13P
   DIMM DDR ZERO DELAY BUFFER
logo
Integrated Circuit Syst...
ICS93725 ICST-ICS93725 Datasheet
66Kb / 8P
   DDR and SDRAM Zero Delay Buffer
logo
Renesas Technology Corp
ICS93725 RENESAS-ICS93725 Datasheet
99Kb / 8P
   DDR and SDRAM Zero Delay Buffer
08/01/03
logo
Cypress Semiconductor
CY28343 CYPRESS-CY28343 Datasheet
91Kb / 10P
   Zero Delay SDR/DDR Clock Buffer
logo
Integrated Device Techn...
ICS9P935 IDT-ICS9P935 Datasheet
197Kb / 13P
   DDR I/DDR II Phase Lock Loop Zero Delay Buffer
9P935AFLF IDT-9P935AFLF Datasheet
197Kb / 13P
   DDR I/DDR II Phase Lock Loop Zero Delay Buffer
logo
Renesas Technology Corp
ICS9P935 RENESAS-ICS9P935 Datasheet
330Kb / 14P
   DDR I/DDR II Phase Lock Loop Zero Delay Buffer
2019
ICS93705 RENESAS-ICS93705 Datasheet
343Kb / 9P
   DDR Phase Lock Loop Zero Delay Clock Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com