Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK5701VN Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AK5701VN
Description  PLL & MIC-AMP 16-Bit Stereo ADC
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5701VN Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AK5701VN Datasheet HTML 3Page - Asahi Kasei Microsystems AK5701VN Datasheet HTML 4Page - Asahi Kasei Microsystems AK5701VN Datasheet HTML 5Page - Asahi Kasei Microsystems AK5701VN Datasheet HTML 6Page - Asahi Kasei Microsystems AK5701VN Datasheet HTML 7Page - Asahi Kasei Microsystems AK5701VN Datasheet HTML 8Page - Asahi Kasei Microsystems AK5701VN Datasheet HTML 9Page - Asahi Kasei Microsystems AK5701VN Datasheet HTML 10Page - Asahi Kasei Microsystems AK5701VN Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 62 page
background image
ASAHI KASEI
[AK5701]
MS0404-J-00
2005/08
- 7 -
フィルタ特性
(Ta=25
°C; AVDD=2.4 ∼ 3.6V; DVDD=1.6 ∼ 3.6V; fs=44.1kHz)
Parameter
Symbol
min
typ
max
Units
ADC Digital Filter (Decimation LPF):
Passband (Note 15)
±0.1dB
PB
0
-
17.4
kHz
−1.0dB
-
20.0
-
kHz
−3.0dB
-
21.1
-
kHz
Stopband (Note 15)
SB
25.7
-
-
kHz
Passband Ripple
PR
-
-
±0.1
dB
Stopband Attenuation
SA
65
-
-
dB
Group Delay (Note 16)
GD
-
18
-
1/fs
Group Delay Distortion
∆GD
-
0
-
µs
ADC Digital Filter (HPF): HPF1-0 bits = “00”
Frequency Response (Note 15)
−3.0dB
FR
-
3.4
-
Hz
−0.5dB
-
10
-
Hz
−0.1dB
-
22
-
Hz
Note 15. 各振幅特性の周波数は fs (システムサンプリングレート)に比例します。
例えば、PB=20.0kHz(@
−1.0dB)は0.454 x fsです(ADC)。各応答は1kHzを基準にします。
Note 16. ディジタルフィルタによる遅延演算で、アナログ信号が入力されてから両チャネルの16ビットデー
タが出力レジスタにセットされるまでの時間です。
DC特性
(Ta=25
°C; AVDD=2.4 ∼ 3.6V; DVDD=1.6 ∼ 3.6V)
Parameter
Symbol
min
typ
max
Units
High-Level Input Voltage
Except CSP pin; 2.2V
≤ DVDD ≤3.6V
VIH
70
%DVDD
-
-
V
Except CSP pin; 1.6V
≤ DVDD <2.2V
VIH
80
%DVDD
-
-
V
CSP pin
VIH
90
%DVDD
-
-
V
Low-Level Input Voltage
Except CSP pin; 2.2V
≤ DVDD ≤3.6V
VIL
-
-
30
%DVDD
V
Except CSP pin; 1.6V
≤ DVDD <2.2V
VIL
-
-
20
%DVDD
V
CSP pin
VIL
-
-
10
%DVDD
V
High-Level Output Voltage
(Iout=
−200µA)
VOH
DVDD
−0.2
-
-
V
Low-Level Output Voltage
(Iout= 200
µA)
VOL
-
-
0.2
V
Input Leakage Current (Note 17)
Iin
-
-
±10
µA
Note 17. CSP pin = “H”のとき、CCLK pinは内部でプルダウンされています(typ. 100k
Ω)。


Similar Part No. - AK5701VN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5701VN AKM-AK5701VN Datasheet
973Kb / 64P
   16-Bit ?誇 Stereo ADC with PLL & MIC-AMP
More results

Similar Description - AK5701VN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5701 AKM-AK5701_07 Datasheet
973Kb / 64P
   16-Bit ?誇 Stereo ADC with PLL & MIC-AMP
AK5701KN AKM-AK5701KN_17 Datasheet
1Mb / 64P
   PLL & MIC-AMP?낁뵷16-Bit Stereo ADC
AK5700 AKM-AK5700 Datasheet
503Kb / 61P
   16-Bit ?誇 Mono ADC with PLL & MIC-AMP
AK5703EN AKM-AK5703EN Datasheet
914Kb / 76P
   4-Channel 24-bit ADC with PLL & MIC-AMP
AK5702 AKM-AK5702 Datasheet
967Kb / 76P
   4-Channel ADC with PLL & MIC-AMP
AK4642VN AKM-AK4642VN Datasheet
591Kb / 82P
   16-Bit ?誇 Stereo CODEC with MIC/HP/SPK-AMP
AK4537 AKM-AK4537 Datasheet
556Kb / 76P
   16-Bit ?誇 Stereo CODEC with MIC/HP/SPK-AMP
AK7755 AKM-AK7755 Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
AK7755EN AKM-AK7755EN_16 Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
AK7755EN AKM-AK7755EN Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com