Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS5270 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5270
Description  8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5270 Datasheet(HTML) 1 Page - Texas Instruments

  ADS5270 Datasheet HTML 1Page - Texas Instruments ADS5270 Datasheet HTML 2Page - Texas Instruments ADS5270 Datasheet HTML 3Page - Texas Instruments ADS5270 Datasheet HTML 4Page - Texas Instruments ADS5270 Datasheet HTML 5Page - Texas Instruments ADS5270 Datasheet HTML 6Page - Texas Instruments ADS5270 Datasheet HTML 7Page - Texas Instruments ADS5270 Datasheet HTML 8Page - Texas Instruments ADS5270 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
BurrBrown Products
from Texas Instruments
FEATURES
APPLICATIONS
DESCRIPTION
10−Bit
ADC
PLL
S/H
Serializer
1x ADCLK
6x ADCLK
IN1
P
ADCLK
IN1
N
OUT1P
OUT1N
10−Bit
ADC
S/H
Serializer
IN2
P
IN2
N
OUT2
P
OUT2
N
10−Bit
ADC
S/H
Serializer
IN3
P
IN3
N
OUT3
P
OUT3
N
LCLK
P
LCLK
N
ADCLK
P
ADCLK
N
12x ADCLK
10−Bit
ADC
S/H
Serializer
IN4P
IN4N
OUT4
P
OUT4
N
10−Bit
ADC
S/H
Serializer
IN5
P
IN5N
OUT5P
OUT5N
10−Bit
ADC
S/H
Serializer
IN6
P
IN6
N
OUT6
P
OUT6N
10−Bit
ADC
S/H
Serializer
IN7
P
IN7
N
OUT7
P
OUT7
N
10−Bit
ADC
S/H
Serializer
Reference
IN8
P
IN8
N
INT/EXT
OUT8
P
OUT8
N
Registers
Control
ADS5277
SBAS333C – FEBRUARY 2005 – REVISED SEPTEMBER 2005
8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter
with Serial LVDS Interface
An integrated phase lock loop (PLL) multiplies the
incoming ADC sampling clock by a factor of 12. This
Maximum Sample Rate: 65MSPS
high-frequency clock is used in the data serialization
10-Bit Resolution
and transmission process. The word output of each
internal ADC is serialized and transmitted either MSB
No Missing Codes
or LSB first. The word consists of 12 bits, of which
Total Power Dissipation:
the 2 LSBs are zeroes and the remaining 10 bits
Internal Reference: 911mW
correspond to the output from the ADC. This
External Reference: 845mW
formatting is done in order to keep the interface
CMOS Technology
compatible with the 12-bit parts of the family. In
addition to the eight data outputs, a bit clock and a
Simultaneous Sample-and-Hold
word clock are also transmitted. The bit clock is at 6x
61.7dBFS SNR at 5MHz IF
the speed of the sampling clock, whereas the word
3.3V Digital/Analog Supply
clock is at the same speed of the sampling clock.
Serialized LVDS Outputs
The ADS5277 provides internal references, or can
Integrated Frame and Bit Patterns
optionally be driven with external references. Best
performance
is
achieved
through
the
internal
Option to Double LVDS Clock Output Currents
reference mode.
Four Current Modes for LVDS
The ADS5277 is available in a PowerPAD TQFP-80
Pin- and Format-Compatible Family
package and is specified over a –40
°C to +85°C
TQFP-80 PowerPAD™ Package
operating range.
Portable Ultrasound Systems
Tape Drives
Test Equipment
The
ADS5277
is
a
high-performance,
CMOS,
65MSPS,
8-channel
analog-to-digital
converter
(ADC). Internal references are provided, simplifying
system design requirements. Low power consumption
allows for the highest of system integration densities.
Serial
LVDS
(low-voltage
differential
signaling)
outputs reduce the number of interface lines and
package size.
RELATED PRODUCTS
RESOLUTION
SAMPLE RATE
MODEL
(BITS)
(MSPS)
CHANNELS
ADS5270
12
40
8
ADS5271
12
50
8
ADS5272
12
65
8
ADS5273
12
70
8
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS5270

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS5270 BURR-BROWN-ADS5270 Datasheet
439Kb / 18P
   8-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Texas Instruments
ADS5270 TI1-ADS5270 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
ADS5270 TI1-ADS5270 Datasheet
1Mb / 31P
[Old version datasheet]   8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS5270IPFP BURR-BROWN-ADS5270IPFP Datasheet
439Kb / 18P
   8-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Texas Instruments
ADS5270IPFP TI1-ADS5270IPFP Datasheet
1Mb / 31P
[Old version datasheet]   8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter
More results

Similar Description - ADS5270

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5277 TI-ADS5277_12 Datasheet
1Mb / 32P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS5242 TI-ADS5242 Datasheet
1,010Kb / 29P
[Old version datasheet]   4-Channel, 12-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS5277 TI1-ADS5277_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter
ADS5271 TI1-ADS5271_14 Datasheet
1Mb / 32P
[Old version datasheet]   8-Channel, 12-Bit, 50MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS5272 TI1-ADS5272_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
logo
Burr-Brown (TI)
ADS5272 BURR-BROWN-ADS5272 Datasheet
246Kb / 16P
   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
logo
Texas Instruments
ADS5122 TI-ADS5122 Datasheet
393Kb / 19P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5122 TI1-ADS5122_13 Datasheet
504Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5237 TI-ADS5237 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 10-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
ADS8410 TI1-ADS8410 Datasheet
1,005Kb / 40P
[Old version datasheet]   16-BIT, 2-MSPS, LVDS SERIAL INTERFACE, SAR ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com