Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NAND01GW4B2CZB6 Datasheet(PDF) 8 Page - STMicroelectronics

Part # NAND01GW4B2CZB6
Description  1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND01GW4B2CZB6 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button NAND01GW4B2CZB6 Datasheet HTML 4Page - STMicroelectronics NAND01GW4B2CZB6 Datasheet HTML 5Page - STMicroelectronics NAND01GW4B2CZB6 Datasheet HTML 6Page - STMicroelectronics NAND01GW4B2CZB6 Datasheet HTML 7Page - STMicroelectronics NAND01GW4B2CZB6 Datasheet HTML 8Page - STMicroelectronics NAND01GW4B2CZB6 Datasheet HTML 9Page - STMicroelectronics NAND01GW4B2CZB6 Datasheet HTML 10Page - STMicroelectronics NAND01GW4B2CZB6 Datasheet HTML 11Page - STMicroelectronics NAND01GW4B2CZB6 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
Summary description
NAND01G-B, NAND02G-B
8/64
1
Summary description
The NAND Flash 2112 Byte/ 1056 Word Page is a family of non-volatile Flash memories
that uses NAND cell technology. The devices range from 1 Gbit to 2 Gbits and operate with
either a 1.8V or 3V voltage supply. The size of a Page is either 2112 Bytes (2048 + 64
spare) or 1056 Words (1024 + 32 spare) depending on whether the device has a x8 or x16
bus width.
The address lines are multiplexed with the Data Input/Output signals on a multiplexed x8 or
x16 Input/Output bus. This interface reduces the pin count and makes it possible to migrate
to other densities without changing the footprint.
Each block can be programmed and erased over 100,000 cycles. To extend the lifetime of
NAND Flash devices it is strongly recommended to implement an Error Correction Code
(ECC).
The devices have hardware and software security features:
A Write Protect pin is available to give a hardware protection against program and
erase operations.
A Block Locking scheme is available to provide user code and/or data protection.
The devices feature an open-drain Ready/Busy output that can be used to identify if the
Program/Erase/Read (P/E/R) Controller is currently active. The use of an open-drain output
allows the Ready/Busy pins from several memories to be connected to a single pull-up
resistor.
A Copy Back Program command is available to optimize the management of defective
blocks. When a Page Program operation fails, the data can be programmed in another page
without having to resend the data to be programmed.
Each device has Cache Program and Cache Read features which improve the program and
read throughputs for large files. During Cache Programming, the device loads the data in a
Cache Register while the previous data is transferred to the Page Buffer and programmed
into the memory array. During Cache Reading, the device loads the data in a Cache
Register while the previous data is transferred to the I/O Buffers to be read.
All devices have the Chip Enable Don’t Care feature, which allows code to be directly
downloaded by a microcontroller, as Chip Enable transitions during the latency time do not
stop the read operation.
All devices have the option of a Unique Identifier (serial number), which allows each device
to be uniquely identified.
The Unique Identifier options is subject to an NDA (Non Disclosure Agreement) and so not
described in the datasheet. For more details of this option contact your nearest ST Sales
office.
The devices are available in the following packages:
TSOP48 (12 x 20mm) for all products
VFBGA63 (9.5 x 12 x 1mm, 0.8mm pitch) for 1Gb products
TFBGA63 (9.5 x 12 x 1.2mm, 0.8mm pitch) for 2Gb Dual Die products
In order to meet environmental requirements, ST offers the NAND01G-B and NAND02G-B
in ECOPACK® packages. ECOPACK packages are Lead-free. The category of second Level
Interconnect is marked on the package and on the inner box label, in compliance with


Similar Part No. - NAND01GW4B2CZB6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
NAND01GW4B2CZA1E STMICROELECTRONICS-NAND01GW4B2CZA1E Datasheet
711Kb / 62P
   1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
logo
Numonyx B.V
NAND01GW4B2CZA1E NUMONYX-NAND01GW4B2CZA1E Datasheet
1Mb / 60P
   1-Gbit, 2-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, NAND flash memory
logo
STMicroelectronics
NAND01GW4B2CZA1F STMICROELECTRONICS-NAND01GW4B2CZA1F Datasheet
711Kb / 62P
   1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
logo
Numonyx B.V
NAND01GW4B2CZA1F NUMONYX-NAND01GW4B2CZA1F Datasheet
1Mb / 60P
   1-Gbit, 2-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, NAND flash memory
NAND01GW4B2CZA5E NUMONYX-NAND01GW4B2CZA5E Datasheet
1Mb / 67P
   1-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, single level cell NAND flash memory
January 2010 Rev 5
More results

Similar Description - NAND01GW4B2CZB6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
NAND01G-B2B STMICROELECTRONICS-NAND01G-B2B Datasheet
711Kb / 62P
   1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
NAND512-B STMICROELECTRONICS-NAND512-B Datasheet
383Kb / 59P
   512 Mbit, 1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
February 2005
logo
Numonyx B.V
NAND04GW3B2B NUMONYX-NAND04GW3B2B Datasheet
1Mb / 58P
   4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
logo
STMicroelectronics
NAND04GW3B2B STMICROELECTRONICS-NAND04GW3B2B Datasheet
501Kb / 58P
   4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
logo
Numonyx B.V
NAND01G-B2B NUMONYX-NAND01G-B2B Datasheet
1Mb / 60P
   1-Gbit, 2-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, NAND flash memory
NAND01GR3B2C NUMONYX-NAND01GR3B2C Datasheet
1Mb / 67P
   1-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, single level cell NAND flash memory
January 2010 Rev 5
NAND04G-B2D NUMONYX-NAND04G-B2D Datasheet
1Mb / 69P
   4 Gbit, 8 Gbit, 2112 byte/1056 word page multiplane architecture, 1.8 V or 3 V, NAND Flash memories
NAND02G-B2D NUMONYX-NAND02G-B2D Datasheet
1Mb / 69P
   2-Gbit, 2112-byte/1056-word page multiplane architecture, 1.8 V or 3 V, NAND flash memories
NAND08GW3C2A NUMONYX-NAND08GW3C2A Datasheet
1Mb / 58P
   8/16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
NAND08GW3C2B NUMONYX-NAND08GW3C2B Datasheet
1Mb / 60P
   8 or 16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com