Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNY171M Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # CNY171M
Description  Phototransistor Optocouplers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CNY171M Datasheet(HTML) 4 Page - Fairchild Semiconductor

  CNY171M Datasheet HTML 1Page - Fairchild Semiconductor CNY171M Datasheet HTML 2Page - Fairchild Semiconductor CNY171M Datasheet HTML 3Page - Fairchild Semiconductor CNY171M Datasheet HTML 4Page - Fairchild Semiconductor CNY171M Datasheet HTML 5Page - Fairchild Semiconductor CNY171M Datasheet HTML 6Page - Fairchild Semiconductor CNY171M Datasheet HTML 7Page - Fairchild Semiconductor CNY171M Datasheet HTML 8Page - Fairchild Semiconductor CNY171M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
www.fairchildsemi.com
CNY17X, CNY17FX, MOC810X Rev. 1.0.5
Transfer Characteristics (TA = 25°C Unless otherwise specified.)
(1)
DC Characteristics
Test Conditions Symbol
Min
Typ
Max
Units
Coupled
Output Collector
Current
MOC8101
(IF = 10 mA, VCE = 10 V)
(CTR)(2)
50—80
%
MOC8102
73
117
MOC8103
108
173
MOC8104
160
256
MOC8105
65
133
MOC8106
50
150
MOC8107
100
300
MOC8108
250
600
CNY17F1/1M
(IF = 10 mA, VCE = 5 V)
40
80
CNY17F2/2M
63
125
CNY17F3/3M
100
200
CNY17F4/4M
160
320
CNY171/1M
40
80
CNY172/2M
63
125
CNY173/3M
100
200
CNY174/4M
160
320
Collector-Emitter
Saturation Voltage
CNY17XM/FXM
(IC = 2.5 mA, IF = 10 mA)
VCE(sat)
——
0.4
V
MOC8101/2/3/4/5/
6/7/8
(IC = 500 µA, IF = 5.0 mA)
CNY17X/FX
(IF = 10 mA, IC = 2.5 mA)
0.3
V
AC Characteristics(3)
Test Conditions Symbol
Min
Typ*
Max
Units
Non-Saturated Switching Time
Turn-On Time
MOC8101/2/3/4/5
(IC = 2.0 mA, VCC = 10 V, RL = 100 Ω)ton
—2
20
µs
MOC8106/7/8
CNY17X/FX
10
Turn-Off Time
MOC8101/2/3/4/5
(IC = 2.0 mA, VCC = 10 V, RL = 100 Ω)toff
—3
20
MOC8106/7/8
CNY17X/FX
10
Delay Time
CNY17XM/FXM
(IF = 10 mA, VCC = 5 V, RL = 75 Ω)td
——
5.6
µs
Rise Time
All Devices
(IC = 2.0 mA, VCC = 10 V, RL = 100 Ω)tr
—1—
µs
CNY17XM/FXM
(IF = 10 mA, VCC = 5 V, RL = 75 Ω)—
4.0
Storage Time
CNY17XM/FXM
(IF = 10 mA, VCC = 5 V, RL = 75 Ω)ts
——
4.1
µs
Fall Time
All Devices
(IC = 2.0 mA, VCC = 10 V, RL = 100 Ω)tf
—2—
µs
CNY17XM/FXM
(IF = 10 mA, VCC = 5 V, RL = 75 Ω)—
3.5


Similar Part No. - CNY171M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CNY171M FAIRCHILD-CNY171M Datasheet
589Kb / 15P
   Phototransistor Optocouplers
CNY171M FAIRCHILD-CNY171M Datasheet
268Kb / 10P
   Phototransistor Optocouplers
CNY171M FAIRCHILD-CNY171M Datasheet
253Kb / 11P
   Phototransistor Optocouplers
logo
ON Semiconductor
CNY171M ONSEMI-CNY171M Datasheet
372Kb / 12P
   6-Pin DIP High BVCEO Phototransistor Optocouplers
December, 2022 - Rev. 3
More results

Similar Description - CNY171M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CNY17-1 FAIRCHILD-CNY17-1 Datasheet
575Kb / 14P
   Phototransistor Optocouplers
H11AG1SD FAIRCHILD-H11AG1SD Datasheet
146Kb / 8P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1-M FAIRCHILD-H11AV1-M Datasheet
530Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1 FAIRCHILD-H11AV1 Datasheet
534Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
CNY17-1 QT-CNY17-1 Datasheet
546Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
MCT2 FAIRCHILD-MCT2 Datasheet
619Kb / 15P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
MCT2200 QT-MCT2200 Datasheet
402Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLERS
MOC8111 QT-MOC8111 Datasheet
434Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AV1M FAIRCHILD-H11AV1M Datasheet
277Kb / 10P
   Phototransistor Optocouplers
CNY171M FAIRCHILD-CNY171M Datasheet
268Kb / 10P
   Phototransistor Optocouplers
CNY17F2M FAIRCHILD-CNY17F2M Datasheet
253Kb / 11P
   Phototransistor Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com