Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MWI30-06A7T Datasheet(PDF) 1 Page - IXYS Corporation

Part # MWI30-06A7T
Description  IGBT Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MWI30-06A7T Datasheet(HTML) 1 Page - IXYS Corporation

  MWI30-06A7T Datasheet HTML 1Page - IXYS Corporation MWI30-06A7T Datasheet HTML 2Page - IXYS Corporation MWI30-06A7T Datasheet HTML 3Page - IXYS Corporation MWI30-06A7T Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2000 IXYS All rights reserved
B3 - 2
MWI 30-06 A7
MWI 30-06 A7T
IXYS reserves the right to change limits, test conditions and dimensions.
Features
l
NPT IGBT technology
l
low saturation voltage
l
low switching losses
l
switching frequency up to 30 kHz
l
square RBSOA, no latch up
l
high short circuit capability
l
positive temperature coefficient for
easy parallelling
l
MOS input, voltage controlled
l
ultra fast free wheeling diodes
l
solderable pins for PCB mounting
l
package with copper base plate
Advantages
l
space savings
l
reduced protection circuits
l
package designed for wave soldering
Typical Applications
l
AC motor control
l
AC servo and robot drives
l
power supplies
IGBTs
Symbol
Conditions
Maximum Ratings
V
CES
T
VJ = 25°C to 150°C
600
V
V
GES
± 20
V
I
C25
T
C = 25°C
45
A
I
C80
T
C = 80°C
30
A
RBSOA
V
GE = ±15 V; RG = 33 Ω; TVJ = 125°C
I
CM =
60
A
Clamped inductive load; L = 100 µH
V
CEK
≤ VCES
t
SC
V
CE = VCES; VGE = ±15 V; RG = 33 Ω; TVJ = 125°C
10
µs
(SCSOA)
non-repetitive
P
tot
T
C = 25°C
140
W
Symbol
Conditions
Characteristic Values
(T
VJ = 25°C, unless otherwise specified)
min.
typ.
max.
V
CE(sat)
I
C = 30 A; VGE = 15 V; TVJ =
25°C
1.9
2.4
V
T
VJ = 125°C
2.2
V
V
GE(th)
I
C = 0.7 mA; VGE = VCE
4.5
6.5
V
I
CES
V
CE = VCES; VGE = 0 V; TVJ =
25°C
0.6 mA
T
VJ = 125°C
0.5
mA
I
GES
V
CE = 0 V; VGE = ± 20 V
200
nA
t
d(on)
50
ns
t
r
50
ns
t
d(off)
270
ns
t
f
40
ns
E
on
1.4
mJ
E
off
1.0
mJ
C
ies
V
CE = 25 V; VGE = 0 V; f = 1 MHz
1600
pF
Q
Gon
V
CE = 300V; VGE = 15 V; IC = 30 A
150
nC
R
thJC
(per IGBT)
0.88 K/W
Inductive load, T
VJ = 125°C
V
CE = 300 V; IC = 30 A
V
GE =
±15 V; R
G = 33 Ω
I
C25
= 45 A
V
CES
= 600 V
V
CE(sat) typ. = 1.9 V
IGBT Modules
Sixpack
Short Circuit SOA Capability
Square RBSOA
Type:
NTC - Option:
MWI 30-06 A7
without NTC
MWI 30-06 A7T
with NTC
NTC
13
17
1
2
3
4
7
8
9
10
11
12
5
6
15
16
14
T
T
Preliminary Data


Similar Part No. - MWI30-06A7T

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MWI30-12E6K IXYS-MWI30-12E6K Datasheet
303Kb / 4P
   IGBT Module
More results

Similar Description - MWI30-06A7T

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
BSM15GP120 EUPEC-BSM15GP120 Datasheet
199Kb / 11P
   IGBT-Modules
logo
IXYS Corporation
L426 IXYS-L426 Datasheet
128Kb / 4P
   IGBT Modules
MWI100-12E8 IXYS-MWI100-12E8 Datasheet
71Kb / 2P
   IGBT Modules
logo
Semikron International
SKM25GAH125D SEMIKRON-SKM25GAH125D Datasheet
166Kb / 5P
   IGBT Modules
SKM200GAL173D SEMIKRON-SKM200GAL173D Datasheet
725Kb / 6P
   IGBT Modules
SKM200GB173D SEMIKRON-SKM200GB173D_08 Datasheet
725Kb / 6P
   IGBT Modules
SKIM300GD126D SEMIKRON-SKIM300GD126D Datasheet
1Mb / 4P
   IGBT Modules
SKM22GD123D SEMIKRON-SKM22GD123D_09 Datasheet
635Kb / 6P
   IGBT modules
SKM100GB173D SEMIKRON-SKM100GB173D Datasheet
563Kb / 4P
   IGBT Modules
SKM145GB123D SEMIKRON-SKM145GB123D Datasheet
599Kb / 4P
   IGBT Modules
SKM200GB173D SEMIKRON-SKM200GB173D Datasheet
704Kb / 4P
   IGBT Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com