Electronic Components Datasheet Search
Selected language
English ▼
English
Chinese
German
Japanese
Russian
Korean
Spanish
French
Italian
Portuguese
Polish
Part Name
Included
start with
end
match
Description
AY-5-1013A Datasheet(PDF) 2 Page - TelCom Semiconductor, Inc
Part No.
AY-5-1013A
Description
UNIVERSAL
ASYNCHRONOUS
RECEIVER
/
TRANSMITTER
Download
13 Pages
Scroll/Zoom
100%
Maker
TELCOM [TelCom Semiconductor, Inc]
Homepage
http://www.telcom-semi.com
Logo
2 page
Html Pages
1
2
3
4
5
6
7
8
9
10
11
12
13
Datasheet Download
Related Electronics Part Number
Part Number
Components Description
Html View
Manufacturer
PC16550D
PC16550D
Universal
Asynchronous
Receiver/Transmitter
with
FIFOs
1
2
3
4
5
More
National Semiconductor (TI)
SC28C94
Quad
universal
asynchronous
receiver/transmitter
QUART
1
2
3
4
5
More
NXP Semiconductors
ST16C450
UNIVERSAL
ASYNCHRONOUS
RECEIVER/TRANSMITTER
UART
1
2
3
4
5
More
Exar Corporation
CDP1854
High
Reliability
CMOS
Programmable
Universal
Asynchronous
Receiver/Transmitter
UART
1
2
3
4
5
More
Intersil Corporation
H8250
Universal
Asynchronous
Receiver/Transmitter
1
2
3
4
5
More
List of Unclassifed Manufacturers
PC16552C
Dual
Universal
Asynchronous
Receiver/Transmitter
with
FIFOs
1
2
3
4
5
More
National Semiconductor (TI)
SC28L202
Dual
universal
asynchronous
receiver/transmitter
DUART
1
2
3
4
5
More
NXP Semiconductors
HD6402
CMOS
Universal
Asynchronous
Receiver
Transmitter
UART
1
2
3
4
5
More
Harris Corporation
PC16552D
Dual
Universal
Asynchronous
Receiver/Transmitter
with
FIFOs
1
2
3
4
5
More
National Semiconductor (TI)
SC28L92
3.3V-5.0V
Dual
Universal
Asynchronous
Receiver/Transmitter
DUART
1
2
3
4
5
More
NXP Semiconductors
Link URL
Does ALLDATASHEET help your business so far?
[ DONATE ]
About Alldatasheet
|
Advertisement
|
Datasheet Upload
|
Contact us
|
Privacy Policy
|
Bookmark
|
Link Exchange
|
Manufacturer List
All Rights Reserved©
Alldatasheet.com
2003 - 2017
Mirror Sites
English :
Alldatasheet.com
,
Alldatasheet.net
|   Chinese :
Alldatasheetcn.com
| German :
Alldatasheetde.com
| Japanese :
Alldatasheet.jp
| Russian :
Alldatasheetru.com
Korean :
Alldatasheet.co.kr
| Spanish :
Alldatasheet.es
| French :
Alldatasheet.fr
| Italian :
Alldatasheetit.com
| Portuguese :
Alldatasheetpt.com
| Polish :
Alldatasheet.pl