Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HZ16CP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HZ16CP
Description  Silicon Epitaxial Planar Zener Diodes for Voltage Controller - Voltage Limitter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HZ16CP Datasheet(HTML) 5 Page - Renesas Technology Corp

  HZ16CP Datasheet HTML 1Page - Renesas Technology Corp HZ16CP Datasheet HTML 2Page - Renesas Technology Corp HZ16CP Datasheet HTML 3Page - Renesas Technology Corp HZ16CP Datasheet HTML 4Page - Renesas Technology Corp HZ16CP Datasheet HTML 5Page - Renesas Technology Corp HZ16CP Datasheet HTML 6Page - Renesas Technology Corp HZ16CP Datasheet HTML 7Page - Renesas Technology Corp HZ16CP Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
HZ-P Series
Rev.6.00, Apr 13, 2004, page 5 of 7
Main Characteristic
1.0
0.8
0.6
0.4
0.2
200
150
100
50
0
0
l=10mm
l=10mm
without heat sink Plate
Infinite Heat Sink Plate
l=20mm
ll
Ambient temperature Ta (
°C)
Fig.3 Power Dissipation vs. Ambient Temperature
0
5
10
15
20
25
30
35
40
50
40
30
20
10
0
–10
–20
–30
–40
–50
%/
°C
mV/
°C
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0.10
–0.08
–0.10
Fig.2 Temperature Coefficient vs. Zener Voltage
Zener voltage VZ (V)
5
101520253035
40
0
45
10–
2
10–
4
10–
6
10–
8
10–
7
10–
5
10–
3
10–
1
Fig.1 Zener Current vs. Zener Voltage
Zener voltage VZ (V)


Similar Part No. - HZ16CP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HZ16CP HITACHI-HZ16CP Datasheet
48Kb / 8P
   Silicon Epitaxial Planar Zener Diodes for Voltage Controller & Voltage Limitter
HZ16CP HITACHI-HZ16CP Datasheet
46Kb / 8P
   Silicon Epitaxial Planar Zener Diodes for Voltage Controller - Voltage Limitter
More results

Similar Description - HZ16CP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HZ-P HITACHI-HZ-P Datasheet
46Kb / 8P
   Silicon Epitaxial Planar Zener Diodes for Voltage Controller - Voltage Limitter
HZ12BP HITACHI-HZ12BP Datasheet
48Kb / 8P
   Silicon Epitaxial Planar Zener Diodes for Voltage Controller & Voltage Limitter
logo
Renesas Technology Corp
1N5223B RENESAS-1N5223B Datasheet
166Kb / 6P
   Silicon Epitaxial Planar Zener Diodes for Voltage Regulation
HZU10 RENESAS-HZU10 Datasheet
100Kb / 11P
   Silicon Epitaxial Planar Zener Diodes for Stabilizer
Rev.7 Dec. 2002
logo
SEMTECH ELECTRONICS LTD...
2V2BC SEMTECH_ELEC-2V2BC Datasheet
306Kb / 3P
   Silicon Epitaxial Planar Zener Diodes
logo
Nanjing International G...
ZMM1B DGNJDZ-ZMM1B Datasheet
167Kb / 8P
   Silicon Epitaxial Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
BTZS4678 SEMTECH_ELEC-BTZS4678 Datasheet
292Kb / 4P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZX83C SEMTECH_ELEC-BZX83C Datasheet
162Kb / 2P
   SILICON EPITAXIAL PLANAR ZENER DIODES
21/06/2007
logo
Semtech Corporation
ZM-PTZ10B SEMTECH-ZM-PTZ10B Datasheet
286Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX55T2V4 SEMTECH_ELEC-BZX55T2V4 Datasheet
255Kb / 4P
   SILICON EPITAXIAL PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com