Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCE-A1A-4000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # VCE-A1A-4000
Description  VCE1 14 x 9.8 mm Crystal Oscillators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VCE-A1A-4000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  VCE-A1A-4000 Datasheet HTML 1Page - List of Unclassifed Manufacturers VCE-A1A-4000 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VCE1 14 x 9.8 mm Crystal Oscillators
Featuring
3.
3 or 5.0 Vdc Option
Low Cost
Tight Stability
0°C to +70°C and -40°C to +85°C
Frequency Range 1 to
66.667 MHz
Standard Freqs
See Standard Frequency Table
Package Options E1 = 14 x 9.8 x 4.7 mm tall 4 pads
Voltage Options/
Load Drive
A = +5.0 Vdc
B = +3.3 Vdc
E = +5.0 Vdc
±10%
±10%
±10%
15pF
15pF
50pF
Electrical Options 0 = No Tristate
1 = Tristate
2 = No Tristate
3 = Tristate
60/40 Symmetry
60/40 Symmetry
55/45 Symmetry
55/45 Symmetry
Tristate
N/C = OUTPUT
Logic 1 = OUTPUT
Logic 0 = High Impedance
Stability Options
A = ±100 PPM
B = ±50 PPM
C = ±100 PPM
D = ±50 PPM
0°C to +70°C
0°C to +70°C
-40°C to +85°C
-40°C to +85°C
Storage
Temperature
-55°C to +125°C
Start-Up
10 ms Maximum
Aging (Typical)
<5.0 PPM/first year at +40°C dynamic
Load
HCMOS/TTL
Tr & Tf
8
ns maximum
Current
40 mA Maximum
Standard
Packaging
Tape & Reel
** Consult Factory for Frequency Available
Typical P/N
VCE1-A1A-40M000
E1 = 14 x 9.8 x 4.7 mm tall 4 pads
A = +5.0 Vdc
1 = Tristate 60/40 Symmetry
A = ±100 PPM 0°C to 70°C
Generate your own part number!
We welcome your custom requests and will issue a custom part
number for items that are not listed.


Similar Part No. - VCE-A1A-4000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VCE ETC2-VCE Datasheet
310Kb / 8P
   EM Clutch
VCE0.6 ETC2-VCE0.6 Datasheet
310Kb / 8P
   EM Clutch
logo
XP Power Limited
VCE03 XPPOWER-VCE03 Datasheet
602Kb / 4P
   AC-DC Power Supplies
VCE03 XPPOWER-VCE03 Datasheet
602Kb / 4P
   AC-DC Power Supplies 3 Watts
VCE03US03 XPPOWER-VCE03US03 Datasheet
602Kb / 4P
   AC-DC Power Supplies
More results

Similar Description - VCE-A1A-4000

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VPE1-B1B-40M000 VECTRON-VPE1-B1B-40M000 Datasheet
118Kb / 2P
   VPE1 14 x 9.8 mm Crystal Oscillators
VPE1 VECTRON-VPE1 Datasheet
116Kb / 2P
   VPE1 14 x 9.8 mm Crystal Oscillators
VPC1-B1B-40M000 VECTRON-VPC1-B1B-40M000 Datasheet
71Kb / 2P
   VPC1 7.5 x 5 mm Crystal Oscillators
VPC1 VECTRON-VPC1 Datasheet
70Kb / 2P
   VPC1 7.5 x 5 mm Crystal Oscillators
VPA1 VECTRON-VPA1 Datasheet
132Kb / 2P
   VPA1 14 Pin Dip Crystal Oscillators
VPA1-B1B-40M000 VECTRON-VPA1-B1B-40M000 Datasheet
133Kb / 2P
   VPA1 14 Pin Dip Crystal Oscillators
logo
List of Unclassifed Man...
VCD6 ETC1-VCD6 Datasheet
233Kb / 2P
   14.4 x 9.8 x 6.0 mm 6 pin SMD
logo
Toshiba Semiconductor
TA4014FE TOSHIBA-TA4014FE Datasheet
62Kb / 4P
   Crystal Oscillators
logo
Epson ToYoCom
TCO-980 EPSONTOYOCOM-TCO-980 Datasheet
840Kb / 2P
   Crystal oscillators
logo
Wolfgang Knap
GMQASAWA-WK WK-GMQASAWA-WK Datasheet
44Kb / 1P
   CRYSTAL-OSCILLATORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com