Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCD6 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # VCD6
Description  14.4 x 9.8 x 6.0 mm 6 pin SMD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VCD6 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  VCD6 Datasheet HTML 1Page - List of Unclassifed Manufacturers VCD6 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
êîð Ò±®¬¸ Ô·²¼»²©±±¼ Ü®·ª»
Ñ´¿¬¸»ô ÕÍ êêðêî ËÍß
Ì»´æ çïíóèîçóïééé
Ú¿¨æ çïíóèîçóçíëð
¸¬¬°æññ©©©òª»½¬®±²ò½±³
VCD6
Package Option
14.4 x 9.8 x 6.0 mm 6 pin SMD
Frequency Range
19.440 to 160.0 MHz
Supply Voltage:
P = + 5.0 Vdc 5 % PECL
Q =+ 3.3 Vdc 5% PECL
Electrical Options:
A = Complimentary Output & Enable/Disable (Pin 2),
55/ 45 Symmetry
B = Complimentary Output & Enable/Disable (Pin 2),
60/ 40 Symmetry
C = Complimentary Output & Enable/Disable (Pin 1),
55/ 45 Symmetry
D = Complimentary Output & Enable/Disable (Pin 1),
60/ 40 Symmetry
1


Similar Part No. - VCD6

ManufacturerPart #DatasheetDescription
logo
CUI INC
VCD6 CUI-VCD6 Datasheet
199Kb / 3P
   DC/DC converter
VCD6-D12-D12 CUI-VCD6-D12-D12 Datasheet
199Kb / 3P
   DC/DC converter
VCD6-D12-D15 CUI-VCD6-D12-D15 Datasheet
199Kb / 3P
   DC/DC converter
VCD6-D12-S12 CUI-VCD6-D12-S12 Datasheet
199Kb / 3P
   DC/DC converter
VCD6-D12-S15 CUI-VCD6-D12-S15 Datasheet
199Kb / 3P
   DC/DC converter
More results

Similar Description - VCD6

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VCD2-203 VECTRON-VCD2-203 Datasheet
109Kb / 1P
   14.4 x 9.6 x 5.5 mm 4 pad SMD
logo
TAITIEN ELECTRONICS CO....
AT-0012-XR TAITIEN-AT-0012-XR Datasheet
242Kb / 1P
   6.0 x 3.5 mm SMD Crystal
logo
Transko Electronics, In...
TMPIT05030F TRANSKO-TMPIT05030F Datasheet
1Mb / 5P
   Power Inductor SMD (5.4 X 6.0 X 3.0 mm)
Rev 1: 09-04-2018
TRSI6045F TRANSKO-TRSI6045F Datasheet
680Kb / 3P
   Resin Shielded Inductor SMD (6.0 X 6.0 X 4.5mm)
Rev 2: 10-28-2019
logo
List of Unclassifed Man...
VCE1 ETC1-VCE1 Datasheet
135Kb / 2P
   VCE1 14 x 9.8 mm Crystal Oscillators
logo
Vectron International, ...
VPE1-B1B-40M000 VECTRON-VPE1-B1B-40M000 Datasheet
118Kb / 2P
   VPE1 14 x 9.8 mm Crystal Oscillators
VCJ5 VECTRON-VCJ5 Datasheet
101Kb / 2P
   14.0 x 8.9 x 4.5 mm 6 pin J - lead Ceramic SMD
VVD1 VECTRON-VVD1 Datasheet
156Kb / 2P
   SMD VCXO, Package: 14.4 mm x 9.6 mm x 5.5 mm SMD, Frequency Range: 1.0 MHz to 160.0 MHz
logo
Transko Electronics, In...
TPV TRANSKO-TPV Datasheet
374Kb / 1P
   PLASTIC MOLDED SMD HCMOS VCXO (14.0 x 9.8 x 4.7mm)
Rev. 1: Jul. 2014
TSP TRANSKO-TSP Datasheet
295Kb / 1P
   PLASTIC MOLDED STANDARD SMD OSCILLATOR (14.0 x 9.8 x 4.7mm)
Rev.2: Mar. 2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com