Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD1050R Datasheet(PDF) 4 Page - Texas Instruments

Part # SN65HVD1050R
Description  EMC OPTIMIZED CAN TRANSCEIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD1050R Datasheet(HTML) 4 Page - Texas Instruments

  SN65HVD1050R Datasheet HTML 1Page - Texas Instruments SN65HVD1050R Datasheet HTML 2Page - Texas Instruments SN65HVD1050R Datasheet HTML 3Page - Texas Instruments SN65HVD1050R Datasheet HTML 4Page - Texas Instruments SN65HVD1050R Datasheet HTML 5Page - Texas Instruments SN65HVD1050R Datasheet HTML 6Page - Texas Instruments SN65HVD1050R Datasheet HTML 7Page - Texas Instruments SN65HVD1050R Datasheet HTML 8Page - Texas Instruments SN65HVD1050R Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
www.ti.com
DRIVER SWITCHING CHARACTERISTICS
RECEIVER ELECTRICAL CHARACTERISTICS
SN65HVD1050
SLLS632 – DECEMBER 2005
DRIVER ELECTRICAL CHARACTERISTICS (continued)
over recommended operating conditiions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
VI = 0 V, RL = 60 Ω, S at 0 V, See Figure 1,
1.5
3
V
Figure 2, and Figure 3
VOD(D)
Differential output voltage (Dominant)
VI = 0 V, RL = 45 Ω, S at 0 V, See Figure 1,
1.4
3
V
Figure 2, and Figure 3
VI = 3 V, S at 0 V, See Figure 1 and Figure 2
–0.012
0.012
VOD(R)
Differential output voltage (Recessive)
V
VI = 3 V, S at 0 V, No Load
–0.5
0.05
Steady state common-mode output
VOC(ss)
2
2.3
3
V
voltage
S at 0 V, Figure 8
Change in steady-state common-mode
∆V
OC(ss)
30
mV
output voltage
IIH
High-level input current, TXD input
VI at VCC
–2
2
IIL
Low-level input current, TXD input
VI at 0 V
–50
–10
µA
IO(off)
Power-off TXD output current
VCC at 0 V, TXD at 5 V
1
VCANH = -12 V, CANL Open, See Figure 11
–105
–72
VCANH = 12 V, CANL Open, SeeFigure 11
0.36
1
IOS(ss)
Short-circuit steady-state output current
mA
VCANL = -12 V, CANH Open, See Figure 11
–1
–0.5
VCANL = 12 V, CANH Open, See Figure 11
71
105
CO
Output capacitance
See receiver input capacitance
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
25
65
120
tPHL
Propagation delay time, high-to-low-level output
25
45
90
S at 0 V, See Figure 4
ns
tr
Differential output signal rise time
25
tf
Differential output signal fall time
50
ten
Enable time from silent mode to dominant
See Figure 7
1
µs
t(dom)
Dominant time-out
↓V
I, See Figure 10
300
450
700
µs
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VIT+
Positive-going input threshold voltage
800
900
S at 0 V, See Table 1
VIT–
Negative-going input threshold voltage
500
650
mV
Vhys
Hysteresis voltage (VIT+– VIT–)
100
125
VOH
High-level output voltage
IO = –2 mA, See Figure 6
4
4.6
V
VOL
Low-level output voltage
IO = 2 mA, See Figure 6
0.2
0.4
V
CANH or CANL = 5 V,
II(off)
Power-off bus input current
Other pin at 0 V,
165
250
µA
VCC at 0 V, TXD at 0 V
IO(off)
Power-off RXD leakage current
VCC at 0 V, RXD at 5 V
20
µA
TXD at 3 V,
CI
Input capacitance to ground, (CANH or CANL)
13
VI = 0.4 sin (4E6πt) + 2.5 V
pF
CID
Differential input capacitance
TXD at 3 V, VI = 0.4 sin (4E6πt)
5
RID
Differential input resistance
30
80
TXD at 3 V, S at 0 V
k
RIN
Input resistance, (CANH or CANL)
15
30
40
(1)
All typical values are at 25°C with a 5-V supply.
4


Similar Part No. - SN65HVD1050R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1050 TI-SN65HVD1050 Datasheet
587Kb / 20P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1050-EP TI1-SN65HVD1050-EP Datasheet
717Kb / 21P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1050-Q1 TI-SN65HVD1050-Q1 Datasheet
376Kb / 17P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1050A-Q1 TI-SN65HVD1050A-Q1 Datasheet
591Kb / 18P
[Old version datasheet]   SN65HVD1050AQDRQ1
SN65HVD1050AQDRQ1 TI-SN65HVD1050AQDRQ1 Datasheet
591Kb / 18P
[Old version datasheet]   SN65HVD1050AQDRQ1
More results

Similar Description - SN65HVD1050R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1050-EP TI1-SN65HVD1050-EP Datasheet
717Kb / 21P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1050 TI-SN65HVD1050_08 Datasheet
587Kb / 20P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1040-Q1 TI-SN65HVD1040-Q1 Datasheet
350Kb / 16P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1050-Q1 TI-SN65HVD1050-Q1 Datasheet
376Kb / 17P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1040A-Q1 TI-SN65HVD1040A-Q1 Datasheet
359Kb / 17P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVDA1050A-Q1 TI1-SN65HVDA1050A-Q1 Datasheet
601Kb / 20P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVDA1040A-Q1 TI1-SN65HVDA1040A-Q1 Datasheet
764Kb / 24P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVD1040A-Q1_101 TI-SN65HVD1040A-Q1_101 Datasheet
526Kb / 20P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVD1040A-Q1 TI-SN65HVD1040A-Q1_10 Datasheet
477Kb / 19P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVDA1040B-Q1 TI1-SN65HVDA1040B-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   EMC-Optimized High-Speed CAN Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com