Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTN04050CAS Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # PTN04050CAS
Description  12 - W, 3.3 / 5 - V INPUT, WIDE OUTPUT ADJUSTABLE BOOST CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTN04050CAS Datasheet(HTML) 11 Page - Texas Instruments

Back Button PTN04050CAS Datasheet HTML 7Page - Texas Instruments PTN04050CAS Datasheet HTML 8Page - Texas Instruments PTN04050CAS Datasheet HTML 9Page - Texas Instruments PTN04050CAS Datasheet HTML 10Page - Texas Instruments PTN04050CAS Datasheet HTML 11Page - Texas Instruments PTN04050CAS Datasheet HTML 12Page - Texas Instruments PTN04050CAS Datasheet HTML 13Page - Texas Instruments PTN04050CAS Datasheet HTML 14Page - Texas Instruments PTN04050CAS Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
www.ti.com
Power-Up Characteristics
t - Time = 10 ms/div
V
(5 V/div)
O
V (2 V/div)
I
I (2 A/div)
I
Overtemperature Protection
PTN04050C
SLTS251 – SEPTEMBER 2005
Table 3. Recommended Input/Output Capacitors (continued)
CAPACITOR CHARACTERISTICS
QUANTITY
85
°C
CAPACITOR VENDOR/
EQUIVALENT
VENDOR
WORKING
MAXIMUM
PHYSICAL
COMPONENT
VALUE
SERIES
INPUT
OUTPUT
NUMBER
VOLTAGE
RIPPLE
SIZE
SERIES
(
µF)
RESISTANCE
BUS
BUS
(V)
CURRENT
(mm)
(ESR) (
Ω)
(Irms) (mA)
Murata X7R Ceramic
25
22
0.002
>1000
3225
5
≤5
GRM32ER61C226K
C1210C226K3PAC
Kemet X7R Ceramic
16
22
0.002
>1000
3225
5
≤5 (2)
(VO≤ 14 V)
When configured per the standard application, the PTN04050C power module produces a regulated output
voltage following the application of a valid input source voltage. During power up, internal soft-start circuitry slows
the rate that the output voltage rises, thereby limiting the amount of in-rush current drawn from the input
source.Figure 15 shows the power-up waveforms for a PTN04050C, operating from a 5-V input and with the
output voltage adjusted to 12 V. The waveforms were measured with a 1-A resistive load.
Figure 15. Power-Up Waveforms
A thermal shutdown mechanism protects the module's internal circuitry against excessively high temperatures. A
rise in temperature may be the result of a drop in airflow, a high ambient temperature, or a sustained overcurrent
condition. If the junction temperature of the internal control IC rises excessively, the module turns its boost
operation off. Although the module is off, an output voltage of approximately (VI– 300 mV) is still present. The
module restarts boost operation when the sensed temperature decreases by approximately 10 degrees.
Note: Overtemperature protection is a last resort mechanism to prevent damage to the module. It should not be
relied on as permanent protection against thermal stress. Always operate the module within its temperature
derated limits, for the worst-case operating conditions of output current, ambient temperature, and airflow.
Operating the module above these limits, albeit below the thermal shutdown temperature, reduces the long-term
reliability of the module.
11


Similar Part No. - PTN04050CAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTN04050CAS TI1-PTN04050CAS Datasheet
646Kb / 19P
[Old version datasheet]   12-W, 3.3/5-V INPUT, WIDE OUTPUT ADJUSTABLE BOOST CONVERTER
PTN04050CAST TI1-PTN04050CAST Datasheet
646Kb / 19P
[Old version datasheet]   12-W, 3.3/5-V INPUT, WIDE OUTPUT ADJUSTABLE BOOST CONVERTER
More results

Similar Description - PTN04050CAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTN04050C TI1-PTN04050C_11 Datasheet
646Kb / 19P
[Old version datasheet]   12-W, 3.3/5-V INPUT, WIDE OUTPUT ADJUSTABLE BOOST CONVERTER
PTN04050A TI-PTN04050A_15 Datasheet
666Kb / 19P
[Old version datasheet]   6-W, 3.3-V/5-V INPUT, WIDE ADJUST OUTPUT, POSITIVE-TO-NEGATIVE CONVERTER
PTN04050A TI-PTN04050A Datasheet
1Mb / 18P
[Old version datasheet]   6-W, 3.3-V/5-V INPUT, WIDE ADJUST OUTPUT, POSITIVE-TO-NEGATIVE CONVERTER
logo
Analog Devices
ADP1073 AD-ADP1073 Datasheet
442Kb / 16P
   Micropower DC.DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1108 AD-ADP1108_15 Datasheet
241Kb / 12P
    Micropower, DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1108 AD-ADP1108 Datasheet
234Kb / 12P
   Micropower DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
logo
Texas Instruments
PT5540 TI-PT5540 Datasheet
195Kb / 8P
[Old version datasheet]   12-W 5-V Input Step-Up (Boost) Integrated Switching Regulator
PTH04040W TI-PTH04040W_15 Datasheet
514Kb / 27P
[Old version datasheet]   60-A, 3.3/5-V INPUT, NONISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH04040W TI-PTH04040W Datasheet
994Kb / 24P
[Old version datasheet]   60-A, 3.3/5-V INPUT, NONISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH04070W TI-PTH04070W_07 Datasheet
436Kb / 16P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com