Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDTQS3VH16210PV Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDTQS3VH16210PV
Description  QUICKSWITCH - TM PRODUCTS 2.5V / 3.3V 20 - BIT 2 - PORT, HIGH BANDWIDTH BUS SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTQS3VH16210PV Datasheet(HTML) 1 Page - Integrated Device Technology

  IDTQS3VH16210PV Datasheet HTML 1Page - Integrated Device Technology IDTQS3VH16210PV Datasheet HTML 2Page - Integrated Device Technology IDTQS3VH16210PV Datasheet HTML 3Page - Integrated Device Technology IDTQS3VH16210PV Datasheet HTML 4Page - Integrated Device Technology IDTQS3VH16210PV Datasheet HTML 5Page - Integrated Device Technology IDTQS3VH16210PV Datasheet HTML 6Page - Integrated Device Technology IDTQS3VH16210PV Datasheet HTML 7Page - Integrated Device Technology IDTQS3VH16210PV Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
INDUSTRIALTEMPERATURERANGE
IDTQS3VH16210
2.5V / 3.3V 20-BIT 2 PORT, HIGH BANDWIDTH BUS SWITCH
MARCH 2002
2002 Integrated Device Technology, Inc.
DSC-5881/4
c
INDUSTRIAL TEMPERATURE RANGE
FUNCTIONAL BLOCK DIAGRAM
DESCRIPTION:
The QS3VH16210 HotSwitch with 20-bit flow-though pin is a high
bandwidth bus switch. The QS3VH16210 has very low ON resistance,
resulting in under 250ps propagation delay through the switch. The
switchesarecontrolledbyactivelowenable(xOE)controls. TheQS3VH16210
is organized as a dual 10-bit, 2-port bus switch with separate, xOE control
inputs. In the OFF and ON states, the switches are 5V-tolerant. In the OFF
state, the switches offer very high impedance at the terminals.
The combination of near-zero propagation delay, high OFF impedance,
and over-voltage tolerance makes the QS3VH16210 ideal for high perfor-
mancecommunicationsapplications.
The QS3VH16210 is characterized for operation from -40
°C to +85°C.
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
FEATURES:
• N channel FET switches with no parasitic diode to Vcc
−−−−− Isolation under power-off conditions
−−−−− No DC path to Vcc or GND
−−−−− 5V tolerant in OFF and ON state
• 5V tolerant I/Os
• Low RON - 4
Ω typical
• Flat RON characteristics over operating range
• Rail-to-rail switching 0 - 5V
• Bidirectional dataflow with near-zero delay: no added ground
bounce
• Excellent RON matching between channels
• Vcc operation: 2.3V to 3.6V
• High bandwidth - up to 500 MHz
• LVTTL-compatible control Inputs
• Undershoot Clamp Diodes on all switch and control Inputs
• Low I/O capacitance, 4pF typical
• Available in SSOP and TSSOP packages
APPLICATIONS:
• Hot-swapping
• 10/100 Base-T, Ethernet LAN switch
• Low distortion analog switch
• Replaces mechanical relay
• ATM 25/155 switching
IDTQS3VH16210
QUICKSWITCH® PRODUCTS
2.5V / 3.3V 20-BIT 2-PORT, HIGH
BANDWIDTH BUS SWITCH
1
A1
1
A10
1
B1
1
B10
1O E
2
A1
2
A10
2
B10
2O E
2
B1


Similar Part No. - IDTQS3VH16210PV

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS3VH16210 IDT-IDTQS3VH16210 Datasheet
268Kb / 8P
   2.5V / 3.3V 20-BIT 2-PORT, HIGH BANDWIDTH BUS SWITCH
logo
Renesas Technology Corp
IDTQS3VH16210 RENESAS-IDTQS3VH16210 Datasheet
446Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V / 3.3V 20-BIT 2-PORT, HIGH BANDWIDTH BUS SWITCH
JULY 2013
More results

Similar Description - IDTQS3VH16210PV

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDTQS3VH16210 RENESAS-IDTQS3VH16210 Datasheet
446Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V / 3.3V 20-BIT 2-PORT, HIGH BANDWIDTH BUS SWITCH
JULY 2013
logo
Integrated Device Techn...
IDTQS32XVH384 IDT-IDTQS32XVH384 Datasheet
74Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V/3.3V 20-BIT HIGH BANDWIDTH BUS SWITCH
logo
Renesas Technology Corp
IDTQS32XVH384 RENESAS-IDTQS32XVH384 Datasheet
453Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V/3.3V 20-BIT HIGH BANDWIDTH BUS SWITCH
SEPTEMBER 2011
IDTQS3VH16862 RENESAS-IDTQS3VH16862 Datasheet
455Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V / 3.3V 20-BIT DUAL PORT, HIGH BANDWIDTH BUS SWITCH
JUNE 2013
logo
Integrated Device Techn...
IDTQS3VH16245 IDT-IDTQS3VH16245 Datasheet
71Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH2245 IDT-IDTQS3VH2245 Datasheet
65Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH244 IDT-IDTQS3VH244_14 Datasheet
279Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH245 IDT-IDTQS3VH245 Datasheet
69Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
QS3VH245PAG IDT-QS3VH245PAG Datasheet
277Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16211 IDT-IDTQS3VH16211 Datasheet
63Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 24-BIT HIGH BANDWIDTH BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com