Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD404449 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # HD404449
Description  HD404449 SERIES
Download  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD404449 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HD404449 Datasheet HTML 1Page - Hitachi Semiconductor HD404449 Datasheet HTML 2Page - Hitachi Semiconductor HD404449 Datasheet HTML 3Page - Hitachi Semiconductor HD404449 Datasheet HTML 4Page - Hitachi Semiconductor HD404449 Datasheet HTML 5Page - Hitachi Semiconductor HD404449 Datasheet HTML 6Page - Hitachi Semiconductor HD404449 Datasheet HTML 7Page - Hitachi Semiconductor HD404449 Datasheet HTML 8Page - Hitachi Semiconductor HD404449 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 123 page
background image
HD404449 Series
4
Pin Description
Item
Symbol
Pin Number I/O
Function
Power supply
V
CC
77
Applies power voltage
GND
10
Connected to ground
Test
TEST
4
I
Used for factory testing only: Connect this pin to V
CC
Reset
RESET
7
I
Resets the MCU
Oscillator
OSC
1
5
I
Input/output pins for the internal oscillator circuit:
Connect them to a ceramic oscillator, crystal, or
connect OSC
1 to an external oscillator circuit
OSC
2
6O
X1
8
I
Used for a 32.768-kHz crystal for clock purposes. If
not to be used, fix the X1 pin to V
CC and leave the X2
pin open.
X2
9
O
Port
D
0–D 11
11–22
I/O
Input/output pins addressed by individual bits; pins
D
0–D 9 are high-current pins that can each supply up to
15 mA
D
12, D13
23, 24
I
Input pins addressable by individual bits
R0
0–RC3
25–76
I/O
Input/output pins addressable in 4-bit units
Interrupt
INT
0, INT1,
INT
2, INT3
24–27
I
Input pins for external interrupts
Stop clear
STOPC
23
I
Input pin for transition from stop mode to active mode
Serial
SCK
1, SCK 2
42, 46
I/O
Serial clock input/output pin
interface
SI
1, SI 2
43, 47
I
Serial receive data input pin
SO
1, SO2
44, 48
O
Serial transmit data output pin
Timer
TOB, TOC, TOD 37–39
O
Timer output pins
EVNB, EVND
40, 41
I
Event count input pins
A/D converter
AV
CC
78
Power pin for A/D converter: Connect it to the same
potential as V
CC, as physically close to the VCC pin as
possible
AV
SS
3
Ground for AV
CC:
Connect it to the same potential as
GND, as physically close to the GND pin as possible
AN
0–AN 3
79, 80, 1, 2
I
Analog input pins for A/D converter


Similar Part No. - HD404449

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD404449 RENESAS-HD404449 Datasheet
438Kb / 125P
   microcomputer has four timers, two serial interfaces, A/D converter,
HD404449H RENESAS-HD404449H Datasheet
438Kb / 125P
   microcomputer has four timers, two serial interfaces, A/D converter,
HD404449TF RENESAS-HD404449TF Datasheet
438Kb / 125P
   microcomputer has four timers, two serial interfaces, A/D converter,
More results

Similar Description - HD404449

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com