Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GR3032 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # GR3032
Description  WDRC SYSTEM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GR3032 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  GR3032 Datasheet HTML 1Page - List of Unclassifed Manufacturers GR3032 Datasheet HTML 2Page - List of Unclassifed Manufacturers GR3032 Datasheet HTML 3Page - List of Unclassifed Manufacturers GR3032 Datasheet HTML 4Page - List of Unclassifed Manufacturers GR3032 Datasheet HTML 5Page - List of Unclassifed Manufacturers GR3032 Datasheet HTML 6Page - List of Unclassifed Manufacturers GR3032 Datasheet HTML 7Page - List of Unclassifed Manufacturers GR3032 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
521 - 35 - 03
8
PAD POSITION
PAD DIMENSION
1
0.0
0.0
20.0
20.0
2
31.0
0.0
20.0
20.0
3
62.0
0.0
20.0
20.0
4
92.0
0.0
20.0
20.0
5
122.0
0.0
20.0
20.0
6A
152.0
0.0
20.0
20.0
6B
182.0
0.0
20.0
20.0
7
212.0
0.0
20.0
20.0
8
217.0
43.0
20.0
20.0
9
212.0
85.0
20.0
20.0
10
182.0
85.0
20.0
20.0
11
152.0
85.0
20.0
20.0
12
122.0
85.0
20.0
20.0
13
92.0
85.0
20.0
20.0
14
62.0
85.0
20.0
20.0
15
31.0
85.0
20.0
20.0
16
0.0
85.0
20.0
20.0
17
-3.0
43.0
20.0
20.0
1
0.000
0.000
0.508
0.508
2
0.787
0.000
0.508
0.508
3
1.575
0.000
0.508
0.508
4
2.337
0.000
0.508
0.508
5
3.099
0.000
0.508
0.508
6A
3.861
0.000
0.508
0.508
6B
4.623
0.000
0.508
0.508
7
5.385
0.000
0.508
0.508
8
5.512
1.092
0.508
0.508
9
5.385
2.159
0.508
0.508
10
4.623
2.159
0.508
0.508
11
3.861
2.159
0.508
0.508
12
3.099
2.159
0.508
0.508
13
2.337
2.159
0.508
0.508
14
1.575
2.159
0.508
0.508
15
0.787
2.159
0.508
0.508
16
0.000
2.159
0.508
0.508
17
-0.076
1.092
0.508
0.508
Note: Centre of pad 1 has coordinates 0,0.
Pad
No.
Dimension units are in inches.
Dimensions in parenthesis are in millimetres converted
from inches and include minor rounding errors.
1.0000 inches = 25.400 mm.
Dimension
±0.003 (±0.08) unless otherwise stated.
XXXXXX - work order number.
Component name either GR3031 or GR3032.
This hybrid is designed to be reflowable for Gennum's reflow process profile.
Contact Gennum Representative for pad layout in electronic format.
Fig. 21
Hybrid Layout & Dimensions
0.250
(6.35)
0.090 MAX
(2.28)
17
8
0.115
(2.92)
0.015
(0.38)
0.0165
(0.42)
16
15
14
13
12
11
10
9
2
3
4
5
6a
6b
7
1
X
Y
X dim.
Y dim.
DOCUMENT IDENTIFICATION:
DATA SHEET
The product is in production. Gennum reserves the right to make
changes at any time to improve reliability, function or design, in
order to provide the best product possible.
Gennum Corporation assumes no responsibility for the use of any circuits described herein and makes no representations that they are free from patent infringement.
© Copyright August 1995 Gennum Corporation.
All rights reserved.
Printed in Canada.
REVISION NOTES:
Updated to Data sheet


Similar Part No. - GR3032

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GR30321X0ER50WE01L MURATA-GR30321X0ER50WE01L Datasheet
95Kb / 5P
   Chip Monolithic Ceramic Capacitors
GR3032B11H102KA01D MURATA-GR3032B11H102KA01D Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GR3032B11H102KA01D MURATA-GR3032B11H102KA01D Datasheet
95Kb / 5P
   Chip Monolithic Ceramic Capacitors
More results

Similar Description - GR3032

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATDH40M ATMEL-ATDH40M Datasheet
507Kb / 13P
   Programmable System Level Integration Prototyping System
logo
Fuji Electric
EDS25-1A FUJI-EDS25-1A Datasheet
732Kb / 34P
   Optical Fieldbus System System Composition Devices
logo
Mitsumi Electronics, Co...
PST91XX MITSUMI-PST91XX Datasheet
65Kb / 3P
   System Reset
PST574 MITSUMI-PST574 Datasheet
116Kb / 5P
   System Reset
PST623 MITSUMI-PST623 Datasheet
102Kb / 4P
   System Reset
logo
Delta Electronics, Inc.
HDS3000-24V DELTA-HDS3000-24V Datasheet
190Kb / 1P
   Power System
logo
Festo Corporation.
8118454 FESTO-8118454 Datasheet
97Kb / 1P
   Control system
1/21/22
8118455 FESTO-8118455 Datasheet
93Kb / 1P
   Control system
1/21/22
logo
Mitsumi Electronics, Co...
PST596 MITSUMI-PST596 Datasheet
114Kb / 5P
   System Reset
PST993 MITSUMI-PST993 Datasheet
96Kb / 4P
   System Reset
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com