Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI5A4764GAE Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI5A4764GAE
Description  Smal Package, Dual SPDT Audio Clickless Analog Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A4764GAE Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

  PI5A4764GAE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A4764GAE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A4764GAE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A4764GAE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A4764GAE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A4764GAE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A4764GAE Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
PS8790
10/20/05
PI5A4764
Small Package, Dual SPDT Audio Clickless Analog Switch
Figure 4. Charge Injection Test
CL
1nF
COM
IN
NC or NO
VGEN
RGEN
Logic
Input
Logic
Input
Q = (
∆VOUT)(CL)
VOUT
OFF
ON
OFF
∆VOUT
Figure 5. Off Isolation
COM
IN
10nF
GND
NO
or
NC
VCC
VCC
Logic Input
0V or VIH
RL
50
Signal
Generator
CL
5pF
50
Analyzer
Figure 6. Crosstalk
10nF
GND
VCC
RL
50
Signal
Generator
CL
5pF
50
Analyzer
COM
NC
NO
VCC
50
IN
Figure 7. Channel Off Capacitance
Figure 8. Channel On Capacitance
Capacitance
Meter
COM
IN
10nF
GND
f = 1 MHz
NO
or NC
VCC
VCC
Logic Input
0V or VIH
Capacitance
Meter
COM
IN
10nF
GND
NO
VCC
VCC
f = 1 MHz
Logic Input
0V or VIH
or
NC
Note:
1. Crosstalk measured from one channel to the pins of the other
channel.


Similar Part No. - PI5A4764GAE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A4765 PERICOM-PI5A4765 Datasheet
293Kb / 7P
   CMOS Technology for Bus and Analog Applications
PI5A4765GA PERICOM-PI5A4765GA Datasheet
293Kb / 7P
   CMOS Technology for Bus and Analog Applications
PI5A4765GAE PERICOM-PI5A4765GAE Datasheet
293Kb / 7P
   CMOS Technology for Bus and Analog Applications
More results

Similar Description - PI5A4764GAE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3A212S PERICOM-PI3A212S Datasheet
632Kb / 8P
   Small Plastic Package, Dual SPDT Audio Clickless Analog Switch (with Shunt Switches)
logo
ams AG
AS1747 AMSCO-AS1747 Datasheet
415Kb / 13P
   Low-Voltage, Dual SPDT, Audio Clickless Switch with Negative Rail Capability
logo
Pericom Semiconductor C...
PI3A223 PERICOM-PI3A223 Datasheet
313Kb / 9P
   Small Plastic Package, Dual SPDT Analog Switch
PI3A2268 PERICOM-PI3A2268 Datasheet
319Kb / 9P
   Small Plastic Package, Dual SPDT Analog Switch
PI3A212 PERICOM-PI3A212 Datasheet
609Kb / 8P
   Small Plastic Package, Dual SPDT Analog Switch
logo
ON Semiconductor
NLAS5223C ONSEMI-NLAS5223C Datasheet
117Kb / 10P
   Dual SPDT Analog Switch
September, 2015 ??Rev. 2
logo
Vishay Siliconix
DG9236 VISHAY-DG9236 Datasheet
269Kb / 12P
   Dual SPDT Analog Switch
Rev. B, 25-Apr-11
logo
Protek Devices
PA2268 PROTEC-PA2268_15 Datasheet
154Kb / 9P
   DUAL SPDT ANALOG SWITCH
logo
Vishay Siliconix
DG9636 VISHAY-DG9636 Datasheet
185Kb / 10P
   Dual SPDT Analog Switch
Rev. B, 06-Sep-10
DG9636 VISHAY-DG9636_V01 Datasheet
185Kb / 12P
   Dual SPDT Analog Switch
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com