Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSDK101 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DSDK101
Description  Low-Cost Demo Kit Motherboard
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DSDK101 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DSDK101 Datasheet HTML 1Page - Maxim Integrated Products DSDK101 Datasheet HTML 2Page - Maxim Integrated Products DSDK101 Datasheet HTML 3Page - Maxim Integrated Products DSDK101 Datasheet HTML 4Page - Maxim Integrated Products DSDK101 Datasheet HTML 5Page - Maxim Integrated Products DSDK101 Datasheet HTML 6Page - Maxim Integrated Products DSDK101 Datasheet HTML 7Page - Maxim Integrated Products DSDK101 Datasheet HTML 8Page - Maxim Integrated Products DSDK101 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1 of 13
REV: 052903
GENERAL DESCRIPTION
The DK101 is a general-purpose demo kit platform
for evaluating Dallas Semiconductor Telecom ICs.
The ICs are mounted on daughter cards specifically
designed to plug into the DK101’s connector. The
DK101 provides a microprocessor, flash- and SRAM-
based program memory, various oscillators and
support logic, and an RS-232 interface to a host PC.
As shipped from the factory, the processor runs
general-purpose firmware that executes reads and
writes to the daughter card on behalf of PC-based
demo software. Custom firmware can be downloaded
and executed by the processor for advanced
applications.
DEMO KIT CONTENTS
DK101 Board
One Daughter Card
CD-ROM
ChipView Demo Software
DK101 Data Sheet
DK101 Schematics
Configuration Files
Definition Files
Initialization Files
FEATURES
§ Connects PC-Based Demo Software to the
Telecom IC(s) Under Evaluation
§ Provides Point-and-Click Access to All Telecom
IC Registers and Features
§ 128kB of Flash Memory, 264kB of SRAM
§ Demo Software User Interface can be
Customized with Simple Text Edits
§ Allows Download and Execution of Custom
Firmware for Advanced Applications
§ Supports 3.3V and 5V Telecom ICs
§ On-Board Oscillators: 3.088MHz (2 x DS1),
16.384MHz (8 x E1), and 44.736MHz (DS3)
§ Four General-Purpose Switches Available for
Use with Custom Firmware
§ Motorola ONCE/BDM Connector for Code
Development and Debug
ORDERING INFORMATION
PART
DESCRIPTION
DSDK101
Motherboard
DK101
Low-Cost Demo Kit Motherboard
www.maxim-ic.com


Similar Part No. - DSDK101

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DSD CRYDOM-DSD Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
logo
Greystone Energy System...
DSD GREYSTONE-DSD Datasheet
670Kb / 2P
   DUCT SMOKE DETECTOR
01/20
logo
Advantech Co., Ltd.
DSD-3032 ADVANTECH-DSD-3032 Datasheet
216Kb / 2P
   32" Industrial HD Digital Signage 32" Industrial HD Digital Signage
DSD-3032 ADVANTECH-DSD-3032 Datasheet
350Kb / 2P
   32 F-HD Digital Signage & Touch Monitor
18-Sep-2018
DSD-3032HNC-L04E ADVANTECH-DSD-3032HNC-L04E Datasheet
216Kb / 2P
   32" Industrial HD Digital Signage 32" Industrial HD Digital Signage
More results

Similar Description - DSDK101

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DK2000 MAXIM-DK2000 Datasheet
479Kb / 19P
   High-Performance Demo Kit Motherboard
REV: 052903
logo
List of Unclassifed Man...
KIT2 ETC2-KIT2 Datasheet
447Kb / 1P
   demo kit
logo
Silicon Laboratories
SI1146 SILABS-SI1146 Datasheet
197Kb / 7P
   UVIRSLIDER2EK DEMO KIT USERS GUIDE
logo
ATMEL Corporation
AT43DK301 ATMEL-AT43DK301 Datasheet
469Kb / 4P
   Low-Cost USB Hub Development Kit
logo
STMicroelectronics
STM32W-RFCKIT STMICROELECTRONICS-STM32W-RFCKIT Datasheet
187Kb / 3P
   STM32W Low-cost RF control kit
STM32W-RFCKIT STMICROELECTRONICS-STM32W-RFCKIT_13 Datasheet
185Kb / 4P
   STM32W low-cost RF control kit
logo
Dallas Semiconductor
DS3131DK DALLAS-DS3131DK Datasheet
376Kb / 33P
   Bit-SynchronouS (BoSS) HDLC Controller Demo Kit
logo
Maxim Integrated Produc...
DS26522DK MAXIM-DS26522DK Datasheet
914Kb / 23P
   Dual T1/E1/J1 Transceiver Demo Kit
REV: 091806
logo
Silicon Laboratories
EZR-LEDK2W-434 SILABS-EZR-LEDK2W-434 Datasheet
208Kb / 14P
   Si4455 EZRADIO짰 TWO-WAY LINK DEMO KIT
logo
National Semiconductor ...
DS16EV51-AEVKH NSC-DS16EV51-AEVKH_14 Datasheet
203Kb / 7P
   HDMI Extender Demo Kit for HDMI Cables
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com