Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC18F4510T Datasheet(PDF) 9 Page - Microchip Technology

Part # PIC18F4510T
Description  28/40/44-PIN FLASH MICROCONTROLLERS WITH 10-BIT A/D AND NANO WATT TECHNOLOGY
Download  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4510T Datasheet(HTML) 9 Page - Microchip Technology

Back Button PIC18F4510T Datasheet HTML 5Page - Microchip Technology PIC18F4510T Datasheet HTML 6Page - Microchip Technology PIC18F4510T Datasheet HTML 7Page - Microchip Technology PIC18F4510T Datasheet HTML 8Page - Microchip Technology PIC18F4510T Datasheet HTML 9Page - Microchip Technology PIC18F4510T Datasheet HTML 10Page - Microchip Technology PIC18F4510T Datasheet HTML 11Page - Microchip Technology PIC18F4510T Datasheet HTML 12Page - Microchip Technology PIC18F4510T Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 380 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS39636A-page 7
PIC18F2X1X/4X1X
1.0
DEVICE OVERVIEW
This document contains device specific information for
the following devices:
This family offers the advantages of all PIC18
microcontrollers
namely,
high
computational
performance at an economical price – with the addition
of high-endurance, Flash program memory. On top of
these features, the PIC18F2X1X/4X1X family introduces
design enhancements that make these microcontrollers
a logical choice for many high-performance, power
sensitive applications.
1.1
New Core Features
1.1.1
nanoWatt TECHNOLOGY
All of the devices in the PIC18F2X1X/4X1X family
incorporate a range of features that can significantly
reduce power consumption during operation. Key
items include:
• Alternate Run Modes: By clocking the controller
from the Timer1 source or the internal oscillator
block, power consumption during code execution
can be reduced by as much as 90%.
• Multiple Idle Modes: The controller can also run
with its CPU core disabled but the peripherals still
active. In these states, power consumption can be
reduced even further, to as little as 4% of normal
operation requirements.
• On-the-fly Mode Switching: The power
managed modes are invoked by user code during
operation, allowing the user to incorporate power-
saving ideas into their application’s software
design.
• Lower Consumption in Key Modules: The
power requirements for both Timer1 and the
Watchdog Timer have been minimized. See
Section 25.0 “Electrical Characteristics” for
values.
1.1.2
MULTIPLE OSCILLATOR OPTIONS
AND FEATURES
All of the devices in the PIC18F2X1X/4X1X family offer
ten different oscillator options, allowing users a wide
range of choices in developing application hardware.
These include:
• Four Crystal modes, using crystals or ceramic
resonators
• Two External Clock modes, offering the option of
using two pins (oscillator input and a divide-by-4
clock output) or one pin (oscillator input, with the
second pin reassigned as general I/O)
• Two External RC Oscillator modes with the same
pin options as the External Clock modes
• An internal oscillator block which provides an
8 MHz clock and an INTRC source (approxi-
mately 31 kHz), as well as a range of 6 user
selectable clock frequencies, between 125 kHz to
4 MHz, for a total of 8 clock frequencies. This
option frees the two oscillator pins for use as
additional general purpose I/O.
• A Phase Lock Loop (PLL) frequency multiplier,
available to both the high-speed crystal and
internal oscillator modes, which allows clock
speeds of up to 40 MHz. Used with the internal
oscillator, the PLL gives users a complete selection
of clock speeds, from 31 kHz to 32 MHz – all
without using an external crystal or clock circuit.
Besides its availability as a clock source, the internal
oscillator block provides a stable reference source that
gives
the
family
additional
features
for
robust
operation:
• Fail-Safe Clock Monitor: This option constantly
monitors the main clock source against a
reference signal provided by the internal
oscillator. If a clock failure occurs, the controller is
switched to the internal oscillator block, allowing
for continued low-speed operation or a safe
application shutdown.
• Two-Speed Start-up: This option allows the
internal oscillator to serve as the clock source
from Power-on Reset, or wake-up from Sleep
mode, until the primary clock source is available.
• PIC18F2410
• PIC18LF2410
• PIC18F2510
• PIC18LF2510
• PIC18F2515
• PIC18LF2515
• PIC18F2610
• PIC18LF2610
• PIC18F4410
• PIC18LF4410
• PIC18F4510
• PIC18LF4510
• PIC18F4515
• PIC18LF4515
• PIC18F4610
• PIC18LF4610


Similar Part No. - PIC18F4510T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F4510 MICROCHIP-PIC18F4510 Datasheet
6Mb / 378P
   28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2007
PIC18F4510-E/ML MICROCHIP-PIC18F4510-E/ML Datasheet
6Mb / 376P
   28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2009
PIC18F4510-E/P MICROCHIP-PIC18F4510-E/P Datasheet
6Mb / 376P
   28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2009
PIC18F4510-E/PT MICROCHIP-PIC18F4510-E/PT Datasheet
6Mb / 376P
   28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2009
PIC18F4510-E/SO MICROCHIP-PIC18F4510-E/SO Datasheet
6Mb / 376P
   28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2009
More results

Similar Description - PIC18F4510T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F2X1X MICROCHIP-PIC18F2X1X_07 Datasheet
6Mb / 378P
   28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2007
PIC18F2X1X MICROCHIP-PIC18F2X1X_09 Datasheet
6Mb / 376P
   28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2009
PIC18F23K20 MICROCHIP-PIC18F23K20 Datasheet
7Mb / 420P
   28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2007
PIC18F2620-ISO MICROCHIP-PIC18F2620-ISO Datasheet
6Mb / 412P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
PIC18F2420 MICROCHIP-PIC18F2420 Datasheet
6Mb / 390P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2004
PIC18F2420 MICROCHIP-PIC18F2420_08 Datasheet
6Mb / 412P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2008
PIC18F4321 MICROCHIP-PIC18F4321 Datasheet
6Mb / 396P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2007
PIC18LF4620-I MICROCHIP-PIC18LF4620-I Datasheet
6Mb / 412P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
PIC18LF4520-IPT MICROCHIP-PIC18LF4520-IPT Datasheet
6Mb / 412P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
PIC18F2420 MICROCHIP-PIC18F2420_05 Datasheet
283Kb / 16P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com