Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NAND02GW3B2CN1 Datasheet(PDF) 9 Page - STMicroelectronics

Part # NAND02GW3B2CN1
Description  1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND02GW3B2CN1 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button NAND02GW3B2CN1 Datasheet HTML 5Page - STMicroelectronics NAND02GW3B2CN1 Datasheet HTML 6Page - STMicroelectronics NAND02GW3B2CN1 Datasheet HTML 7Page - STMicroelectronics NAND02GW3B2CN1 Datasheet HTML 8Page - STMicroelectronics NAND02GW3B2CN1 Datasheet HTML 9Page - STMicroelectronics NAND02GW3B2CN1 Datasheet HTML 10Page - STMicroelectronics NAND02GW3B2CN1 Datasheet HTML 11Page - STMicroelectronics NAND02GW3B2CN1 Datasheet HTML 12Page - STMicroelectronics NAND02GW3B2CN1 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
NAND01G-B, NAND02G-B
Summary description
9/64
JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also
marked on the inner box label. ECOPACK is an ST trademark.
For information on how to order these options refer to Table 29: Ordering Information
Scheme. Devices are shipped from the factory with Block 0 always valid and the memory
content bits, in valid blocks, erased to ’1’.
See Table 2: Product Description, for all the devices available in the family.
Table 2.
Product Description(1)
Reference
Part Number
Density
Bus
Width
Page
Size
Block
Size
Memory
Array
Operating
Voltage
Timings
Packages
Random
access
time
(max)
Sequential
access
time
(min)
Page
Program
time
(typ)
Block
Erase
(typ)
NAND01G
-B
NAND01GR3B
1Gbit
x8
2048+
64
Bytes
128K+
4K
Bytes
64
Pages x
1024
Blocks
1.7 to
1.95V
25µs
60ns
300µs
2ms
TSOP48
VFBGA63
NAND01GW3B
2.7 to
3.6V
25µs
50ns
300µs
NAND01GR4B
x16(2)
1024+
32
Words
64K+
2K
Words
1.7 to
1.95V
25µs
60ns
300µs
NAND01GW4B
2.7 to
3.6V
25µs
50ns
300µs
NAND02G
-B
NAND02GR3B
2Gbit
x8
2048+
64
Bytes
128K+
4K
Bytes
64
Pages x
2048
Blocks
1.7 to
1.95V
25µs
60ns
300µs
2ms
TSOP48
TFBGA63
(2)
NAND02GW3B
2.7 to
3.6V
25µs
50ns
300µs
NAND02GR4B
x16(2)
1024+
32
Words
64K+
2K
Words
1.7 to
1.95V
25µs
60ns
300µs
NAND02GW4B
2.7 to
3.6V
25µs
50ns
300µs
1.
x16 organization only available for MCP
2.
Dual Die devices only


Similar Part No. - NAND02GW3B2CN1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
NAND02GW3B2CN1E STMICROELECTRONICS-NAND02GW3B2CN1E Datasheet
711Kb / 62P
   1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
logo
Numonyx B.V
NAND02GW3B2CN1E NUMONYX-NAND02GW3B2CN1E Datasheet
1Mb / 60P
   1-Gbit, 2-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, NAND flash memory
logo
STMicroelectronics
NAND02GW3B2CN1F STMICROELECTRONICS-NAND02GW3B2CN1F Datasheet
711Kb / 62P
   1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
logo
Numonyx B.V
NAND02GW3B2CN1F NUMONYX-NAND02GW3B2CN1F Datasheet
1Mb / 60P
   1-Gbit, 2-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, NAND flash memory
More results

Similar Description - NAND02GW3B2CN1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
NAND01G-B2B STMICROELECTRONICS-NAND01G-B2B Datasheet
711Kb / 62P
   1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
NAND512-B STMICROELECTRONICS-NAND512-B Datasheet
383Kb / 59P
   512 Mbit, 1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
February 2005
logo
Numonyx B.V
NAND04GW3B2B NUMONYX-NAND04GW3B2B Datasheet
1Mb / 58P
   4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
logo
STMicroelectronics
NAND04GW3B2B STMICROELECTRONICS-NAND04GW3B2B Datasheet
501Kb / 58P
   4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
logo
Numonyx B.V
NAND01G-B2B NUMONYX-NAND01G-B2B Datasheet
1Mb / 60P
   1-Gbit, 2-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, NAND flash memory
NAND01GR3B2C NUMONYX-NAND01GR3B2C Datasheet
1Mb / 67P
   1-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, single level cell NAND flash memory
January 2010 Rev 5
NAND04G-B2D NUMONYX-NAND04G-B2D Datasheet
1Mb / 69P
   4 Gbit, 8 Gbit, 2112 byte/1056 word page multiplane architecture, 1.8 V or 3 V, NAND Flash memories
NAND02G-B2D NUMONYX-NAND02G-B2D Datasheet
1Mb / 69P
   2-Gbit, 2112-byte/1056-word page multiplane architecture, 1.8 V or 3 V, NAND flash memories
NAND08GW3C2A NUMONYX-NAND08GW3C2A Datasheet
1Mb / 58P
   8/16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
NAND08GW3C2B NUMONYX-NAND08GW3C2B Datasheet
1Mb / 60P
   8 or 16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com