Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH540203U-25 Datasheet(PDF) 8 Page - Sharp Corporation

Part # LH540203U-25
Description  CMOS 2048X9 ASYNCHRONOUS FIFO
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH540203U-25 Datasheet(HTML) 8 Page - Sharp Corporation

Back Button LH540203U-25 Datasheet HTML 4Page - Sharp Corporation LH540203U-25 Datasheet HTML 5Page - Sharp Corporation LH540203U-25 Datasheet HTML 6Page - Sharp Corporation LH540203U-25 Datasheet HTML 7Page - Sharp Corporation LH540203U-25 Datasheet HTML 8Page - Sharp Corporation LH540203U-25 Datasheet HTML 9Page - Sharp Corporation LH540203U-25 Datasheet HTML 10Page - Sharp Corporation LH540203U-25 Datasheet HTML 11Page - Sharp Corporation LH540203U-25 Datasheet HTML 12Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
ABSOLUTE MAXIMUM RATINGS
1
PARAMETER
RATING
Supply Voltage to VSS Potential
–0.5 V to 7 V
Signal Pin Voltage to VSS Potential
2
–0.5 V to VCC + 0.5 V (not to exceed 7 V)
DC Output Current 3
± 50 mA
Storage Temperature Range
–65oC to 150oC
Power Dissipation (Package Limit)
1.0 W
DC Voltage Applied to Outputs In High-Z State
–0.5 V to VCC + 0.5 V (not to exceed 7 V)
NOTES:
1.
Stresses greater than those listed under ‘Absolute Maximum Ratings’ may cause permanent damage to the device.
This is a stress rating for transient conditions only. Functional operation of the device at these or any other conditions
outside of those indicated in the ‘Operating Range’ of this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect reliability.
2.
Negative undershoots of 1.5 V in amplitude are permitted for up to 10 ns once per cycle.
3.
Outputs should not be shorted for more than 30 seconds. No more than one output should be shorted at any time.
OPERATING RANGE
SYMBOL
PARAMETER
MIN
MAX
UNIT
TA
Temperature, Ambient
070
°C
VCC
Supply Voltage
4.5
5.5
V
VSS
Supply Voltage
00
V
VIL
Logic LOW Input Voltage
1
–0 .5
0.8
V
VIH
Logic HIGH Input Voltage
2.0
VCC + 0.5
V
NOTE:
1.
Negative undershoots of 1.5 V in amplitude are permitted for up to 10 ns once per cycle.
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
ILI
Input Leakage Current
VCC = 5.5 V, VIN = 0 V to VCC
–10
10
µA
ILO
Output Leakage Current
R
≥ VIH, 0 V ≤ VOUT ≤ VCC
–10
10
µA
VOH
Output HIGH Voltage
IOH = –2.0 mA
2.4
V
VOL
Output LOW Voltage
IOL = 8.0 mA
0.4
V
ICC
Average Supply Current 1
Measured at f = 40 MHz
100
mA
ICC2
Average Standby Current 1
All Inputs = VIH
15
mA
ICC3
Power Down Current
1
All Inputs = VCC – 0.2 V
5mA
NOTE:
1.
ICC, ICC2, and ICC3 are dependent upon actual output loading and cycle rates. Specified values are with outputs open.
LH540203
CMOS 2048
× 9 Asynchronous FIFO
8


Similar Part No. - LH540203U-25

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH540203 SHARP-LH540203 Datasheet
156Kb / 17P
   CMOS 2048 x 9 Asynchronous FIFO
More results

Similar Description - LH540203U-25

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7202LA20JG IDT-7202LA20JG Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7203 IDT-IDT7203_17 Datasheet
143Kb / 14P
   CMOS ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT7203 RENESAS-IDT7203 Datasheet
276Kb / 15P
   CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT7203 IDT-IDT7203_06 Datasheet
112Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7200L IDT-IDT7200L_17 Datasheet
139Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280_17 Datasheet
149Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280_12 Datasheet
295Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT7280 RENESAS-IDT7280 Datasheet
114Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72V01 IDT-IDT72V01_12 Datasheet
301Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
IDT72V06 IDT-IDT72V06 Datasheet
149Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com