Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W982516AH Datasheet(PDF) 1 Page - Winbond

Part # W982516AH
Description  4M x 4 BANKS x 16BIT SDRAM
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W982516AH Datasheet(HTML) 1 Page - Winbond

  W982516AH Datasheet HTML 1Page - Winbond W982516AH Datasheet HTML 2Page - Winbond W982516AH Datasheet HTML 3Page - Winbond W982516AH Datasheet HTML 4Page - Winbond W982516AH Datasheet HTML 5Page - Winbond W982516AH Datasheet HTML 6Page - Winbond W982516AH Datasheet HTML 7Page - Winbond W982516AH Datasheet HTML 8Page - Winbond W982516AH Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
W982516AH
4M
× 4 BANKS × 16 BIT SDRAM
Publication Release Date: February 2001
- 1 -
Revision A2
GENERAL DESCRIPTION
W982516AH is a high-speed synchronous dynamic random access memory (SDRAM), organized as
4M words
× 4 banks × 16 bits. Using pipelined architecture and 0.175 µm process technology,
W982516AH delivers a data bandwidth of up to 143M words per second (-7). To fully comply with the
personal computer industrial standard, W982516AH is sorted into three speed grades: -7, -75, and -
8H. The -7 is compliant to the 143 MHz/CL3 or PC133/CL2 specification, the -75 is compliant to the
PC133/CL3 specification, the -8H is compliant to the PC100/CL2 specification. For handheld device
application, we also provide a low power option, the grade of 75L, with Self Refresh Current under
1mA.
Accesses to the SDRAM are burst oriented. Consecutive memory location in one page can be
accessed at a burst length of 1, 2, 4, 8 or full page when a bank and row is selected by an ACTIVE
command. Column addresses are automatically generated by the SDRAM internal counter in burst
operation. Random column read is also possible by providing its address at each clock cycle. The
multiple bank nature enables interleaving among internal banks to hide the precharging time.
By having a programmable Mode Register, the system can change burst length, latency cycle,
interleave or sequential burst to maximize its performance. W982516AH is ideal for main memory in
high performance applications.
FEATURES
3.3V
±0.3V Power Supply
Up to 143 MHz Clock Frequency
4,194,304 Words
× 4 Banks × 16 Bits Organization
Self Refresh Mode: Standard and Low Power
CAS Latency: 2 and 3
Burst Length: 1, 2, 4, 8, and Full Page
Burst Read, Single Writes Mode
Byte Data Controlled by LDQM, UDQM
Power-down Mode
Auto-precharge and Controlled Precharge
8K Refresh Cycles/64 mS
Interface: LVTTL
Packaged in TSOP II 54-pin, 400 mil - 0.80
AVAILABLE PART NUMBER
PART NUMBER
SPEED GRADE
SELF REFRESH CURRENT
(MAX.)
W982516AH-7
PC133/CL2
3 mA
W982516AH-75
PC133/CL3
3 mA
W982516AH-8H
PC100/CL2
3 mA
W982516AH75L
PC133/CL3
1 mA


Similar Part No. - W982516AH

ManufacturerPart #DatasheetDescription
logo
Winbond
W982516BH WINBOND-W982516BH Datasheet
1Mb / 43P
   4M X 4 BANKS X 16 BIT SDRAM
W982516BH-7 WINBOND-W982516BH-7 Datasheet
1Mb / 43P
   4M X 4 BANKS X 16 BIT SDRAM
W982516BH-75 WINBOND-W982516BH-75 Datasheet
1Mb / 43P
   4M X 4 BANKS X 16 BIT SDRAM
W982516BH75I WINBOND-W982516BH75I Datasheet
1Mb / 43P
   4M X 4 BANKS X 16 BIT SDRAM
W982516BH75L WINBOND-W982516BH75L Datasheet
1Mb / 43P
   4M X 4 BANKS X 16 BIT SDRAM
More results

Similar Description - W982516AH

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC42S16160 ICSI-IC42S16160 Datasheet
1Mb / 69P
   4M x 16Bit x 4 Banks (256-MBIT) SDRAM
logo
Samsung semiconductor
K4M561633G SAMSUNG-K4M561633G Datasheet
114Kb / 12P
   4M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4S56163PF SAMSUNG-K4S56163PF Datasheet
114Kb / 12P
   4M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M56163PG SAMSUNG-K4M56163PG Datasheet
115Kb / 12P
   4M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4S561633F SAMSUNG-K4S561633F Datasheet
114Kb / 12P
   4M x 16Bit x 4 Banks Mobile SDRAM in 54BOC
K4S561632C SAMSUNG-K4S561632C Datasheet
116Kb / 11P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM
K4M56163PE-R SAMSUNG-K4M56163PE-R Datasheet
112Kb / 12P
   4M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4S56163LF SAMSUNG-K4S56163LF Datasheet
114Kb / 12P
   4M x 16Bit x 4 Banks Mobile SDRAM in 54BOC
K4S561632B SAMSUNG-K4S561632B Datasheet
131Kb / 11P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
K4S561632A SAMSUNG-K4S561632A Datasheet
127Kb / 10P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com