Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LVXT4051M Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC74LVXT4051M
Description  ANALOG MULTIPLEXER DEMULTIPLEXER HIGH-PERFORMANCE SILICON-GATE CMOS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVXT4051M Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC74LVXT4051M Datasheet HTML 3Page - ON Semiconductor MC74LVXT4051M Datasheet HTML 4Page - ON Semiconductor MC74LVXT4051M Datasheet HTML 5Page - ON Semiconductor MC74LVXT4051M Datasheet HTML 6Page - ON Semiconductor MC74LVXT4051M Datasheet HTML 7Page - ON Semiconductor MC74LVXT4051M Datasheet HTML 8Page - ON Semiconductor MC74LVXT4051M Datasheet HTML 9Page - ON Semiconductor MC74LVXT4051M Datasheet HTML 10Page - ON Semiconductor MC74LVXT4051M Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MC74LVXT4051
http://onsemi.com
7
Figure 8. Maximum Off Channel Feedthrough Isolation, Test Set–Up
Figure 9. Maximum Common–Channel Feedthrough Isolation, Test Set–Up
OFF
ON
6
7
8
VCC
VEE
9–11
All untested Analog I/O pins
HP11667B
Pwr Splitter
HP4195A
Network Anl
0.1
mF
S1 R1
T1
0.1
mF
50 K
W
100 K
W
VIS
16
Config = Network
Format = T/R (dB)
CAL = Trans Cal
Display = Rectan X
*A)B
Scale Ref = Auto Scale
View = Off, Off, Off
Trig = Cont Mode
Source Amplitude =
)13 dB
Reference Attenuation = 20 dB
Test Attenuation = 0 dB
VISO(dB) = 20 log (VT1/VR1)
6
7
8
VCC
VEE
9–11
All untested Analog I/O pins
HP11667B
Pwr Splitter
HP4195A
Network Anl
0.1
mF
S1 R1
T1
0.1
mF
50
W
100 K
W
VIS
16
Config = Network
Format = T/R (dB)
CAL = Trans Cal
Display = Rectan X
*A)B
Scale Ref = Auto Scale
View = Off, Off, Off
Trig = Cont Mode
Source Amplitude =
)13 dB
Reference Attenuation = 20 dB
Test Attenuation = 0 dB
VISOC(dB) = 20 log (VT1/VR1)
ON
50 K
W
OFF
Channel Selects
connected to address
pins on HP4195A and
appropriately configured
to test each switch.
Channel Selects
connected to address
pins on HP4195A and
appropriately configured
to test each switch.


Similar Part No. - MC74LVXT4051M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVXT4051M ONSEMI-MC74LVXT4051M Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVXT4051MEL ONSEMI-MC74LVXT4051MEL Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVXT4051MELG ONSEMI-MC74LVXT4051MELG Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVXT4051MELG ONSEMI-MC74LVXT4051MELG Datasheet
180Kb / 15P
   Analog Multiplexer Demultiplexer
May, 2011 ??Rev. 5
MC74LVXT4051MG ONSEMI-MC74LVXT4051MG Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
More results

Similar Description - MC74LVXT4051M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IW4052B ETC-IW4052B Datasheet
196Kb / 6P
   Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC4052A KODENSHI-KK74HC4052A Datasheet
300Kb / 8P
   Analog Multiplexer/Demultiplexer High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC4053A IKSEMICON-IN74HC4053A Datasheet
225Kb / 9P
   Analog Multiplexer/Demultiplexer High-Performance Silicon-Gate CMOS
IW4051B IKSEMICON-IW4051B Datasheet
236Kb / 7P
   Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
IW4052B IKSEMICON-IW4052B Datasheet
256Kb / 7P
   Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
IW4053B IKSEMICON-IW4053B Datasheet
194Kb / 7P
   Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK4052B KODENSHI-KK4052B Datasheet
340Kb / 7P
   Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL4052B SLS-SL4052B Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
SL74HC4052 SLS-SL74HC4052 Datasheet
88Kb / 9P
   Analog Multiplexer/Demultiplexer(High-Performance Silicon-Gate CMOS)
logo
ON Semiconductor
MC74LVX4053 ONSEMI-MC74LVX4053 Datasheet
141Kb / 16P
   Analog Multiplexer/ Demultiplexer High-Performance Silicon-Gate CMOS
January, 2002 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com