Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH540203U35 Datasheet(PDF) 2 Page - Sharp Corporation

Part # LH540203U35
Description  CMOS 2048X9 ASYNCHRONOUS FIFO
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH540203U35 Datasheet(HTML) 2 Page - Sharp Corporation

  LH540203U35 Datasheet HTML 1Page - Sharp Corporation LH540203U35 Datasheet HTML 2Page - Sharp Corporation LH540203U35 Datasheet HTML 3Page - Sharp Corporation LH540203U35 Datasheet HTML 4Page - Sharp Corporation LH540203U35 Datasheet HTML 5Page - Sharp Corporation LH540203U35 Datasheet HTML 6Page - Sharp Corporation LH540203U35 Datasheet HTML 7Page - Sharp Corporation LH540203U35 Datasheet HTML 8Page - Sharp Corporation LH540203U35 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Data words are read out from the LH540203’s output
port in precisely the same order that they were written in
at its input port; that is, according to a First-In, First Out
(FIFO) queue discipline. Since the addressing sequence
for a FIFO device’s memory is internally predefined, no
external addressing information is required for the opera-
tion of the LH540203 device.
Drop-in-replacement compatibility is maintained with
both larger sizes and smaller sizes of industry-standard
nine-bit asynchronous FIFOs. The only change is in the
number of internally-stored data words implied by the
states of the Full Flag and the Half-Full Flag.
The Retransmit (RT) control signal causes the internal
FIFO-memory-array read-address pointer to be set back
to zero, to point to the LH540203’s first physical memory
location, without affecting the internal FIFO-memory-
array write-address pointer. Thus, the Retransmit control
signal provides a mechanism whereby a block of data,
delimited by the zero physical address and the current
write-address-pointer value, may be read out
repeatedly
an arbitrary number of times. The only restrictions are that
neither the read-address pointer nor the write-address
pointer may ‘wrap around’ during this entire process, i.e.,
advance past physical location zero after traversing the
entire memory. The retransmit facility is not available
when an LH540203 is operating in a depth-expanded
configuration.
The Reset (RS) control signal returns the LH540203
to an initial state, empty and ready to be filled. An
LH540203 should be reset during every system power-up
sequence. A reset operation causes the internal FIFO-
memory-array write-address pointer, as well as the read-
address pointer, to be set back to zero, to point to the
LH540203’s first physical memory location. Any informa-
tion which previously had been stored within the
LH540203 is not recoverable after a reset operation.
Acascading (depth-expansion) scheme may be imple-
mented by using the Expansion In (XI) input signal and
the Expansion Out (XO/HF) output signal. This allows a
deeper ‘effective FIFO’ to be implemented by using two
or more LH540203 devices, without incurring additional
latency (‘fallthrough’ or ‘bubblethrough’) delays, and with-
out the necessity of storing and retrieving any given data
word more than once. In this cascaded operating mode,
one LH540203 device must be designated as the ‘first-
load’ or ‘master’ device, by grounding its First-Load
(FL/RT) control input; the remaining LH540203 devices
are designated as ‘slaves,’ by tying their FL/RT inputs
HIGH. Because of the need to share control signals on
pins, the Half-Full Flag and the retransmission capability
are not available for either ‘master’ or ‘slave’ LH540203
devices operating in cascaded mode.
FUNCTIONAL DESCRIPTION (cont’d)
DATA OUTPUTS
Q0 - Q8
FLAG
LOGIC
WRITE
POINTER
READ
POINTER
DATA INPUTS
D0 - D8
DUAL-PORT
RAM
ARRAY
2048 x 9
EF
FF
. . .
540203-1
INPUT
PORT
CONTROL
R
W
RESET
LOGIC
RS
OUTPUT
PORT
CONTROL
EXPANSION
LOGIC
XO/HF
XI
FL/RT
Figure 3.
LH540203 Block Diagram
LH540203
CMOS 2048
× 9 Asynchronous FIFO
2


Similar Part No. - LH540203U35

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH540203 SHARP-LH540203 Datasheet
156Kb / 17P
   CMOS 2048 x 9 Asynchronous FIFO
More results

Similar Description - LH540203U35

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7202LA20JG IDT-7202LA20JG Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7203 IDT-IDT7203_17 Datasheet
143Kb / 14P
   CMOS ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT7203 RENESAS-IDT7203 Datasheet
276Kb / 15P
   CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT7203 IDT-IDT7203_06 Datasheet
112Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7200L IDT-IDT7200L_17 Datasheet
139Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280_17 Datasheet
149Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280_12 Datasheet
295Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT7280 RENESAS-IDT7280 Datasheet
114Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72V01 IDT-IDT72V01_12 Datasheet
301Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
IDT72V06 IDT-IDT72V06 Datasheet
149Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com