Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3480EBEPI Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3480EBEPI
Description  -15kV ESD-Protected, Isolated, 3.3V RS-485/RS-422 Data Interfaces
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3480EBEPI Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3480EBEPI Datasheet HTML 1Page - Maxim Integrated Products MAX3480EBEPI Datasheet HTML 2Page - Maxim Integrated Products MAX3480EBEPI Datasheet HTML 3Page - Maxim Integrated Products MAX3480EBEPI Datasheet HTML 4Page - Maxim Integrated Products MAX3480EBEPI Datasheet HTML 5Page - Maxim Integrated Products MAX3480EBEPI Datasheet HTML 6Page - Maxim Integrated Products MAX3480EBEPI Datasheet HTML 7Page - Maxim Integrated Products MAX3480EBEPI Datasheet HTML 8Page - Maxim Integrated Products MAX3480EBEPI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
±15kV ESD-Protected, Isolated, 3.3V
RS-485/RS-422 Data Interfaces
4
_______________________________________________________________________________________
Note 1: All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to
logic-side ground (GND1, GND2), unless otherwise specified.
Note 2: For DE
´ and DI´ pin descriptions, see Detailed Block Diagram and Typical Application Circuit (Figure 1 for
MAX3480EA/MAX3480EB).
Note 3: Shutdown supply current is the current at VCC1 when shutdown is enabled.
Note 4: Limit guaranteed by applying 1520VRMS for 1s. Test voltage is applied between all pins on one side of the package to all
pins on the other side of the package. For example, between pins 1 and 14, and 15 and 28.
Note 5: Applies to peak current. See Typical Operating Characteristics and Applications Information.
ns
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
tPLH - tPHLDifferential
Receiver Skew
tPLH
1.5
3.0
Driver Input to Output
Propagation Delay
µs
Driver Output Skew
tSKEW
300
1200
ns
Driver Rise or Fall Time
tR, tF
1.0
2.0
µs
Driver Enable to Output High
tZH
1.2
4.5
µs
Driver Enable to Output Low
tZL
1.0
4.5
µs
Driver Disable Time from Low
tLZ
1.5
4.5
µs
CONDITIONS
Figures 4, 6; RDIFF = 54
Ω,
CL1 = CL2 = 100pF
Figures 5, 7; CL = 100pF, S2 closed
Figures 5, 7; CL = 100pF, S1 closed
Figures 4, 6; RDIFF = 54
Ω,
CL1 = CL2 = 100pF
Figures 4, 6; RDIFF = 54
Ω,
CL1 = CL2 = 100pF
Figures 5, 7; CL = 15pF, S1 closed
Driver Disable Time from High
tHZ
2.0
4.5
µs
Figures 5, 7; CL = 15pF, S2 closed
tSKD
tPLH
0.6
3.0
Receiver Input to Output
Propagation Delay
tPHL
1.4
3.0
µs
Figures 4, 8; RDIFF = 54
Ω,
CL1 = CL2 = 100pF
750
1500
Figures 4, 8; RDIFF = 54
Ω,
CL1 = CL2 = 100pF
Maximum Data Rate
fMAX
160
kbps
tSKEW, tSKD
≤ 25% of data period
tPHL
1.2
3.0
SWITCHING CHARACTERISTICS—MAX3480EB
(VCC = VCC1 = VCC2 = VCC4 =VCC5 = +3.0V to +3.6V, FS = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
VCC = +3.3V and TA = +25°C.)


Similar Part No. - MAX3480EBEPI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3480A MAXIM-MAX3480A Datasheet
158Kb / 16P
   Complete, Isolated, 3.3V RS-485/RS-422 Data Interface
Rev 0; 1/96
MAX3480ACPI MAXIM-MAX3480ACPI Datasheet
158Kb / 16P
   Complete, Isolated, 3.3V RS-485/RS-422 Data Interface
Rev 0; 1/96
MAX3480AEPI MAXIM-MAX3480AEPI Datasheet
158Kb / 16P
   Complete, Isolated, 3.3V RS-485/RS-422 Data Interface
Rev 0; 1/96
MAX3480BCPI MAXIM-MAX3480BCPI Datasheet
158Kb / 16P
   Complete, Isolated, 3.3V RS-485/RS-422 Data Interface
Rev 0; 1/96
MAX3480BEPI MAXIM-MAX3480BEPI Datasheet
158Kb / 16P
   Complete, Isolated, 3.3V RS-485/RS-422 Data Interface
Rev 0; 1/96
More results

Similar Description - MAX3480EBEPI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1480E MAXIM-MAX1480E Datasheet
1Mb / 19P
   15kV ESD-Protected, Isolated RS-485/RS-422
Rev 0; 4/01
MAX3070E MAXIM-MAX3070E_14 Datasheet
723Kb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
logo
STMicroelectronics
ST3485E STMICROELECTRONICS-ST3485E_06 Datasheet
336Kb / 22P
   3.3V Powered, 15KV ESD protected, Up to 12Mbps RS-485/RS-422 transceiver
logo
Maxim Integrated Produc...
MAX3076EASD-T MAXIM-MAX3076EASD-T Datasheet
1Mb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
logo
STMicroelectronics
ST1480A STMICROELECTRONICS-ST1480A Datasheet
335Kb / 22P
   3.3V Powered, 15KV ESD protected, Up to 12Mbps true RS-485/RS-422 transceiver
logo
Maxim Integrated Produc...
MAX3480A MAXIM-MAX3480A Datasheet
158Kb / 16P
   Complete, Isolated, 3.3V RS-485/RS-422 Data Interface
Rev 0; 1/96
MAX3095 MAXIM-MAX3095_10 Datasheet
195Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
Rev 2; 1/10
MAX3095 MAXIM-MAX3095_1 Datasheet
198Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V,, Quad RS-422/RS-485 Receivers
Rev 3; 1/10
logo
Intersil Corporation
ISL3330IAZ INTERSIL-ISL3330IAZ Datasheet
947Kb / 25P
   3.3V, ±15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
May 20, 2008
logo
Exar Corporation
XR33193 EXAR-XR33193 Datasheet
420Kb / 12P
   3.3V, 20Mbps, TSOT23 RS-485/RS-422 Transmitters with 15kV ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com