Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3480EBCPI Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX3480EBCPI
Description  -15kV ESD-Protected, Isolated, 3.3V RS-485/RS-422 Data Interfaces
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3480EBCPI Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX3480EBCPI Datasheet HTML 7Page - Maxim Integrated Products MAX3480EBCPI Datasheet HTML 8Page - Maxim Integrated Products MAX3480EBCPI Datasheet HTML 9Page - Maxim Integrated Products MAX3480EBCPI Datasheet HTML 10Page - Maxim Integrated Products MAX3480EBCPI Datasheet HTML 11Page - Maxim Integrated Products MAX3480EBCPI Datasheet HTML 12Page - Maxim Integrated Products MAX3480EBCPI Datasheet HTML 13Page - Maxim Integrated Products MAX3480EBCPI Datasheet HTML 14Page - Maxim Integrated Products MAX3480EBCPI Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
±15kV ESD-Protected, Isolated, 3.3V
RS-485/RS-422 Data Interfaces
______________________________________________________________________________________
11
_________________________________________________________________Test Circuits
Figure 3. Driver DC Test Load
Figure 4. Driver/Receiver Timing Test Circuit
Figure 5. Driver Timing Test Load
R
R
A
B
VOD
VOC
DI
´
DE
´
+3.3V
A
B
CL1
CL2
A
B
RO
R3
+3.3V
RDIFF
VID
ISOLATION BARRIER
ISOLATION BARRIER
R
D
OUTPUT
UNDER TEST
500
S1
S2
ISO VCC1,
ISO VCC2
CL
_______________________________________________________Switching Waveforms
Figure 6. Driver Propagation Delays and Transition Times
Figure 7. Driver Enable and Disable Times
DI
´
VCC_ - 0.4V
VCC_ - 0.4V
2
VCC_ - 0.4V
2
0
B
A
VO
0
-VO
VO
tPLH
1/2 VO
10%
tR
90%
90%
tPHL
1/2 VO
10%
tF
VDIFF = VA - VB
VDIFF
tSKEW =
| tPLH - tPHL |
OUTPUT NORMALLY LOW
OUTPUT NORMALLY HIGH
0
A, B
VOL
A, B
0
VOL + 0.5V
VOH - 0.5V
2.3V
2.3V
tZL
tLZ
tZH
tHZ
DE
´
VCC_ - 0.4V
VCC_ - 0.4V
2
VCC_ - 0.4V
2


Similar Part No. - MAX3480EBCPI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3480A MAXIM-MAX3480A Datasheet
158Kb / 16P
   Complete, Isolated, 3.3V RS-485/RS-422 Data Interface
Rev 0; 1/96
MAX3480ACPI MAXIM-MAX3480ACPI Datasheet
158Kb / 16P
   Complete, Isolated, 3.3V RS-485/RS-422 Data Interface
Rev 0; 1/96
MAX3480AEPI MAXIM-MAX3480AEPI Datasheet
158Kb / 16P
   Complete, Isolated, 3.3V RS-485/RS-422 Data Interface
Rev 0; 1/96
MAX3480BCPI MAXIM-MAX3480BCPI Datasheet
158Kb / 16P
   Complete, Isolated, 3.3V RS-485/RS-422 Data Interface
Rev 0; 1/96
MAX3480BEPI MAXIM-MAX3480BEPI Datasheet
158Kb / 16P
   Complete, Isolated, 3.3V RS-485/RS-422 Data Interface
Rev 0; 1/96
More results

Similar Description - MAX3480EBCPI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1480E MAXIM-MAX1480E Datasheet
1Mb / 19P
   15kV ESD-Protected, Isolated RS-485/RS-422
Rev 0; 4/01
MAX3070E MAXIM-MAX3070E_14 Datasheet
723Kb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
logo
STMicroelectronics
ST3485E STMICROELECTRONICS-ST3485E_06 Datasheet
336Kb / 22P
   3.3V Powered, 15KV ESD protected, Up to 12Mbps RS-485/RS-422 transceiver
logo
Maxim Integrated Produc...
MAX3076EASD-T MAXIM-MAX3076EASD-T Datasheet
1Mb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
logo
STMicroelectronics
ST1480A STMICROELECTRONICS-ST1480A Datasheet
335Kb / 22P
   3.3V Powered, 15KV ESD protected, Up to 12Mbps true RS-485/RS-422 transceiver
logo
Maxim Integrated Produc...
MAX3480A MAXIM-MAX3480A Datasheet
158Kb / 16P
   Complete, Isolated, 3.3V RS-485/RS-422 Data Interface
Rev 0; 1/96
MAX3095 MAXIM-MAX3095_10 Datasheet
195Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
Rev 2; 1/10
MAX3095 MAXIM-MAX3095_1 Datasheet
198Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V,, Quad RS-422/RS-485 Receivers
Rev 3; 1/10
logo
Intersil Corporation
ISL3330IAZ INTERSIL-ISL3330IAZ Datasheet
947Kb / 25P
   3.3V, ±15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
May 20, 2008
logo
Exar Corporation
XR33193 EXAR-XR33193 Datasheet
420Kb / 12P
   3.3V, 20Mbps, TSOT23 RS-485/RS-422 Transmitters with 15kV ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com