Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

56F8347 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 56F8347
Description  16-BIT HYBRID CONTROLLERS
Download  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8347 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 56F8347 Datasheet HTML 3Page - Freescale Semiconductor, Inc 56F8347 Datasheet HTML 4Page - Freescale Semiconductor, Inc 56F8347 Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F8347 Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F8347 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F8347 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F8347 Datasheet HTML 9Page - Freescale Semiconductor, Inc 56F8347 Datasheet HTML 10Page - Freescale Semiconductor, Inc 56F8347 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 176 page
background image
Device Description
56F8347 Technical Data, Rev. 3.0
Freescale Semiconductor
7
Preliminary
Two Serial Communication Interfaces (SCIs), each with two pins (or four additional GPIO lines)
Up to two Serial Peripheral Interfaces (SPIs), both with configurable 4-pin port (or eight additional GPIO
lines)
— In the 56F8347, SPI1 can also be used as Quadrature Decoder 1 or Quad Timer B
— In the 56F8147, SPI1 can alternately be used only as GPIO
Computer Operating Properly (COP) / Watchdog timer
Two dedicated external interrupt pins
Up to 76 General Purpose I/O (GPIO) pins
External reset input pin for hardware reset
External reset output pin for system reset
JTAG/Enhanced On-Chip Emulation (OnCE) for unobtrusive, processor speed-independent, real-time
debugging
Software-programmable, Phase Lock Loop (PLL)-based frequency synthesizer for the core clock
1.1.5
Energy Information
Fabricated in high-density CMOS with 5V-tolerant, TTL-compatible digital inputs
On-board 3.3V down to 2.6V voltage regulator for powering internal logic and memories; can be disabled
On-chip regulators for digital and analog circuitry to lower cost and reduce noise
Wait and Stop modes available
ADC smart power management
Each peripheral can be individually disabled to save power
1.2 Device Description
The 56F8347 and 56F8147 are members of the 56800E core-based family of hybrid controllers. Each
combines, on a single chip, the processing power of a Digital Signal Processor (DSP) and the functionality
of a microcontroller with a flexible set of peripherals to create an extremely cost-effective solution.
Because of its low cost, configuration flexibility, and compact program code, the 56F8347 and 56F8147
are well-suited for many applications. The device includes many peripherals that are especially useful for
motion control, smart appliances, steppers, encoders, tachometers, limit switches, power supply and
control, automotive control (56F8347 only), engine management, noise suppression, remote utility
metering, industrial control for power, lighting, and automation applications.
The 56800E core is based on a Harvard-style architecture consisting of three execution units operating in
parallel, allowing as many as six operations per instruction cycle. The MCU-style programming model and
optimized instruction set allow straightforward generation of efficient, compact DSP and control code.
The instruction set is also highly efficient for C/C++ Compilers to enable rapid development of optimized
control applications.
The 56F8347 and 56F8147 support program execution from internal or external memories. Two data
operands can be accessed from the on-chip data RAM per instruction cycle. These devices also provide
two external dedicated interrupt lines and up to 76 General Purpose Input/Output (GPIO) lines, depending
on peripheral configuration.


Similar Part No. - 56F8347

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8347 FREESCALE-56F8347 Datasheet
2Mb / 172P
   16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
   16-bit Digital Signal Controllers
More results

Similar Description - 56F8347

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
56F8357 ETC-56F8357 Datasheet
2Mb / 172P
   16-BIT HYBRID CONTROLLERS
logo
Motorola, Inc
MC56F8323 MOTOROLA-MC56F8323 Datasheet
1Mb / 140P
   16-bit Hybrid Controllers
logo
Freescale Semiconductor...
56F8355 FREESCALE-56F8355 Datasheet
2Mb / 164P
   16-bit Hybrid Controllers
logo
Motorola, Inc
MC56F8322 MOTOROLA-MC56F8322 Datasheet
1Mb / 136P
   16-bit Hybrid Controllers
logo
Freescale Semiconductor...
56F8033 FREESCALE-56F8033 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
56F8346 FREESCALE-56F8346_07 Datasheet
886Kb / 178P
   16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
   16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
   16-bit Digital Signal Controllers
56F8355 FREESCALE-56F8355_09 Datasheet
1Mb / 172P
   16-Bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com