Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1C6F324I8 Datasheet(PDF) 2 Page - Altera Corporation

Part # EP1C6F324I8
Description  Cyclone FPGA Family
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C6F324I8 Datasheet(HTML) 2 Page - Altera Corporation

  EP1C6F324I8 Datasheet HTML 1Page - Altera Corporation EP1C6F324I8 Datasheet HTML 2Page - Altera Corporation EP1C6F324I8 Datasheet HTML 3Page - Altera Corporation EP1C6F324I8 Datasheet HTML 4Page - Altera Corporation EP1C6F324I8 Datasheet HTML 5Page - Altera Corporation EP1C6F324I8 Datasheet HTML 6Page - Altera Corporation EP1C6F324I8 Datasheet HTML 7Page - Altera Corporation EP1C6F324I8 Datasheet HTML 8Page - Altera Corporation EP1C6F324I8 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 94 page
background image
2
Altera Corporation
Cyclone FPGA Family Data Sheet
Preliminary Information
Cyclone devices are available in quad flat pack (QFP) and space-saving
FineLine BGApackages (see Tables 2 through 3).
Notes to Table 2:
(1)
TQFP: thin quad flat pack.
PQFP: plastic quad flat pack.
(2)
Cyclone devices support vertical migration within the same package (i.e., designers can migrate between the EP1C3
device in the 144-pin TQFP package and the EP1C6 device in the same package).
Table 2. Cyclone Package Options & I/O Pin Counts
Device
100-Pin
TQFP (1)
144-Pin
TQFP (1), (2)
240-Pin
PQFP (1)
256-Pin
FineLine
BGA
324-Pin
FineLine
BGA
400-Pin
FineLine
BGA
EP1C3
65
104
EP1C4
249
301
EP1C6
98
185
185
EP1C12
173
185
249
EP1C20
233
301
Table 3. Cyclone QFP & FineLine BGA Package Sizes
Dimension
100-Pin
TQFP
144-Pin
TQFP
240-Pin
PQFP
256-Pin
FineLine
BGA
324-Pin
FineLine
BGA
400-Pin
FineLine
BGA
Pitch (mm)
0.5
0.5
0.5
1.0
1.0
1.0
Area (mm2)
256
484
1,024
289
361
441
Length
× width
(mm
× mm)
16
× 16
22
× 22
34.6
× 34.6
17
× 17
19
× 19
21
× 21


Similar Part No. - EP1C6F324I8

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C6F324I8ES ALTERA-EP1C6F324I8ES Datasheet
1Mb / 104P
   Cyclone FPGA Family Data Sheet
More results

Similar Description - EP1C6F324I8

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
   Cyclone FPGA Family
EP1C3 ALTERA-EP1C3 Datasheet
1Mb / 104P
   Cyclone FPGA Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CGX150CF23C8N ALTERA-EP4CGX150CF23C8N Datasheet
395Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CE10F17I7N ALTERA-EP4CE10F17I7N Datasheet
498Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com